Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPD3000SOT89 Datasheet(PDF) 4 Page - Filtronic Compound Semiconductors

Part # FPD3000SOT89
Description  LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD3000SOT89 Datasheet(HTML) 4 Page - Filtronic Compound Semiconductors

  FPD3000SOT89 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD3000SOT89 Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD3000SOT89 Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD3000SOT89 Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD3000SOT89 Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD3000SOT89 Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD3000SOT89 Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD3000SOT89 Datasheet HTML 8Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FPD3000SOT89
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
Phone: +1 408 850-5790
http:// www.filtronic.co.uk/semis
Revised: 01/05/05
Fax: +1 408 850-5766
Email: sales@filcsi.com
TYPICAL TUNED RF PERFORMANCE
Typical power and efficiency is shown above. The devices were biased nominally at VDS = 5V, IDS
= 50% of IDSS, at a test frequency of 1.85 GHz. The test devices were tuned (input and output
tuning) for maximum output power at 1dB gain compression.
Power Transfer Characteristic
23.0
24.0
25.0
26.0
27.0
28.0
29.0
30.0
31.0
32.0
11.0
13.0
15.0
17.0
19.0
21.0
23.0
Input Power (dBm)
-0.75
-0.25
0.25
0.75
1.25
1.75
2.25
2.75
3.25
Pout (dBm)
Comp Point
Drain Efficiency and PAE
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
12.0
13.0
14.0
15.0
16.0
17.0
18.0
19.0
20.0
21.0
22.0
Input Power (dBm)
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
PAE
Eff.


Similar Part No. - FPD3000SOT89

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD3000SOT89 FILTRONIC-FPD3000SOT89 Datasheet
475Kb / 7P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89E FILTRONIC-FPD3000SOT89E Datasheet
475Kb / 7P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89E-BA FILTRONIC-FPD3000SOT89E-BA Datasheet
475Kb / 7P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89E-BB FILTRONIC-FPD3000SOT89E-BB Datasheet
475Kb / 7P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89E-BC FILTRONIC-FPD3000SOT89E-BC Datasheet
475Kb / 7P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results

Similar Description - FPD3000SOT89

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD1500SOT89 FILTRONIC-FPD1500SOT89_1 Datasheet
708Kb / 12P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750DFN FILTRONIC-FPD750DFN_1 Datasheet
419Kb / 9P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750SOT89 FILTRONIC-FPD750SOT89 Datasheet
386Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN_ FILTRONIC-FPD1500DFN_ Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89_1 Datasheet
475Kb / 7P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN FILTRONIC-FPD1500DFN_1 Datasheet
462Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
LP1500SOT223 FILTRONIC-LP1500SOT223 Datasheet
69Kb / 2P
   Low Noise, High Linearity Packaged PHEMT
LP3000SOT89 FILTRONIC-LP3000SOT89 Datasheet
44Kb / 3P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD750SOT343 FILTRONIC-FPD750SOT343 Datasheet
105Kb / 4P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1050SOT89 FILTRONIC-FPD1050SOT89 Datasheet
237Kb / 8P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com