Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS2007QFN Datasheet(PDF) 4 Page - Filtronic Compound Semiconductors

Part # FMS2007QFN
Description  DC-6GHz DPDT Diversity Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2007QFN Datasheet(HTML) 4 Page - Filtronic Compound Semiconductors

  FMS2007QFN Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2007QFN Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2007QFN Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2007QFN Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2007QFN Datasheet HTML 5Page - Filtronic Compound Semiconductors FMS2007QFN Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Preliminary Data Sheet
2.1
4
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK): Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filcsi.com
Website: www.filtronic.co.uk/semis
FMS2007QFN
Pad Layout:
QFN 12 Lead 3*3 Package Outline:
Pin Number
Description
1
N/C
2
V2
3
V4
4
ANT1 / RF3
5
GND
6
ANT2 / RF4
7
V1
8
V3
9
N/C
10
RX / RF2
11
GND
12
Tx / RF1
PADDLE
GND
PADDLE
6
3
4
5
12
Pin 1
V3
TX
RF1
2
7
9
10
11
V4
V2
V1
RX
RF2
ANT2
RF4
ANT1
RF3
GND
GND
8
C1


Similar Part No. - FMS2007QFN

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2007 FILTRONIC-FMS2007 Datasheet
213Kb / 6P
   DC-6GHz DPDT Diversity Switch
FMS2007-000-EB FILTRONIC-FMS2007-000-EB Datasheet
213Kb / 6P
   DC-6GHz DPDT Diversity Switch
FMS2007-000-FF FILTRONIC-FMS2007-000-FF Datasheet
213Kb / 6P
   DC-6GHz DPDT Diversity Switch
FMS2007-000-GP FILTRONIC-FMS2007-000-GP Datasheet
213Kb / 6P
   DC-6GHz DPDT Diversity Switch
FMS2007-000-WP FILTRONIC-FMS2007-000-WP Datasheet
213Kb / 6P
   DC-6GHz DPDT Diversity Switch
More results

Similar Description - FMS2007QFN

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2007 FILTRONIC-FMS2007 Datasheet
213Kb / 6P
   DC-6GHz DPDT Diversity Switch
logo
M/A-COM Technology Solu...
MASWSS0175 MA-COM-MASWSS0175_15 Datasheet
557Kb / 5P
   GaAs DPDT Diversity Switch
MASW-009460 MA-COM-MASW-009460_15 Datasheet
672Kb / 6P
   GaAs DPDT Diversity Switch
MASWSS0175 MA-COM-MASWSS0175 Datasheet
87Kb / 4P
   GaAs DPDT Diversity Switch DC - 6.0 GHz
MASW-009460 MA-COM-MASW-009460 Datasheet
149Kb / 5P
   GaAs DPDT Diversity Switch
logo
Tyco Electronics
MASWSS0129 MACOM-MASWSS0129 Datasheet
125Kb / 4P
   GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0190 MA-COM-MASWSS0190_15 Datasheet
120Kb / 4P
   GaAs Broadband DPDT Diversity Switch
MASWSS0129 MA-COM-MASWSS0129_15 Datasheet
669Kb / 5P
   GaAs Broadband DPDT Diversity Switch
logo
Hexawave, Inc
HWS454_V4 HW-HWS454_V4_15 Datasheet
112Kb / 5P
   GaAs 0.5-6GHz DPDT Switch
logo
M/A-COM Technology Solu...
MASWSS0107 MA-COM-MASWSS0107 Datasheet
76Kb / 4P
   GaAs Broadband DPDT Diversity Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com