Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJ10012 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJ10012
Description  POWER TRANSISTORS DARLINGTON NPN SILICON
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ10012 Datasheet(HTML) 4 Page - ON Semiconductor

  MJ10012 Datasheet HTML 1Page - ON Semiconductor MJ10012 Datasheet HTML 2Page - ON Semiconductor MJ10012 Datasheet HTML 3Page - ON Semiconductor MJ10012 Datasheet HTML 4Page - ON Semiconductor MJ10012 Datasheet HTML 5Page - ON Semiconductor MJ10012 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJ10012 MJH10012
4
Motorola Bipolar Power Transistor Device Data
Figure 9. Thermal Response
t, TIME (ms)
1
0.01
0.5
0.2
0.1
0.05
0.03
0.01
R
θJC(t) = r(t) RθJC
R
θJC = °C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
SINGLE PULSE
0.2
0.05
0.1
0.02
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
200
2,000
500
0.7
0.3
0.07
0.02
1,000
50
5
Figure 10. Forward Bias Safe Operating Area
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
20
10
5
2
1
0.2
0.1
0.005
50
70 100
200
500
BONDING WIRE LIMIT
THERMAL LIMIT (SINGLE PULSE)
SECOND BREAKDOWN LIMIT
300
0.01
MJH10012
TC = 25°C
MJ10012
dc
5.0 ms
1.0 ms
100
µs
10
20
30
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation,
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 10 is based on TC = 25_C, TJ(pk) is
variable depending on power level. Second breakdown pulse
limits are valid for duty cycles to 10% but must be derated
when TC ≥ 25_C. Second breakdown limitations do not der-
ate the same as thermal limitations. Allowable current at the
voltages shown on Figure 10 may be found at any case tem-
perature by using the appropriate curve on Figure 11.
TJ(pk) may be calculated from the data in Figure 11. At high
case temperatures, thermal limitations will reduce the power
that can be handled to values less than the limitations im-
posed by second breakdown.
Figure 11. Power Derating
Figure 12. Usage Test Circuit
t1 to be selected such that IC reaches 6 Adc before switch-off.
NOTE: “Usage Test,” Figure 12 specifies energy handling
capabilities in an automotive ignition circuit.
100
80
60
20
0
0
40
80
120
200
TC, CASE TEMPERATURE (°C)
THERMAL DERATING
SECOND BREAKDOWN
DERATING
160
MJH10012
MJ10012
20
1.5
10 mH
STANCORE
C2688
VZ = 400 V
T.U.T.
0.3
µF
10 Vdc
VCC = 12 Vdc
0 Vdc
t1
5 ms
220
1N4933
2N5881
27


Similar Part No. - MJ10012

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ10012 MOSPEC-MJ10012 Datasheet
176Kb / 4P
   POWER TRANSISTORS(10A,400V,175W)
logo
Motorola, Inc
MJ10012 MOTOROLA-MJ10012 Datasheet
191Kb / 6P
   10 AMPERE POWER TRANSISTORS DARLINGTON NPN SILICON 400 VOLTS 175 AND 118 WATTS
logo
Wing Shing Computer Com...
MJ10012 WINGS-MJ10012 Datasheet
23Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Boca Semiconductor Corp...
MJ10012 BOCA-MJ10012 Datasheet
183Kb / 4P
   NPN SILICON POWER DARLINGTON TRANSISTORS
logo
Central Semiconductor C...
MJ10012 CENTRAL-MJ10012 Datasheet
54Kb / 1P
   Power Transistors
More results

Similar Description - MJ10012

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ10005 ONSEMI-MJ10005 Datasheet
229Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
REV 2
MJ10020 ONSEMI-MJ10020 Datasheet
293Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
1995
logo
Quanzhou Jinmei Electro...
2SD2439 JMNIC-2SD2439_15 Datasheet
88Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD1895_2015 JMNIC-2SD1895_2015 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Inchange Semiconductor ...
2SD2386 ISC-2SD2386 Datasheet
83Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1895 JMNIC-2SD1895 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Savantic, Inc.
2SC3144 SAVANTIC-2SC3144 Datasheet
99Kb / 3P
   Silicon NPN Darlington Power Transistors
2SC3146 SAVANTIC-2SC3146 Datasheet
96Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2386 SAVANTIC-2SD2386 Datasheet
126Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2439 SAVANTIC-2SD2439 Datasheet
142Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2560 SAVANTIC-2SD2560 Datasheet
147Kb / 3P
   Silicon NPN Darlington Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com