Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A54SX16P-1FG208 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # A54SX16P-1FG208
Description  54SX Family FPGAs
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A54SX16P-1FG208 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button A54SX16P-1FG208 Datasheet HTML 7Page - List of Unclassifed Manufacturers A54SX16P-1FG208 Datasheet HTML 8Page - List of Unclassifed Manufacturers A54SX16P-1FG208 Datasheet HTML 9Page - List of Unclassifed Manufacturers A54SX16P-1FG208 Datasheet HTML 10Page - List of Unclassifed Manufacturers A54SX16P-1FG208 Datasheet HTML 11Page - List of Unclassifed Manufacturers A54SX16P-1FG208 Datasheet HTML 12Page - List of Unclassifed Manufacturers A54SX16P-1FG208 Datasheet HTML 13Page - List of Unclassifed Manufacturers A54SX16P-1FG208 Datasheet HTML 14Page - List of Unclassifed Manufacturers A54SX16P-1FG208 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
v3.1
11
54S X Fam ily F P G A s
PCI Complianc e fo r the 5 4 SX Family
The 54SX family supports 3.3V and 5V PCI and is compliant with the PCI Local Bus Specification Rev. 2.1.
A54SX16P DC Specifications (5.0V PCI Operation)
Symbol
Parameter
Condition
Min.
Max.
Units
VCCA
Supply Voltage for Array
3.0
3.6
V
VCCR
Supply Voltage required for Internal Biasing
4.75
5.25
V
VCCI
Supply Voltage for IOs
4.75
5.25
V
VIH
Input High Voltage1
2.0
VCC + 0.5
V
VIL
Input Low Voltage1
–0.5
0.8
V
IIH
Input High Leakage Current
VIN = 2.7
70
µA
IIL
Input Low Leakage Current
VIN = 0.5
–70
µA
VOH
Output High Voltage
IOUT = –2 mA
2.4
V
VOL
Output Low Voltage2
IOUT = 3 mA, 6 mA
0.55
V
CIN
Input Pin Capacitance3
10
pF
CCLK
CLK Pin Capacitance
5
12
pF
CIDSEL
IDSEL Pin Capacitance4
8pF
Notes:
1.
Input leakage currents include hi-Z output leakage for all bi-directional buffers with tri-state outputs.
2.
Signals without pull-up resistors must have 3 mA low output current. Signals requiring pull up must have 6 mA; the latter include,
FRAME#, IRDY#, TRDY#, DEVSEL#, STOP#, SERR#, PERR#, LOCK#, and, when used AD[63::32], C/BE[7::4]#, PAR64, REQ64#, and ACK64#.
3.
Absolute maximum pin capacitance for a PCI input is 10 pF (except for CLK).
4.
Lower capacitance on this input-only pin allows for non-resistive coupling to AD[xx].


Similar Part No. - A54SX16P-1FG208

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX16P-1FG208 ACTEL-A54SX16P-1FG208 Datasheet
503Kb / 64P
   SX Family FPGAs
A54SX16P-1FG208I ACTEL-A54SX16P-1FG208I Datasheet
503Kb / 64P
   SX Family FPGAs
A54SX16P-1FG208M ACTEL-A54SX16P-1FG208M Datasheet
503Kb / 64P
   SX Family FPGAs
A54SX16P-1FG208PP ACTEL-A54SX16P-1FG208PP Datasheet
503Kb / 64P
   SX Family FPGAs
More results

Similar Description - A54SX16P-1FG208

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com