Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4122 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # 4122
Description  POWER DIVDERS - TWO WAY, 1TO 18 GHZ
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

4122 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  4122 Datasheet HTML 1Page - Filtronic Compound Semiconductors 4122 Datasheet HTML 2Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT
POWER DIVDERS
SPECIFICATION
TWO WAY, 1 TO 18 GHZ
FEATURES
• Designed to Meet MIL-E-5400 Class 3
• SMA Female Connectors per MIL-PRF-39012
• High Isolation Wilkinson Circuit Design
4002 SERIES
SPECIFICATIONS
Frequency
Range
GHz
Insertion
Loss max
(dB) @ f (GHz)
VSWR
max
Input/Output
Isolation
min
(dB)
Amplitude
Unbalance
max
(dB)
Phase
Unbalance
max
(Degrees)
Average
Power1
(W) @ 1 GHz
Model
1-2
0.3
1.35/1.35
20
0.2
2
15
4122
2-4
0.3
1.35/1.35
20
0.2
3
5
4132
2.3-4.4
0.4
1.25/1.30
20
0.2
3
2
4132A
3.7-4.2
0.4
1.25/1.30
20
0.2
3
2
4212
4-8
0.4
1.35/1.35
20
0.3
3
2
4142
7.2-10.8
0.6
1.50/1.35
20
0.4
4
2
4152A
2-18
(Note 2)
1.50/1.40
17 (2-3 GHz)
0.2
2 (2-3 GHz)
5
4232
20 (3-5 GHz)
3 (3-5 GHz)
24 (5-18 GHz)
5 (5-18 GHz)
NOTES:
1.
Input power with 1.5 max output systems VSWR.
2.
0.6 + .07 x f (GHz) dB max.
OUTLINE DRAWING
MODELS 4122, 4132, 4132A, 4212, 4142 and 4152A
Sage Laboratories, Inc.
11 Huron Drive
Natick, MA 01760-1338
Tel: 508-653-0844
Fax: 508.653.5671
www.sagelabs.com


Similar Part No. - 4122

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
4122 PEREGRINE-4122 Datasheet
260Kb / 8P
   UltraCMOS??High Linearity Quad MOSFET Mixer For PCS & 3G BTS
logo
API Technologies Corp
4122 APITECH-4122 Datasheet
175Kb / 2P
   POWER DIVIDERS
4122 APITECH-4122 Datasheet
180Kb / 2P
   POWER DIVIDERS
4122 APITECH-4122 Datasheet
175Kb / 2P
   POWER DIVIDERS
4122 APITECH-4122 Datasheet
175Kb / 2P
   POWER DIVIDERS
More results

Similar Description - 4122

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
4002 APITECH-4002 Datasheet
175Kb / 2P
   TWO WAY, 1 TO 18 GHz
logo
Alpha Industries
PD22-73 ALPHA-PD22-73 Datasheet
358Kb / 3P
   Two-Way Power Splitter 2.1-2.3 GHz
logo
Skyworks Solutions Inc.
PD22-73 SKYWORKS-PD22-73 Datasheet
154Kb / 4P
   Two-Way Power Splitter 2.1-2.3 GHz
PD19-73LF SKYWORKS-PD19-73LF Datasheet
177Kb / 4P
   Two-Way Power Splitter/Combiner 1.71-1.99 GHz
PD16-73LF SKYWORKS-PD16-73LF Datasheet
184Kb / 4P
   Two-Way Power Splitter Combiner 1.42-1.66 GHz
logo
Filtronic Compound Semi...
4008 FILTRONIC-4008 Datasheet
264Kb / 1P
   POWER DIVIDERS EIGHT-WAY, 2 TO 18 GHZ
logo
Alpha Industries
PD09-12 ALPHA-PD09-12 Datasheet
45Kb / 3P
   Two-Way 0째 Power Splitter Combiner 0.81-0.96 GHz
PD18-73 ALPHA-PD18-73 Datasheet
53Kb / 3P
   Two-Way 0째 Power Splitter Combiner 1.71-1.99 GHz
logo
Skyworks Solutions Inc.
PD15-73 SKYWORKS-PD15-73 Datasheet
163Kb / 4P
   Two-Way 0째 Power Splitter/Combiner 1.42-1.66 GHz
logo
Alpha Industries
PD09-73 ALPHA-PD09-73 Datasheet
53Kb / 3P
   Two-Way 0째 Power Splitter Combiner 0.81-0.96 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com