Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS79L24CY Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS79L24CY
Description  3-Terminal Low Current Negative Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS79L24CY Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS79L24CY Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS79L24CY Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS79L24CY Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS79L24CY Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS79L24CY Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS79L24CY Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS79L24CY Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS79L24CY Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS79L00 series
5-8
2003/12 rev. D
TS79L15 Electrical Characteristics
(Vin= -23V, Iout=40mA, 0
oC≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
- 14.42
- 15
- 15.60
Output Voltage
Vout
-17.5V
≤Vin≤ -30V,
5mA
≤Iout≤100mA
- 14.28
- 15
- 15.75
V
Line Regulation
REGline
Tj=25
oC
-17.5V
≤Vin≤ -30V,
Io=40mA
--
150
300
mV
5mA
≤Iout≤100mA
--
50
150
Load Regulation
REGload
Tj=25
oC
5mA
≤Iout≤40mA
--
25
75
Quiescent Current
Iq
Tj=25
oC, Iout=0
--
3
6.5
-20V
≤Vin≤ -30V
--
--
1.5
Quiescent Current Change
∆lq
5mA
≤Iout≤40mA
--
--
0.1
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25 oC
--
90
--
uV
Ripple Rejection Ratio
RR
f=120Hz, -18V
≤Vin≤ -28V
34
39
--
dB
Voltage Drop
Vdrop
Tj=25
oC
--
1.7
--
V
Peak Output Current
Io peak
Tj=25
oC
--
0.15
--
A
TS79L18 Electrical Characteristics
(Vin= -27V, Iout=40mA, 0
oC≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
- 17.30
- 18
- 18.72
Output Voltage
Vout
-21V
≤Vin≤- 33V,
5mA
≤Iout≤100mA
- 17.14
- 18
- 18.90
V
Line Regulation
REGline
Tj=25
oC
-21V
≤Vin≤ -33V,
Io=40mA
--
180
360
mV
5mA
≤Iout≤100mA
--
60
180
Load Regulation
REGload
Tj=25
oC
5mA
≤Iout≤40mA
--
30
90
Quiescent Current
Iq
Tj=25
oC, Iout=0
--
3
6.5
-21V
≤Vin≤ -33V
--
--
1.5
Quiescent Current Change
∆lq
5mA
≤Iout≤40mA
--
--
0.1
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25 oC
--
150
--
uV
Ripple Rejection Ratio
RR
f=120Hz, -23V
≤Vin≤ -33V
33
48
--
dB
Voltage Drop
Vdrop
Tj=25
oC
--
1.7
--
V
Peak Output Current
Io peak
Tj=25
oC
--
0.15
--
A
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.


Similar Part No. - TS79L24CY

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS79L00 TSC-TS79L00 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
TS79L00 TSC-TS79L00_08 Datasheet
133Kb / 9P
   3-Terminal 100mA Negative Voltage Regulator
TS79L00 TSC-TS79L00_14 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
TS79L05CTA3 TSC-TS79L05CTA3 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
TS79L05CTB0 TSC-TS79L05CTB0 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
More results

Similar Description - TS79L24CY

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS79M00 TSC-TS79M00 Datasheet
169Kb / 7P
   3-Terminal Medium Current Negative Voltage Regulator
logo
Micro Commercial Compon...
MC79L08BP MCC-MC79L08BP_08 Datasheet
82Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F_11 Datasheet
204Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L12BP MCC-MC79L12BP_08 Datasheet
173Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F Datasheet
84Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08F MCC-MC79L08F Datasheet
81Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC78L15BP MCC-MC78L15BP Datasheet
148Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L05F MCC-MC79L05F_11 Datasheet
206Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08F MCC-MC79L08F_11 Datasheet
203Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L12F MCC-MC79L12F_08 Datasheet
186Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com