Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS78M06ACP Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS78M06ACP
Description  3-Terminal Medium Current Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78M06ACP Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS78M06ACP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS78M06ACP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS78M06ACP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS78M06ACP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78M06ACP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS78M06ACP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS78M06ACP Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS78M06ACP Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS78M06ACP Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TS78M00A series
1-9
2003/12 rev. B
TS78M00A series
3-Terminal Medium Current Positive Voltage Regulator
Pin assignment:
1.
Input
2.
Ground
3.
Output
(Heatsink surface
connected to Pin 2)
Voltage Range 5V to 24V
Output Current up to 0.5A
General Description
The TS78M00A Series positive voltage regulators are identical to the popular TS7800 Series devices, except that they
are specified for only half the output current. Like the TS7800 devices, the TS78M00A Series 3-Terminal regulators are
intended for local, on-card voltage regulation.
Internal current limiting, thermal shutdown circuitry and safe-area compensation for the internal pass transistor combine
to make these devices remarkably rugged under most operating conditions. Maximum output current with adequate
heatsink is 500mA
This series is offered in 3-pin TO-220, TO-252 package.
Features
Output current up to 0.5A
No external components required
Internal thermal overload protection
Internal short-circuit current limiting
Output transistor safe-area compensation
Output voltage offered in 2% tolerance
Ordering Information
Note: Where xx denotes voltage option.
Part No.
Operating Temp.
(Ambient)
Package
TS78MxxACZ
TO-220
TS78MxxACP
-20 ~ +85
oC
TO-252
Standard Application
A common ground is required between the input and the
output voltages. The input voltage must remain typically 2.0V
above the output voltage even during the low point on the
Input ripple voltage.
XX = these two digits of the type number indicate voltage.
* = Cin is required if regulator is located an appreciable
distance from power supply filter.
** = Co is not needed for stability; however, it does improve
transient response.
Absolute Maximum Rating
Input Voltage
Vin *
35
V
Input Voltage
Vin **
40
V
Power Dissipation
TO-220
TO-220
TO-252
Without heatsink
Pt ***
Without heatsink
2
15
1
W
Operating Junction Temperature Range
TJ
0 ~ +150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Note :
* TS78M05A to TS78M18A
** TS78M24A
*** Follow the derating curve


Similar Part No. - TS78M06ACP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS78M00 ETC-TS78M00 Datasheet
177Kb / 8P
   3-Terminal Medium Current Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78M00 TSC-TS78M00 Datasheet
178Kb / 8P
   3-Terminal Medium Current Positive Voltage Regulator
TS78M00 TSC-TS78M00 Datasheet
180Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A Datasheet
480Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_07 Datasheet
480Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
More results

Similar Description - TS78M06ACP

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS78M00 TSC-TS78M00 Datasheet
178Kb / 8P
   3-Terminal Medium Current Positive Voltage Regulator
logo
List of Unclassifed Man...
TS78M05C ETC-TS78M05C Datasheet
177Kb / 8P
   3-Terminal Medium Current Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS79M00 TSC-TS79M00 Datasheet
169Kb / 7P
   3-Terminal Medium Current Negative Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com