Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC28F256J3A-110 Datasheet(PDF) 11 Page - Intel Corporation

Part # PC28F256J3A-110
Description  Intel StrataFlash Memory (J3)
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PC28F256J3A-110 Datasheet(HTML) 11 Page - Intel Corporation

Back Button PC28F256J3A-110 Datasheet HTML 7Page - Intel Corporation PC28F256J3A-110 Datasheet HTML 8Page - Intel Corporation PC28F256J3A-110 Datasheet HTML 9Page - Intel Corporation PC28F256J3A-110 Datasheet HTML 10Page - Intel Corporation PC28F256J3A-110 Datasheet HTML 11Page - Intel Corporation PC28F256J3A-110 Datasheet HTML 12Page - Intel Corporation PC28F256J3A-110 Datasheet HTML 13Page - Intel Corporation PC28F256J3A-110 Datasheet HTML 14Page - Intel Corporation PC28F256J3A-110 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
256-Mbit J3 (x8/x16)
Datasheet
11
3.0
Package Information
3.1
56-Lead TSOP Package
Figure 3. 56-Lead TSOP Package Drawing and Specifications
Table 1.
56-Lead TSOP Dimension Table
Millimeters
Inches
Sym
Min
Nom
Max
Notes
Min
Nom
Max
Notes
Package Height
A
1.200
0.047
Standoff
A1
0.050
0.002
Package Body Thickness
A2
0.965
0.995
1.025
0.038
0.039
0.040
Lead Width
b
0.100
0.150
0.200
0.004
0.006
0.008
Lead Thickness
c
0.100
0.150
0.200
0.004
0.006
0.008
Package Body Length
D1
18.200
18.400
18.600
4
0.717
0.724
0.732
4
Package Body Width
E
13.800
14.000
14.200
4
0.543
0.551
0.559
4
Lead Pitch
e
0.500
0.0197
Terminal Dimension
D
19.800
20.00
20.200
0.780
0.787
0.795
Lead Tip Length
L
0.500
0.600
0.700
0.020
0.024
0.028
Lead Count
N
56
56
Lead Tip Angle
Seating Plane Coplanarity
Y
0.100
0.004
Lead to Package Offset
Z
0.150
0.250
0.350
0.006
0.010
0.014
A
0
L
Detail A
Y
D
C
Z
Pin 1
E
D1
b
Detail B
See Detail A
e
See Detail B
A1
Seating
Plane
A2
See Note 2
See Notes 1 and 3


Similar Part No. - PC28F256J3A-110

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PC28F256J3C125 INTEL-PC28F256J3C125 Datasheet
990Kb / 72P
   Intel StrataFlash짰 Memory
More results

Similar Description - PC28F256J3A-110

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F640P3 INTEL-28F640P3 Datasheet
1Mb / 102P
   Intel StrataFlash Embedded Memory
28F128J3A INTEL-28F128J3A Datasheet
380Kb / 58P
   3 Volt Intel StrataFlash Memory
28F640L18 INTEL-28F640L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
306666-11 NUMONYX-306666-11 Datasheet
1Mb / 99P
   Numonyx StrataFlash Embedded Memory
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
   Numonyx StrataFlash Wireless Memory
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
JS28F256P33BFE MICRON-JS28F256P33BFE Datasheet
1Mb / 90P
   NumonyxTM StrataFlash Embedded Memory
logo
White Electronic Design...
WED7F324XDNSN WEDC-WED7F324XDNSN Datasheet
223Kb / 3P
   4Mx32 / 2x4Mx32 INTEL J3 BASED, FLASH MODULE
logo
Micron Technology
PC28F512G18FF MICRON-PC28F512G18FF Datasheet
1Mb / 118P
   128Mb, 256Mb, 512Mb, 1Gb StrataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com