Electronic Components Datasheet Search |
|
TS79L24 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd |
|
TS79L24 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd |
5 / 8 page TS79L00 series 5-8 2003/12 rev. D TS79L15 Electrical Characteristics (Vin= -23V, Iout=40mA, 0 oC≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.) Parameter Symbol Test Conditions Min Typ Max Unit Tj=25 oC - 14.42 - 15 - 15.60 Output Voltage Vout -17.5V ≤Vin≤ -30V, 5mA ≤Iout≤100mA - 14.28 - 15 - 15.75 V Line Regulation REGline Tj=25 oC -17.5V ≤Vin≤ -30V, Io=40mA -- 150 300 mV 5mA ≤Iout≤100mA -- 50 150 Load Regulation REGload Tj=25 oC 5mA ≤Iout≤40mA -- 25 75 Quiescent Current Iq Tj=25 oC, Iout=0 -- 3 6.5 -20V ≤Vin≤ -30V -- -- 1.5 Quiescent Current Change ∆lq 5mA ≤Iout≤40mA -- -- 0.1 mA Output Noise Voltage Vn 10Hz ≤f≤100KHz, Tj=25 oC -- 90 -- uV Ripple Rejection Ratio RR f=120Hz, -18V ≤Vin≤ -28V 34 39 -- dB Voltage Drop Vdrop Tj=25 oC -- 1.7 -- V Peak Output Current Io peak Tj=25 oC -- 0.15 -- A TS79L18 Electrical Characteristics (Vin= -27V, Iout=40mA, 0 oC≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.) Parameter Symbol Test Conditions Min Typ Max Unit Tj=25 oC - 17.30 - 18 - 18.72 Output Voltage Vout -21V ≤Vin≤- 33V, 5mA ≤Iout≤100mA - 17.14 - 18 - 18.90 V Line Regulation REGline Tj=25 oC -21V ≤Vin≤ -33V, Io=40mA -- 180 360 mV 5mA ≤Iout≤100mA -- 60 180 Load Regulation REGload Tj=25 oC 5mA ≤Iout≤40mA -- 30 90 Quiescent Current Iq Tj=25 oC, Iout=0 -- 3 6.5 -21V ≤Vin≤ -33V -- -- 1.5 Quiescent Current Change ∆lq 5mA ≤Iout≤40mA -- -- 0.1 mA Output Noise Voltage Vn 10Hz ≤f≤100KHz, Tj=25 oC -- 150 -- uV Ripple Rejection Ratio RR f=120Hz, -23V ≤Vin≤ -33V 33 48 -- dB Voltage Drop Vdrop Tj=25 oC -- 1.7 -- V Peak Output Current Io peak Tj=25 oC -- 0.15 -- A Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible, and thermal effects must be taken into account separately. This specification applies only for DC power dissipation permitted by absolute maximum ratings. |
Similar Part No. - TS79L24 |
|
Similar Description - TS79L24 |