Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCD30E1H105M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TCD30E1H105M
Description  The TCD series are radial lead ceramic capacitors from UCC/NCC.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TCD30E1H105M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TCD30E1H105M Datasheet HTML 1Page - List of Unclassifed Manufacturers TCD30E1H105M Datasheet HTML 2Page - List of Unclassifed Manufacturers TCD30E1H105M Datasheet HTML 3Page - List of Unclassifed Manufacturers TCD30E1H105M Datasheet HTML 4Page - List of Unclassifed Manufacturers TCD30E1H105M Datasheet HTML 5Page - List of Unclassifed Manufacturers TCD30E1H105M Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
18
TCD Series
The TCD series are radial lead ceramic capacitors from UCC/NCC. These capacitors have a very low
ESR and impedance which makes these capacitors ideal for filtering switching power supplies and
DC-DC converters. The TCD series has a maximum 250VDC rated voltage making them more
applicable for use in higher voltage power supplies than our ceramic chip capacitors. All of our radial
capacitors with 5mm lead spacing are also available with ammo pack taping.
Refer to Mini-Glossary at the end of the multilayer ceramic capacitors section for additional technical
information and specifications.
Y5U Ceramic
Radial Lead
High CV
125 C
Maximum
Temperature
Radial lead terminals.
Capacitance range: 0.1 to 100µF.
Voltage range: 25 to 250VDC.
Operating temperature range:
55 Cto
125 C.
Standard capacitance tolerance:
20% or
20% to
80%
Nominal case size (L
W
H): 5.0
3.5
6.0mm to 28.5
8.5
20.0mm.
Rated lifetime: 1,000 hours at
125 C.
Summary of Specifications
Actual Size


Similar Part No. - TCD30E1H105M

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
TCD30AH ZOWIE-TCD30AH Datasheet
99Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
TCD30CAH ZOWIE-TCD30CAH Datasheet
99Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - TCD30E1H105M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
KTD251B335M90 CHEMI-CON-KTD251B335M90 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L104M32 CHEMI-CON-KVD101L104M32 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
logo
Murata Manufacturing Co...
RHDL82A683K2K1C03B MURATA-RHDL82A683K2K1C03B Datasheet
29Kb / 2P
   Radial Lead Type Monolithic Ceramic Capacitors
logo
United Chemi-Con, Inc.
KHD160E685M32A0T00 CHEMI-CON-KHD160E685M32A0T00 Datasheet
45Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B104M32A0T00 CHEMI-CON-KTD251B104M32A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
logo
Murata Manufacturing Co...
RPER71H104K2M1A03A MURATA-RPER71H104K2M1A03A Datasheet
1Mb / 57P
   Radial Lead Type Monolithic Ceramic Capacitors
logo
United Chemi-Con, Inc.
KTD251B155M55 CHEMI-CON-KTD251B155M55 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
logo
Murata Manufacturing Co...
RPEF51H224Z2M1A03A MURATA-RPEF51H224Z2M1A03A Datasheet
365Kb / 19P
   Radial Lead Type Monolithic Ceramic Capacitors
RDER72J104K8M1C11A MURATA-RDER72J104K8M1C11A Datasheet
393Kb / 19P
   Radial Lead Type Monolithic Ceramic Capacitors
logo
United Chemi-Con, Inc.
KVD101L474M43 CHEMI-CON-KVD101L474M43 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com