Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THAT1206 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # THAT1206
Description  InGenius High-CMRR Balanced Input Line Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

THAT1206 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  THAT1206 Datasheet HTML 1Page - List of Unclassifed Manufacturers THAT1206 Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT1206 Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT1206 Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT1206 Datasheet HTML 5Page - List of Unclassifed Manufacturers THAT1206 Datasheet HTML 6Page - List of Unclassifed Manufacturers THAT1206 Datasheet HTML 7Page - List of Unclassifed Manufacturers THAT1206 Datasheet HTML 8Page - List of Unclassifed Manufacturers THAT1206 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Applications
RFI Protection
Figure 3 shows the THAT 1200 configured with
robust RFI input protection.
In applications where
RFI rejection is of less concern, the circuit shown Fig-
ure 4 provides a less aggressive approach.
Bootstrap coupling capacitor
Referring to Figure 3, electrolytic capacitor Cb
provides the feedback path for the boostrap circuit.
The capacitor value is chosen to be high enough to
present a sufficiently small impedance to signals at
the low end of the audio spectrum. Its voltage rating
is dependent on the topology of the surrounding cir-
cuitry, as described in the following paragraphs.
AC signals presented to the input stage cause the
two ends of capacitor Cb to swing in tandem so that
virtually no voltage appears across the capacitor.
Consequently, capacitors with small DC working volt-
ages may be used when the previous stage is AC cou-
pled to the input of the THAT 1200.
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 (508) 478-9200; Fax: +1 (508) 478-0990; Web: www.thatcorp.com
Page 4
InGenius Balanced Line Receiver
Preliminary Information
Electrical Characteristics (Cont’d)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Short Circuit Current
ISC
RL =RLcm =0 W
±25
mA
ICMSC
At CM output
±10
mA
Minimum Resistive Load
RLmin
2—
k
W
RLCMmin
At CM output
10
k
W
Maximum Capacitive Load
CLmax
300
pF
CLCMmax
At CM output
50
pF
1
In-
2
In+
3
CMin
5
4
8
7
Out
6
U1
THAT120x
Cb
100u
C1
56p
C2
300p
C3
100n
C4
100n
R1
200k
R2
200k
R3
600R
R4
2k
R5
100R
R6
100R
Vcc
Vee
In-
In+
Ext. DC Source
CM Out
Main Out
Gnd
Gnd
Gnd
CMout
Vcc
Ref
Vee
Figure 2. THAT1200-series test circuit


Similar Part No. - THAT1206

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT120 ETC1-THAT120 Datasheet
43Kb / 2P
   Quad Low-Noise PNP Transistor Array
More results

Similar Description - THAT1206

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT1240 ETC-THAT1240 Datasheet
111Kb / 8P
   Balanced Line Receiver ICs
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2602 AVAGO-HCPL-2602 Datasheet
469Kb / 16P
   High CMR Line Receiver Optocouplers Isolated line receiver
logo
SHANGHAI BELLING CO., L...
BL6311B BELLING-BL6311B Datasheet
164Kb / 8P
   Improved CMRR Eliminates Two Input Coupling Capacitors
logo
Toshiba Semiconductor
TLP2200 TOSHIBA-TLP2200_07 Datasheet
195Kb / 7P
   High Speed Line Receiver
logo
List of Unclassifed Man...
THAT1420 ETC-THAT1420 Datasheet
120Kb / 8P
   Balanced Line Drivers
logo
Analog Devices
SSM2142SZ AD-SSM2142SZ Datasheet
676Kb / 8P
   Balanced Line Driver
REV. C
SSM2142 AD-SSM2142 Datasheet
227Kb / 6P
   Balanced Line Driver
REV. B
SSM2142 AD-SSM2142_15 Datasheet
676Kb / 8P
   Balanced Line Driver
SSM2142PZ AD-SSM2142PZ Datasheet
676Kb / 8P
   Balanced Line Driver
REV. C
logo
Linear Technology
LT1015 LINER-LT1015 Datasheet
164Kb / 4P
   High Speed Dual Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com