Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGW14N60ED Datasheet(PDF) 6 Page - ON Semiconductor

Part # MGW14N60ED
Description  Insulated Gate Bipolar Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MGW14N60ED Datasheet(HTML) 6 Page - ON Semiconductor

  MGW14N60ED Datasheet HTML 1Page - ON Semiconductor MGW14N60ED Datasheet HTML 2Page - ON Semiconductor MGW14N60ED Datasheet HTML 3Page - ON Semiconductor MGW14N60ED Datasheet HTML 4Page - ON Semiconductor MGW14N60ED Datasheet HTML 5Page - ON Semiconductor MGW14N60ED Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MGW14N60ED
6
Motorola IGBT Device Data
PACKAGE DIMENSIONS
CASE 340K–01
ISSUE A
NOTES:
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
CONTROLLING DIMENSION: MILLIMETER.
R
P
A
K
V
F
D
G
U
L
E
0.25 (0.010) M TB M
0.25 (0.010) M YQ S
J
H
C
4
12
3
–T–
–B–
–Y–
–Q–
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
19.7
20.3
0.776
0.799
B
15.3
15.9
0.602
0.626
C
4.7
5.3
0.185
0.209
D
1.0
1.4
0.039
0.055
E
1.27 REF
0.050 REF
F
2.0
2.4
0.079
0.094
G
5.5 BSC
0.216 BSC
H
2.2
2.6
0.087
0.102
J
0.4
0.8
0.016
0.031
K
14.2
14.8
0.559
0.583
L
5.5 NOM
0.217 NOM
P
3.7
4.3
0.146
0.169
Q
3.55
3.65
0.140
0.144
R
5.0 NOM
0.197 NOM
U
5.5 BSC
0.217 BSC
V
3.0
3.4
0.118
0.134
STYLE 4:
PIN 1. GATE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 141,
P.O. Box 5405, Denver, Colorado 80217. 1–303–675–2140 or 1–800–441–2447
4–32–1 Nishi–Gotanda, Shagawa–ku, Tokyo, Japan. 03–5487–8488
Customer Focus Center: 1–800–521–6274
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 1–602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
Motorola Fax Back System
– US & Canada ONLY 1–800–774–1848
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
– http://sps.motorola.com/mfax/
HOME PAGE: http://motorola.com/sps/
MGW14N60ED/D


Similar Part No. - MGW14N60ED

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
MGW10 COSEL-MGW10 Datasheet
6Mb / 46P
   DC-DC Converters PCB Mount Type
December 27, 2022
logo
Motorola, Inc
MGW12N120 MOTOROLA-MGW12N120 Datasheet
228Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGW12N120 ONSEMI-MGW12N120 Datasheet
136Kb / 5P
   Insulated Gate Bipolar Transistor
1997 REV 2
logo
Motorola, Inc
MGW12N120D MOTOROLA-MGW12N120D Datasheet
250Kb / 6P
   Insulated Gate Bipolar Transistor with Anti-Parallel Diode
logo
ON Semiconductor
MGW12N120D ONSEMI-MGW12N120D Datasheet
168Kb / 6P
   Insulated Gate Bipolar Transistor with Anti-Parallel Diode
1998 REV 2
More results

Similar Description - MGW14N60ED

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com