Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA8264AHQ Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TA8264AHQ
Description  Max Power 41 W BTL x 4 ch Audio Power IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8264AHQ Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TA8264AHQ Datasheet HTML 1Page - Toshiba Semiconductor TA8264AHQ Datasheet HTML 2Page - Toshiba Semiconductor TA8264AHQ Datasheet HTML 3Page - Toshiba Semiconductor TA8264AHQ Datasheet HTML 4Page - Toshiba Semiconductor TA8264AHQ Datasheet HTML 5Page - Toshiba Semiconductor TA8264AHQ Datasheet HTML 6Page - Toshiba Semiconductor TA8264AHQ Datasheet HTML 7Page - Toshiba Semiconductor TA8264AHQ Datasheet HTML 8Page - Toshiba Semiconductor TA8264AHQ Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TA8264AHQ
2004-05-10
4
3.
Muting Function (pin 22)
By means of controlling pin 22 less than 0.5 V, it can make the audio muting condition.
The muting time constant is decided by R1 and C4 and these parts is related the pop noise at power
ON/OFF.
The series resistance; R1 must be set up less than 10 kΩ to get enough muting attenuation.
The muting function have to be controlled by a transistor, FET and micro-controller port which has
IMUTE > 250 µA ability.
Pin 22 terminal voltage has the temperature characteristics of 4.6 V (low temperature) to 3.2 V (high
temperature).
Therefore, it is need to design with attention as using the micro-controller of which operating voltage is
less than 5 V.
Terminal 22 may not be pulled up and shall be controlled by OPEN/LOW.
When it is obliged to do, it must be pulled up via diode, because it has to defend flowing reverse current
to internal circuit of pin 22.
VCC
Small current capacity switch
BATTERY
Stand-By
VCC
DIRECTLY FROM
MICROCOMPUTER
BATTERY
Stand-By
– Stand-by Switch Method –
Figure 3
– Conventional Method –
VCC
Large current capacity switch
BATTERY
VCC
FROM
MICROCOMPUTER
BATTERY
RELAY
Figure 5
Mute Attenuation
− VMUTE (V)
Point A voltage: VMUTE (V)
ATT – VMUTE
10 k
5 k
VCC = 13.2 V
Po = 10 W
PL
= 4 Ω
f
= 1 kHz
−100
0
0.4
0.8 1 1.2
1.6
2
2.4
2.8 3
−80
−60
−40
−20
0
20
Figure 4
Muting Function
R1
I (100
µA)
22
IMUTE
IMUTE (OFF)
A
VMUTE
<Recommended Application>
<Application for pulled up>
R1
I (100
µA)
22
IMUTE
IMUTE (OFF)
VMUTE


Similar Part No. - TA8264AHQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results

Similar Description - TA8264AHQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8271H TOSHIBA-TA8271H Datasheet
191Kb / 12P
   Max Power 41 W BTL X 4 ch Audio Power IC
TA8271HQ TOSHIBA-TA8271HQ Datasheet
250Kb / 12P
   Max Power 41 W BTL X 4 ch Audio Power IC
TA8275H TOSHIBA-TA8275H Datasheet
250Kb / 14P
   Max Power 41 W BTL x 4 ch Audio Power IC
TA8275HQ TOSHIBA-TA8275HQ Datasheet
326Kb / 16P
   Max Power 41 W BTL × 4 ch Audio Power IC
2006-04-28
TB2912HQ TOSHIBA-TB2912HQ Datasheet
586Kb / 40P
   Maximum Power 41 W BTL × 4-ch Audio Power IC
2006-04-28
TB2934HQ TOSHIBA-TB2934HQ Datasheet
464Kb / 39P
   Maximum Power 41 W BTL × 4-ch Audio Power IC
2006-06-14
TA8272H TOSHIBA-TA8272H Datasheet
251Kb / 13P
   Max Power 43 W BTL x 4 ch Audio Power IC
TA8277H TOSHIBA-TA8277H Datasheet
235Kb / 12P
   MAX POWER 43 W BTL x 4 CH AUDIO POWER IC
TA8263BH TOSHIBA-TA8263BH Datasheet
255Kb / 13P
   Max Power 43 W BTL x 4 ch Audio Power IC
TB2902HQ TOSHIBA-TB2902HQ Datasheet
446Kb / 38P
   Maximum Power 41 W BTL 횞 4-ch Audio Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com