Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGP7N60E Datasheet(PDF) 1 Page - ON Semiconductor

Part # MGP7N60E
Description  Insulated Gate Bipolar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MGP7N60E Datasheet(HTML) 1 Page - ON Semiconductor

  MGP7N60E Datasheet HTML 1Page - ON Semiconductor MGP7N60E Datasheet HTML 2Page - ON Semiconductor MGP7N60E Datasheet HTML 3Page - ON Semiconductor MGP7N60E Datasheet HTML 4Page - ON Semiconductor MGP7N60E Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Motorola IGBT Device Data
Designer's™ Data Sheet
Insulated Gate Bipolar Transistor
N–Channel Enhancement–Mode Silicon Gate
This Insulated Gate Bipolar Transistor (IGBT) uses an advanced
termination scheme to provide an enhanced and reliable high
voltage–blocking capability. Its new 600 V IGBT technology is
specifically suited for applications requiring both a high tempera-
ture short circuit capability and a low VCE(on). It also provides fast
switching characteristics and results in efficient operation at high
frequencies. This new E–series introduces an energy efficient,
ESD protected, and short circuit rugged device.
• Industry Standard TO–220 Package
• High Speed: Eoff = 70 mJ/A typical at 125°C
• High Voltage Short Circuit Capability – 10 ms minimum at 125°C, 400 V
• Low On–Voltage 2.0 V typical at 5.0 A, 125°C
• Robust High Voltage Termination
• ESD Protection Gate–Emitter Zener Diodes
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCES
600
Vdc
Collector–Gate Voltage (RGE = 1.0 MΩ)
VCGR
600
Vdc
Gate–Emitter Voltage — Continuous
VGE
± 20
Vdc
Collector Current — Continuous @ TC = 25°C
Collector Current — Continuous @ TC = 90°C
Collector Current — Repetitive Pulsed Current (1)
IC25
IC90
ICM
10
7.0
14
Adc
Apk
Total Power Dissipation @ TC = 25°C
Derate above 25
°C
PD
81
0.65
Watts
W/
°C
Operating and Storage Junction Temperature Range
TJ, Tstg
– 55 to 150
°C
Short Circuit Withstand Time
(VCC = 400 Vdc, VGE = 15 Vdc, TJ = 125°C, RG = 20 Ω)
tsc
10
ms
Thermal Resistance — Junction to Case – IGBT
Thermal Resistance — Junction to Ambient
R
θJC
R
θJA
1.5
65
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 5 seconds
TL
260
°C
Mounting Torque, 6–32 or M3 screw
10 lbf
Sin (1.13 NSm)
(1) Pulse width is limited by maximum junction temperature. Repetitive rating.
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Designer’s is a trademark of Motorola, Inc.
Order this document
by MGP7N60E/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MGP7N60E
IGBT IN TO–220
7.0 A @ 90
°C
10 A @ 25
°C
600 VOLTS
SHORT CIRCUIT RATED
LOW ON–VOLTAGE
CASE 221A–09
STYLE 9
TO–220AB
C
E
G
G
C
E
© Motorola, Inc. 1998


Similar Part No. - MGP7N60E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MGP7N60E MOTOROLA-MGP7N60E Datasheet
122Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP7N60ED ONSEMI-MGP7N60ED Datasheet
144Kb / 6P
   Insulated Gate Bipolar Transistor withr Anti-Parallel Diode
REV 1
More results

Similar Description - MGP7N60E

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com