Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF12S Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SF12S
Description  1.0 AMP. Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF12S Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SF12S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF12S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 224 -
SF11S THRU SF18S
1.0 AMP. Super Fast Rectifiers
Voltage Range
50 to 600 Volts
Current
1.0 Ampere
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-O rate flame retardant
Lead: Axial leads, solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 0.22 gram
A-405
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
SF
11S
SF
12S
SF
13S
SF
14S
SF
15S
SF
16S
SF
17S
SF
18S
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100 150 200 300 400 500 600
V
Maximum RMS Voltage
VRMS
35
70
105 140 210 280 350 420
V
Maximum DC Blocking Voltage
VDC
50
100 150 200 300 400 500 600
V
Maximum Average Forward Rectified
Current .375 (9.5mm) Lead Length
@TA = 55
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
0.95
1.3
1.7
V
Maximum DC Reverse Current
@ TA=25
℃ at Rated DC Blocking Voltage
@ TA=100
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time
(Note 1)
Trr
35
nS
Typical Junction Capacitance (Note 2)
Cj
30
15
pF
Typical Thermal Resistance (Note 3)
R
θ
JA
100
℃/W
Operating Temperature Range
TJ
-65 to +125
Storage Temperature Range
TSTG
-65 to +150
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C
3. Mount on Cu-Pad Size 5mm x 5mm on PCB.


Similar Part No. - SF12S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF12S TSC-SF12S Datasheet
258Kb / 2P
   1.0 AMP. Super Fast Rectifiers
logo
Taiwan Memory Technolog...
SF12S TMT-SF12S Datasheet
44Kb / 2P
   1.0 AMP. Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SF12S TSC-SF12S Datasheet
567Kb / 2P
   1.0 AMP. Super Fast Rectifiers
logo
Yangzhou yangjie electr...
SF12S YANGJIE-SF12S Datasheet
135Kb / 2P
   Super Fast Rectifier
logo
Taiwan Semiconductor Co...
SF12S TSC-SF12S Datasheet
377Kb / 4P
   Super Fast Rectifiers
More results

Similar Description - SF12S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF11 TSC-SF11_1 Datasheet
257Kb / 2P
   1.0 AMP. Super Fast Rectifiers
logo
Taiwan Memory Technolog...
SF11S_B08 TMT-SF11S_B08 Datasheet
44Kb / 2P
   1.0 AMP. Super Fast Rectifiers
logo
Nanjing International G...
ES1A DGNJDZ-ES1A Datasheet
40Kb / 2P
   1.0 AMP SUPER FAST RECTIFIERS
SF11 DGNJDZ-SF11 Datasheet
203Kb / 2P
   1.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
SF11 FORMOSA-SF11 Datasheet
36Kb / 2P
   1.0 AMP SUPER FAST RECTIFIERS
logo
Goodwork Semiconductor ...
SF11S GWSEMI-SF11S Datasheet
71Kb / 2P
   1.0 AMP SUPER FAST RECTIFIERS
logo
DIYI Electronic Technol...
SF11 DYELEC-SF11 Datasheet
703Kb / 2P
   1.0 AMP. Super Fast Rectifiers
logo
Goodwork Semiconductor ...
1U1 GWSEMI-1U1 Datasheet
70Kb / 2P
   1.0 AMP SUPER FAST RECTIFIERS
SF11 GWSEMI-SF11 Datasheet
71Kb / 2P
   1.0 AMP SUPER FAST RECTIFIERS
logo
DIYI Electronic Technol...
1E1 DYELEC-1E1 Datasheet
754Kb / 2P
   1.0 AMP. Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com