Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD52DG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN65HVD52DG4
Description  HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD52DG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVD52DG4 Datasheet HTML 2Page - Texas Instruments SN65HVD52DG4 Datasheet HTML 3Page - Texas Instruments SN65HVD52DG4 Datasheet HTML 4Page - Texas Instruments SN65HVD52DG4 Datasheet HTML 5Page - Texas Instruments SN65HVD52DG4 Datasheet HTML 6Page - Texas Instruments SN65HVD52DG4 Datasheet HTML 7Page - Texas Instruments SN65HVD52DG4 Datasheet HTML 8Page - Texas Instruments SN65HVD52DG4 Datasheet HTML 9Page - Texas Instruments SN65HVD52DG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.ti.com
RECEIVER ELECTRICAL CHARACTERISTICS
SN65HVD50-SN65HVD55
SN65HVD56-SN65HVD59
SLLS666 – SEPTEMBER 2005
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Positive-going differential input
VIT+
IO = –8 mA
–0.02
threshold voltage
V
Negative-going differential input
VIT-
IO = 8 mA
–0.20
threshold voltage
Vhys
Hysteresis voltage (VIT+ - VIT-)
50
mV
VIK
Enable-input clamp voltage
II = –18 mA
–1.5
V
VID = 200 mV, IO = –8 mA, See Figure 8
4.0
VO
Output voltage
V
VID = –200 mV, IO = 8 mA, See Figure 8
0.3
High-impedance-state output
IO(Z)
VO = 0 or VCCRE at VCC
–1
1
µA
current
VA or VB = 12 V
0.19
0.3
HVD50,
VA or VB = 12 V, VCC = 0 V
0.24
0.4
HVD53,
Other input
mA
HVD56,
at 0 V
VA or VB = -7 V
–0.35
–0.19
HVD58
VA or VB = -7 V, VCC = 0 V
–0.25
–0.14
IA or IB
Bus input current
HVD51,
VA or VB = 12 V
0.05
0.10
HVD52,
VA or VB = 12 V, VCC = 0 V
0.06
0.10
HVD54,
Other input
mA
VA or VB = -7 V
–0.10
–0.05
HVD55,
at 0 V
HVD57,
VA or VB = -7 V, VCC = 0 V
–0.10
–0.03
HVD59
VIH = 2 V
–60
µA
IIH
Input current, RE
VIL = 0.8 V
–60
µA
CID
Differential input capacitance
VID = 0.4 sin (4E6πt) + 0.5 V, DE at 0 V
16
pF
HVD50,
HVD51,
8.0
HVD52
D at 0 V or VCC and No Load
HVD56,
9.5
HVD57
mA
HVD53
2.3
HVD54,
RE at 0 V, D at 0 V or VCC, DE at 0 V,
2.9
HVD55
No load (Receiver enabled and
driver disabled)
HVD58,
4.5
HVD59
HVD53,
HVD54,
RE at VCC, D at VCC, DE at 0 V,
HVD55,
No load (Receiver disabled and
0.08
1
µA
ICC
Supply current
HVD58,
driver disabled)
HVD59
HVD53
2.7
HVD54,
RE at 0 V, D at 0 V or VCC, DE at VCC,
8.0
HVD55
No load (Receiver enabled and
driver enabled)
HVD58
4.3
HVD59
9.7
mA
HVD53
2.3
HVD54,
RE at VCC, D at 0 V or VCC, DE at VCC
7.7
HVD55
No load (Receiver disabled and
driver enabled)
HVD58
3.2
HVD59
8.5
(1)
All typical values are at 25°C and with a 5-V supply.
6


Similar Part No. - SN65HVD52DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD01 TI1-SN65HVD01 Datasheet
435Kb / 21P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
SN65HVD01 TI1-SN65HVD01 Datasheet
982Kb / 24P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
SN65HVD01-EVM TI-SN65HVD01-EVM Datasheet
662Kb / 9P
[Old version datasheet]   SN65HVD01-EVM Evaluation Module
SN65HVD01DRCR TI1-SN65HVD01DRCR Datasheet
435Kb / 21P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
SN65HVD01DRCT TI1-SN65HVD01DRCT Datasheet
435Kb / 21P
[Old version datasheet]   3.3V RS-485 with Flexible I/O Supply and Selectable Speed
More results

Similar Description - SN65HVD52DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com