Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC78L05ACD2 Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC78L05ACD2
Description  Three-Terminal Low Current Positive Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78L05ACD2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC78L05ACD2 Datasheet HTML 7Page - ON Semiconductor MC78L05ACD2 Datasheet HTML 8Page - ON Semiconductor MC78L05ACD2 Datasheet HTML 9Page - ON Semiconductor MC78L05ACD2 Datasheet HTML 10Page - ON Semiconductor MC78L05ACD2 Datasheet HTML 11Page - ON Semiconductor MC78L05ACD2 Datasheet HTML 12Page - ON Semiconductor MC78L05ACD2 Datasheet HTML 13Page - ON Semiconductor MC78L05ACD2 Datasheet HTML 14Page - ON Semiconductor MC78L05ACD2 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MC78L00A Series, NCV78L00A
http://onsemi.com
11
ORDERING INFORMATION
Device
Output Voltage
Operating
Temperature Range
Package
Shipping
MC78L12ABD
SOIC−8
98 Units/Rail
MC78L12ABDR2
SOIC−8
2500 Tape & Reel
MC78L12ABP
TJ = −40° to +125°C
TO−92
2000 Units/Bag
MC78L12ABPRP
J
TO−92
2000 Ammo Pack
NCV78L12ABDR2*
SOIC_8
2500 Tape & Reel
MC78L12ACD
SOIC−8
98 Units/Rail
MC78L12ACDR2
SOIC−8
2500 Tape & Reel
MC78L12ACP
TO−92
2000 Units/Bag
MC78L12ACPRA
TO−92
2000 Tape & Reel
MC78L12ACPRAG
12 V
TO−92
(Pb−Free)
2000 Tape & Reel
MC78L12ACPRE
TO−92
2000 Tape & Reel
MC78L12ACPRM
T =0
° to +125°C
TO−92
2000 Ammo Pack
MC78L12ACPRMG
TJ = 0° to +125°C
TO−92
(Pb−Free)
2000 Ammo Pack
MC78L12ACPRP
TO−92
2000 Ammo Pack
MC78L12ACPRPG
TO−92
(Pb−Free)
2000 Ammo Pack
MC78L12ACDR2G
SOIC−8
(Pb−Free)
2500 Tape & Reel
MC78L12ACPG
TO−92
(Pb−Free)
2000 Units/Bag
MC78L15ABD
SOIC−8
98 Units/Rail
MC78L15ABDR2
SOIC−8
2500 Tape & Reel
MC78L15ABDR2G
SOIC−8
(Pb−Free)
2500 Tape & Reel
MC78L15ABP
TJ = −40° to +125°C
TO−92
2000 Units/Bag
MC78L15ABPRA
J
TO−92
2000 Tape & Reel
MC78L15ABPRP
TO−92
2000 Ammo Pack
MC78L15ABPRPG
15 V
TO−92
(Pb−Free)
2000 Ammo Pack
MC78L15ACD
SOIC−8
98 Units/Rail
MC78L15ACDR2
SOIC−8
2500 Tape & Reel
MC78L15ACP
TO−92
2000 Units/Bag
MC78L15ACPRA
TJ = 0° to +125°C
TO−92
2000 Tape & Reel
MC78L15ACPRAG
TO−92
(Pb−Free)
2000 Tape & Reel
MC78L15ACPRP
TO−92
2000 Ammo Pack
*NCV78L12A: Tlow = −40°C, Thigh = +125°C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and change
control.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC78L05ACD2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78L05ACD MOTOROLA-MC78L05ACD Datasheet
157Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Boca Semiconductor Corp...
MC78L05ACD BOCA-MC78L05ACD Datasheet
158Kb / 7P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L05ACD ONSEMI-MC78L05ACD Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
logo
Fairchild Semiconductor
MC78L05ACD FAIRCHILD-MC78L05ACD Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
MC78L05ACD FAIRCHILD-MC78L05ACD Datasheet
72Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
More results

Similar Description - MC78L05ACD2

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
List of Unclassifed Man...
78L00A ETC-78L00A Datasheet
81Kb / 7P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL78L INTEGRAL-IL78L Datasheet
133Kb / 5P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Galaxy Semi-Conductor H...
BL78LXX BILIN-BL78LXX Datasheet
169Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Cystech Electonics Corp...
PL78L12XA3 CYSTEKEC-PL78L12XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
logo
Galaxy Semi-Conductor H...
BL78XX BILIN-BL78XX Datasheet
206Kb / 11P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Motorola, Inc
MC78L00 MOTOROLA-MC78L00 Datasheet
157Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL79L INTEGRAL-IL79L Datasheet
122Kb / 4P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL78L08XA3 CYSTEKEC-PL78L08XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
PL78L09XA3 CYSTEKEC-PL78L09XA3 Datasheet
151Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com