Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CIL21YR10MAC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CIL21YR10MAC
Description  It has ferrite and 100% Ag as internal conductors, the CIL Series has excellent Q characteristics and eliminate crosstalk.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CIL21YR10MAC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CIL21YR10MAC Datasheet HTML 1Page - List of Unclassifed Manufacturers CIL21YR10MAC Datasheet HTML 2Page - List of Unclassifed Manufacturers CIL21YR10MAC Datasheet HTML 3Page - List of Unclassifed Manufacturers CIL21YR10MAC Datasheet HTML 4Page - List of Unclassifed Manufacturers CIL21YR10MAC Datasheet HTML 5Page - List of Unclassifed Manufacturers CIL21YR10MAC Datasheet HTML 6Page - List of Unclassifed Manufacturers CIL21YR10MAC Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LW
t
d
1.6
±0.15
2.0
±0.2
3.2
±0.2
EIA Code
Type
0603
0805
1206
0.8
±0.15
1.25
±0.2
1.6
±0.2
0.8
±0.15
0.85
±0.2
1.25
±0.2
0.6
±0.2
1.1
±0.2
0.3
±0.2
0.5
+0.2,-0.3
0.5
+0.2,-0.3
10
21
31
CIL Series
Ordinary Type
FEATURES
APPLICATIONS
PART NUMBERING
DIMENSIONS
Magnetic shielding eliminates crosstalk, thus permitting higher mounting densities.
Excellent solderability and high heat resistance for either flow or reflow soldering.
Monolithic structure for high reliability.
(1) CHIP INDUCTOR
(2) L:Ordinary type
(3) Dimensions
(4) Material code(N, J, Y, S)
(5) Inductance(R10:0.1μH ; 5R6:5.6μH ; 100:10μH)
(6) Tolerance(K:
±10% ; M:±20%)
(7) Thickness option(N:Standard ; A:Thinner than standard ; B:Thicker than standard)
(8) Packaging style(C:paper tape, 7” reel ; E:embossed tape, 7” reel)
Ferrite body
External electrode
Resonance circuits, PLL circuits, Noise suppression etc.
CI
L
21
5R6
K
N
E
L
W
t
d
It has ferrite and 100% Ag as internal conductors, the CIL Series has
excellent Q characteristics and eliminate crosstalk.
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
Unit : mm
14
CHIP INDUCTOR


Similar Part No. - CIL21YR10MAC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIL21J1R0KNE SAMSUNG-CIL21J1R0KNE Datasheet
793Kb / 6P
   Chip Inductor; CIL Series
CIL21NR56KNE SAMSUNG-CIL21NR56KNE Datasheet
793Kb / 6P
   Chip Inductor CIL Series General Type
More results

Similar Description - CIL21YR10MAC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMA3D6N20SA KEC-KMA3D6N20SA_12 Datasheet
705Kb / 5P
   This Trench MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.
logo
SHANGHAI BELLING CO., L...
BL7430EC BELLING-BL7430EC Datasheet
137Kb / 4P
   It has 104bits EEPROM with logical encryption and function
logo
E&E Magnetic Products L...
824-00305R EEMAGNETIC-824-00305R Datasheet
623Kb / 3P
   Excellent crosstalk and return loss performance
logo
KEC(Korea Electronics)
KF2N60L KEC-KF2N60L Datasheet
1Mb / 7P
   This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.
logo
MORNSUN Science& Techno...
KF4N80F MORNSUN-KF4N80F Datasheet
391Kb / 6P
   This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.
logo
CSB Battery Co., Ltd.
EVX12300 CSB-BATTERY-EVX12300_16 Datasheet
817Kb / 2P
   It has high cycling life, high and long service life.
logo
KEC(Korea Electronics)
KF1N60L KEC-KF1N60L Datasheet
882Kb / 7P
   This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.
logo
CSB Battery Co., Ltd.
EVH12240 CSB-BATTERY-EVH12240_16 Datasheet
629Kb / 2P
   It has high cycling life, high and long service life.
EVX12120 CSB-BATTERY-EVX12120_16 Datasheet
812Kb / 2P
   It has high cycling life, high and long service life.l
EVX12200 CSB-BATTERY-EVX12200_16 Datasheet
740Kb / 2P
   It has high cycling life, high and long service life.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com