Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74SSTU32864BFG Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT74SSTU32864BFG
Description  1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74SSTU32864BFG Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT74SSTU32864BFG Datasheet HTML 3Page - Integrated Device Technology IDT74SSTU32864BFG Datasheet HTML 4Page - Integrated Device Technology IDT74SSTU32864BFG Datasheet HTML 5Page - Integrated Device Technology IDT74SSTU32864BFG Datasheet HTML 6Page - Integrated Device Technology IDT74SSTU32864BFG Datasheet HTML 7Page - Integrated Device Technology IDT74SSTU32864BFG Datasheet HTML 8Page - Integrated Device Technology IDT74SSTU32864BFG Datasheet HTML 9Page - Integrated Device Technology IDT74SSTU32864BFG Datasheet HTML 10Page - Integrated Device Technology IDT74SSTU32864BFG Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
COMMERCIALTEMPERATURERANGE
IDT74SSTU32864/A
1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
TERMINAL FUNCTIONS (ALL PINS)
Terminal
Electrical
Name
Characteristics
Description
GND
GroundInput
Ground
VDD
1.8Vnominal
Power Supply Voltage
VREF
0.9Vnominal
InputReferenceVoltage
ZOH(1)
Input
Reservedforfutureuse
ZOL(1)
Input
Reservedforfutureuse
CLK
DifferentialInput
Positive Master Clock Input
CLK
DifferentialInput
Negative Master Clock Input
C x
LVCMOS Input
ConfigurationControlInputs
RESET
LVCMOS Input
AsynchronousResetInput. ResetsregistersanddisablesVREFdataandclockdifferential-inputreceivers.
CSR, DCS
SSTL_18Input
Chip Select Inputs. Disables outputs Dx switching when both inputs are HIGH.
Dx
SSTL_18Input
Data Input. Clocked in on the crossing of the rising edge of CLK and the falling edge of CLK.
DODT
SSTL_18Input
The outputs of this register bit will not be suspended by the DCS and CSR controls
DCKE
SSTL_18Input
The outputs of this register bit will not be suspended by the DCS and CSR controls
Qx
1.8V CMOS
Data Outputs that are suspended by the DCS andCSR controls
QCSx
1.8V CMOS
Data Output that will not be suspended by the DCS and CSR controls
QODTx
1.8V CMOS
Data Output that will not be suspended by the DCS and CSR controls
QCKEx
1.8V CMOS
Data Output that will not be suspended by the DCS and CSR controls
ABSOLUTE MAXIMUM RATINGS (1)
Symbol
Description
Max.
Unit
VDD
SupplyVoltageRange
–0.5 to 2.5
V
VI(2,3)
InputVoltageRange
–0.5 to 2.5
V
VO(2,3)
OutputVoltageRange
–0.5 to VDD +0.5
V
IIK
InputClampCurrent
VI < 0
±50
mA
VI > VDD
IOK
OutputClampCurrent VO < 0
±50
mA
VO > VDD
IO
ContinuousOutputCurrent,
±50
mA
VO = 0 to VDD
VDD
ContinuousCurrentthrougheach
±100
mA
VDD or GND
TSTG
StorageTemperatureRange
–65to+150
°C
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. The input and output negative voltage ratings may be exceeded if the ratings of the
I/P and O/P clamp current are observed.
3. This value is limited to 2.5V maximum.
NOTE:
1. The signals will be left unconnected.


Similar Part No. - IDT74SSTU32864BFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74SSTU32864 RENESAS-IDT74SSTU32864 Datasheet
340Kb / 13P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
APRIL 2006
logo
Integrated Device Techn...
IDT74SSTU32864A IDT-IDT74SSTU32864A Datasheet
179Kb / 12P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
logo
Renesas Technology Corp
IDT74SSTU32864A RENESAS-IDT74SSTU32864A Datasheet
340Kb / 13P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
APRIL 2006
logo
Integrated Device Techn...
IDT74SSTU32864C IDT-IDT74SSTU32864C Datasheet
179Kb / 12P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
logo
Renesas Technology Corp
IDT74SSTU32864C RENESAS-IDT74SSTU32864C Datasheet
340Kb / 13P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
APRIL 2006
More results

Similar Description - IDT74SSTU32864BFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74SSTU32864 IDT-IDT74SSTU32864_07 Datasheet
179Kb / 12P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
logo
Renesas Technology Corp
IDT74SSTU32864 RENESAS-IDT74SSTU32864 Datasheet
340Kb / 13P
   1:1 AND 1:2 REGISTERED BUFFER WITH 1.8V SSTL I/O
APRIL 2006
logo
Hitachi Semiconductor
HD74SSTV16857 HITACHI-HD74SSTV16857 Datasheet
138Kb / 15P
   1:1 14-bit SSTL-2 Registered Buffer
logo
Integrated Device Techn...
IDT74SSTVF16857 IDT-IDT74SSTVF16857 Datasheet
67Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16857 IDT-IDT74SSTVF16857_07 Datasheet
72Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Renesas Technology Corp
IDT74SSTVF16857 RENESAS-IDT74SSTVF16857 Datasheet
246Kb / 7P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
JUNE 2003
logo
Integrated Device Techn...
IDT74SSTV16857 IDT-IDT74SSTV16857 Datasheet
54Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Renesas Technology Corp
IDT74SSTV16857 RENESAS-IDT74SSTV16857 Datasheet
239Kb / 8P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
February 2009
logo
Integrated Device Techn...
IDT74SSTVF16859 IDT-IDT74SSTVF16859 Datasheet
78Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTV16859 IDT-IDT74SSTV16859 Datasheet
71Kb / 6P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com