Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGC15N35CL Datasheet(PDF) 5 Page - ON Semiconductor

Part # MGC15N35CL
Description  Internally Clamped N-Channel IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MGC15N35CL Datasheet(HTML) 5 Page - ON Semiconductor

  MGC15N35CL Datasheet HTML 1Page - ON Semiconductor MGC15N35CL Datasheet HTML 2Page - ON Semiconductor MGC15N35CL Datasheet HTML 3Page - ON Semiconductor MGC15N35CL Datasheet HTML 4Page - ON Semiconductor MGC15N35CL Datasheet HTML 5Page - ON Semiconductor MGC15N35CL Datasheet HTML 6Page - ON Semiconductor MGC15N35CL Datasheet HTML 7Page - ON Semiconductor MGC15N35CL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MGP15N35CL, MGB15N35CL, MGC15N35CL
http://onsemi.com
5
100
20
18
16
14
12
10
8
6
4
2
0
250
500
750
1000
20
18
16
14
12
10
8
6
4
2
0
250
500
750
1000
20
16
12
8
4
0
0
–25
–50
25
50
75
100
125
150
20
16
12
8
4
0
4
2
0
6
8
1012
1416
30
25
20
15
5
0
2
1
03
4
5
7
8
9
10
6
20
16
12
8
4
0
25
125
0
50
75
175
150
18
14
10
6
2
25
°C
150
°C
VCC = 50 V
VGE = 5.0 V
RG = 1000 Ω
INDUCTOR (mH)
TEMPERATURE (
°C)
TC, CASE TEMPERATURE (°C)
IC, COLLECTOR CURRENT (AMPS)
RG, GATE RESISTANCE (OHMS)
RG, GATE RESISTANCE (OHMS)
VCC = 50 V
VGE = 5.0 V
RG = 1000 Ω
3.0 mH
6.0 mH
td(off)
tf
td(off)
tf
td(off)
tf
VCC = 300 V
VGE = 5.0 V
Tj = 150°C
IC = 10 A
L = 300
µH
VCC = 300 V
VGE = 5.0 V
RG = 1000 Ω
IC = 10 A
L = 300
µH
10
VCC = 300 V
VGE = 5.0 V
Tj = 25°C
IC = 10 A
L = 300
µH
18
14
10
6
2
2
6
10
14
18
VCC = 300 V
VGE = 5.0 V
RG = 1000 Ω
Tj = 150
°C
L = 300
µH
td(off)
tf
Figure 7. Switching Speed versus Gate Resistance
Figure 8. Switching Speed versus Gate Resistance
Figure 9. Switching Speed versus Case Temperature
Figure 10. Total Switching Losses
versus Collector Current
Figure 11. Latch Current versus Inductor (Typical)
Figure 12. Latch Current versus Temperature (Typical)


Similar Part No. - MGC15N35CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGC15N40CL ONSEMI-MGC15N40CL Datasheet
100Kb / 8P
   Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 1
More results

Similar Description - MGC15N35CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGP15N40CL ONSEMI-MGP15N40CL Datasheet
100Kb / 8P
   Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 1
MGP15N43CL ONSEMI-MGP15N43CL Datasheet
70Kb / 4P
   Internally Clamped N-Channel IGBT
MGP15N38CL ONSEMI-MGP15N38CL Datasheet
71Kb / 4P
   Internally Clamped N-Channel IGBT
logo
Motorola, Inc
MGP20N14CL MOTOROLA-MGP20N14CL Datasheet
77Kb / 4P
   Internally Clamped, N-Channel IGBT
logo
ON Semiconductor
MGP20N40CL ONSEMI-MGP20N40CL Datasheet
118Kb / 5P
   SMARTDISCRETES Internally Clamped, N-Channel IGBT
1997 REV 1
MGP20N14CL ONSEMI-MGP20N14CL Datasheet
75Kb / 4P
   SMARTDISCRETES Internally Clamped, N-Channel IGBT
REV 2
logo
Motorola, Inc
MGP20N40CL MOTOROLA-MGP20N40CL Datasheet
133Kb / 6P
   SMARTDISCRETES Internally Clamped, N-Channel IGBT
MGP20N35CL MOTOROLA-MGP20N35CL Datasheet
200Kb / 6P
   SMARTDISCRETES Internally Clamped, N-Channel IGBT
logo
ON Semiconductor
MGP20N35CL ONSEMI-MGP20N35CL Datasheet
120Kb / 5P
   SMARTDISCRETES Internally Clamped, N-Channel IGBT
1997 REV 1
logo
STMicroelectronics
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ Datasheet
92Kb / 8P
   N-CHANNEL CLAMPED 10A D2PAK INTERNALLY CLAMPED PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com