Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3000 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3000
Description  SPREAD-SPECTRUM BASEBAND MODEM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3000 Datasheet(HTML) 3 Page - RF Micro Devices

  RF3000 Datasheet HTML 1Page - RF Micro Devices RF3000 Datasheet HTML 2Page - RF Micro Devices RF3000 Datasheet HTML 3Page - RF Micro Devices RF3000 Datasheet HTML 4Page - RF Micro Devices RF3000 Datasheet HTML 5Page - RF Micro Devices RF3000 Datasheet HTML 6Page - RF Micro Devices RF3000 Datasheet HTML 7Page - RF Micro Devices RF3000 Datasheet HTML 8Page - RF Micro Devices RF3000 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
11-323
RF3000
Rev A4 031216
Notes:
1. AC tests performed with CL=20pF, IOL=2mA, and IOH=-1mA. Input reference level all inputs VCC/2. Test VIH=VCC,
VIL=0V; VOH=VOL=VCC/2.
2. Not tested, but characterized at initial design and at major process/design changes.
3. Measured from VIL to VIH.
4. TX PE must be inactive before going active to generate a new packet.
5. IOUT/QOUT are modulated after last chip of valid data to provide ramp-down time for RF/IF circuits.
6. A new search will begin after last bit of 802.11 packet in 802.11 modes.
7. Centered about 1.7V VREF.
8. Accurate to within ±3dB of final gain setting.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
I/Q ADC
Full Scale Input Voltage
0.7
+10%
VP-P
See Note 7.
Input Bandwidth
11
MHz
Input Capacitance
5
pF
Input Impedance
50
k
I/Q DAC
Full Scale Output Voltage
200
mV
See Note 7.
Sample Rate
11
MHz
Resolution
6
bits
DNL
0.5
LSB
INL
0.5
1.0
LSB
Tested for monotonicity.
TX VGC DAC
Maximum Gain Output Voltage
1.2
V
Minimum Gain Output Voltage
2.0
V
Resolution
6
bits
DNL
0.5
LSB
INL
0.5
1.0
LSB
Tested for monotonicity.
RX VGC DAC
Maximum Gain Output Voltage
1.2
V
Minimum Gain Output Voltage
2.0
V
Resolution
6
bits
DNL
0.5
LSB
INL
0.5
1.0
LSB
Tested for monotonicity.
Control Port Timing
Characteristics
SPI Mode
Mode Switching Characteristics.
See Figure 3.
C CLK Clock Frequency
6
MHz
fCLK
CS High Time Between
Transmissions
1.1
µSt
CSH
CS Falling to C CLK Edge
22
nS
tCSS
C CLK Low Time
68
nS
tCLKL
C CLK High Time
68
nS
tCLKH
CD IN to C CLK Setup Time
42
nS
tDSU
C CLK Rising to Data Hold Time
16
nS
tDHLD
C CLK Falling to CD OUT Stable
47
nS
tPD


Similar Part No. - RF3000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RF300 ETC1-RF300 Datasheet
283Kb / 4P
   HIGH REPEATABILITY BROADBAND TO-5 RELAYS DPDT
logo
Teledyne Technologies I...
RF300 TELEDYNE-RF300 Datasheet
874Kb / 8P
   HIGH REPEATABILITY BROADBAND TO-5 RELAYS DPDT
07/2021
logo
List of Unclassifed Man...
RF300-12 ETC1-RF300-12 Datasheet
283Kb / 4P
   HIGH REPEATABILITY BROADBAND TO-5 RELAYS DPDT
logo
Teledyne Technologies I...
RF300-12 TELEDYNE-RF300-12 Datasheet
874Kb / 8P
   HIGH REPEATABILITY BROADBAND TO-5 RELAYS DPDT
07/2021
logo
List of Unclassifed Man...
RF300-5 ETC1-RF300-5 Datasheet
283Kb / 4P
   HIGH REPEATABILITY BROADBAND TO-5 RELAYS DPDT
More results

Similar Description - RF3000

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-50050 AMI-AMIS-50050 Datasheet
362Kb / 10P
   Spread Spectrum Baseband Controller
logo
Intersil Corporation
HFA3860A INTERSIL-HFA3860A Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3861B INTERSIL-HFA3861B Datasheet
733Kb / 36P
   Direct Sequence Spread Spectrum Baseband Processor
February 2002
logo
Harris Corporation
HSP3824 HARRIS-HSP3824 Datasheet
276Kb / 41P
   Direct Sequence Spread Spectrum Baseband Processor
logo
Intersil Corporation
HFA3861A INTERSIL-HFA3861A Datasheet
440Kb / 37P
   Direct Sequence Spread Spectrum Baseband Processo
HFA3824A INTERSIL-HFA3824A Datasheet
271Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
August 1998
HFA3863 INTERSIL-HFA3863 Datasheet
305Kb / 39P
   Direct Sequence Spread Spectrum Baseband Processor
HFA3860B INTERSIL-HFA3860B Datasheet
272Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
HFA3861 INTERSIL-HFA3861 Datasheet
218Kb / 35P
   Direct Sequence Spread Spectrum Baseband Processor
July 1999
HFA3860 INTERSIL-HFA3860 Datasheet
250Kb / 40P
   11 Mbps Direct Sequence Spread Spectrum Baseband Processor
July 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com