Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75348 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC75348
Description  Single-Chip Electronic Volume and Tone Control System
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75348 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC75348 Datasheet HTML 4Page - Sanyo Semicon Device LC75348 Datasheet HTML 5Page - Sanyo Semicon Device LC75348 Datasheet HTML 6Page - Sanyo Semicon Device LC75348 Datasheet HTML 7Page - Sanyo Semicon Device LC75348 Datasheet HTML 8Page - Sanyo Semicon Device LC75348 Datasheet HTML 9Page - Sanyo Semicon Device LC75348 Datasheet HTML 10Page - Sanyo Semicon Device LC75348 Datasheet HTML 11Page - Sanyo Semicon Device LC75348 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
No. 7308 -8/21
LC75348, 75348M
D8
D9
D10
D11
D12
D13
D14
D15
Operation
1
1
0
0
1
1
0
0
–51 dB
0
0
1
0
1
1
0
0
–52 dB
1
0
1
0
1
1
0
0
–53 dB
0
1
1
0
1
1
0
0
–54 dB
1
1
1
0
1
1
0
0
–55 dB
0
0
0
1
1
1
0
0
–56 dB
1
0
0
1
1
1
0
0
–57 dB
0
1
0
1
1
1
0
0
–58 dB
1
1
0
1
1
1
0
0
–59 dB
0
0
1
1
1
1
0
0
–60 dB
1
0
1
1
1
1
0
0
–61 dB
0
1
1
1
1
1
0
0
–62 dB
1
1
1
1
1
1
0
0
–63 dB
0
0
0
0
0
0
1
0
–64 dB
1
0
0
0
0
0
1
0
–65 dB
0
1
0
0
0
0
1
0
–66 dB
1
1
0
0
0
0
1
0
–67 dB
0
0
1
0
0
0
1
0
–68 dB
1
0
1
0
0
0
1
0
–69 dB
0
1
1
0
0
0
1
0
–70 dB
1
1
1
0
0
0
1
0
–71 dB
0
0
0
1
0
0
1
0
–72 dB
1
0
0
1
0
0
1
0
–73 dB
0
1
0
1
0
0
1
0
–74 dB
1
1
0
1
0
0
1
0
–75 dB
0
0
1
1
0
0
1
0
–76 dB
1
0
1
1
0
0
1
0
–77 dB
0
1
1
1
0
0
1
0
–78 dB
1
1
1
1
0
0
1
0
–79 dB
0
0
0
0
1
0
1
0
Continued from preceding page.
Treble control
D16
D17
D18
D19
Operation
1
0
1
0
+10 dB
0
0
1
0
+8 dB
1
1
0
0
+6 dB
0
1
0
0
+4 dB
1
0
0
0
+2 dB
0
0
0
0
0 dB
1
0
0
1
–2 dB
0
1
0
1
–4 dB
1
1
0
1
–6 dB
0
0
1
1
–8 dB
1
0
1
1
–10 dB


Similar Part No. - LC75348

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75341 SANYO-LC75341 Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
LC75341M SANYO-LC75341M Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
LC75342 SANYO-LC75342 Datasheet
306Kb / 20P
   Single-Chip Volume and Tone Control System
LC75342M SANYO-LC75342M Datasheet
306Kb / 20P
   Single-Chip Volume and Tone Control System
LC75343 SANYO-LC75343 Datasheet
413Kb / 28P
   Electronic Volume Control System on-Chip
More results

Similar Description - LC75348

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75397E SANYO-LC75397E Datasheet
561Kb / 26P
   Single Chip Electronic Volume and Tone Control System
LC75342 SANYO-LC75342 Datasheet
306Kb / 20P
   Single-Chip Volume and Tone Control System
LC75341 SANYO-LC75341 Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
LC75394NE SANYO-LC75394NE Datasheet
380Kb / 17P
   Single-Chip Electronic Volume Control System
LC75395E SANYO-LC75395E Datasheet
457Kb / 17P
   Single-Chip Electronic Volume Control System
LC75396NE SANYO-LC75396NE Datasheet
471Kb / 19P
   Single-Chip Electronic Volume Control System
LC75392 SANYO-LC75392 Datasheet
271Kb / 12P
   Single-Chip Electronic Volume Control System
LC75391 SANYO-LC75391 Datasheet
322Kb / 13P
   Single-Chip Electronic Volume Control System
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
   Car Stereo Electronic Tone and Volume Control
LC75347E SANYO-LC75347E Datasheet
602Kb / 17P
   Six-Channel Single-Chip Electronic Volume Control System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com