Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2128V-60LQ160 Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # ISPLSI2128V-60LQ160
Description  3.3V High Density Programmable Logic
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2128V-60LQ160 Datasheet(HTML) 2 Page - Lattice Semiconductor

  ISPLSI2128V-60LQ160 Datasheet HTML 1Page - Lattice Semiconductor ISPLSI2128V-60LQ160 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI2128V-60LQ160 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI2128V-60LQ160 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2128V-60LQ160 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2128V-60LQ160 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2128V-60LQ160 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2128V-60LQ160 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2128V-60LQ160 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Specifications ispLSI 2128V
2
Functional Block Diagram
Figure 1. ispLSI 2128V Functional Block Diagram (128-I/O and 64-I/O Versions)
The 128-I/O 2128V contains 128 I/O cells, while the 64-
I/O version contains 64 I/O cells. Each I/O cell is directly
connected to an I/O pin and can be individually pro-
grammed to be a combinatorial input, output or
bi-directional I/O pin with 3-state control. The signal
levels are TTL compatible voltages and the output drivers
can source 4mA or sink 8mA. Each output can be
programmed independently for fast or slow output slew
rate to minimize overall output switching noise. Device
pins can be safely driven to 5V signal levels to support
mixed-voltage systems.
Eight GLBs, 32 or 16 I/O cells, two dedicated inputs and
two or one ORPs are connected together to make a
Megablock (see Figure 1). The outputs of the eight GLBs
are connected to a set of 32 or 16 universal I/O cells by
the two or one ORPs. Each ispLSI 2128V device contains
four Megablocks.
The GRP has as its inputs, the outputs from all of the
GLBs and all of the inputs from the bi-directional I/O cells.
All of these signals are made available to the inputs of the
GLBs. Delays through the GRP have been equalized to
minimize timing skew.
Clocks in the ispLSI 2128V device are selected using the
dedicated clock pins. Three dedicated clock pins (Y0, Y1,
Y2) or an asynchronous clock can be selected on a GLB
basis. The asynchronous or Product Term clock can be
generated in any GLB for its own clock.
Programmable Open-Drain Outputs
In addition to the standard output configuration, the
outputs of the ispLSI 2128V are individually program-
mable, either as a standard totem-pole output or an
open-drain output. The totem-pole output drives the
specified Voh and Vol levels, whereas the open-drain
output drives only the specified Vol. The Voh level on the
open-drain output depends on the external loading and
pull-up. This output configuration is controlled by a pro-
grammable fuse. When this fuse is erased (JEDEC “1”),
the output is configured as a totem-pole output. When
this fuse is programmed (JEDEC “0”), the output is
configured as an open-drain. The default configuration
when the device is in bulk erased state is totem-pole
configuration. The open-drain/totem-pole option is se-
lectable through the ispDesignEXPERT software tools.
Global
Routing
Pool
(GRP)
0139B/2128V
Megablock
RESET
Input Bus
D3
D2
D1
D0
D7
D6
D5
D4
Output Routing Pool (ORP)
Output Routing Pool (ORP)
C7
C6
C5
C4
C3
C2
C1
C0
IN 5
IN 4
I/O 91
I/O 90
I/O 89
I/O 88
I/O 87
I/O 86
I/O 85
I/O 84
I/O 83
I/O 82
I/O 81
I/O 80
I/O 79
I/O 78
I/O 77
I/O 76
I/O 75
I/O 74
I/O 73
I/O 72
I/O 71
I/O 70
I/O 69
I/O 68
I/O 67
I/O 66
I/O 65
I/O 64
I/O 95
I/O 94
I/O 93
I/O 92
Output Routing Pool (ORP)
Output Routing Pool (ORP)
Input Bus
B4
B5
B6
B7
B0
B1
B2
B3
A0
A1
A2
A3
A4
A5
A6
A7
ispEN
I/O 4
I/O 5
I/O 6
I/O 7
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
I/O 16
I/O 17
I/O 18
I/O 19
I/O 20
I/O 21
I/O 22
I/O 23
I/O 24
I/O 25
I/O 26
I/O 27
I/O 28
I/O 29
I/O 30
I/O 31
I/O 0
I/O 1
I/O 2
I/O 3
GOE 0
GOE 1
TDI/IN 0
TMS/IN 1
Generic Logic
Blocks (GLBs)
Global
Routing
Pool
(GRP)
0139B/2128V.64IO
Megablock
RESET
Input Bus
D3
D2
D1
D0
D7
D6
D5
D4
Output Routing Pool (ORP)
C7
C6
C5
C4
C3
C2
C1
C0
IN 5*
IN 4*
I/O 43
I/O 42
I/O 41
I/O 40
I/O 39
I/O 38
I/O 37
I/O 36
I/O 35
I/O 34
I/O 33
I/O 32
I/O 47
I/O 46
I/O 45
I/O 44
Output Routing Pool (ORP)
Input Bus
B4
B5
B6
B7
B0
B1
B2
B3
A0
A1
A2
A3
A4
A5
A6
A7
ispEN
I/O 4
I/O 5
I/O 6
I/O 7
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
I/O 0
I/O 1
I/O 2
I/O 3
GOE 0
GOE 1
TDI/IN 0
TMS/IN 1
*Not available on 84-PLCC Device
Generic Logic
Blocks (GLBs)


Similar Part No. - ISPLSI2128V-60LQ160

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2128VE LATTICE-ISPLSI2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE LATTICE-ISPLSI2128VE Datasheet
200Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LB100 LATTICE-ISPLSI2128VE-100LB100 Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LB100 LATTICE-ISPLSI2128VE-100LB100 Datasheet
206Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LB208 LATTICE-ISPLSI2128VE-100LB208 Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results

Similar Description - ISPLSI2128V-60LQ160

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2064V LATTICE-ISPLSI2064V Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISP1016E LATTICE-ISP1016E Datasheet
198Kb / 15P
   High-Density Programmable Logic
3256 LATTICE-3256 Datasheet
1Mb / 18P
   High Density Programmable Logic
1032E1111 LATTICE-1032E1111 Datasheet
212Kb / 16P
   High-Density Programmable Logic
ISP1048E LATTICE-ISP1048E Datasheet
158Kb / 16P
   High-Density Programmable Logic
10321111 LATTICE-10321111 Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISP1032E LATTICE-ISP1032E Datasheet
301Kb / 17P
   High-Density Programmable Logic
ISPLSI3192 LATTICE-ISPLSI3192 Datasheet
156Kb / 15P
   High Density Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com