Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2128V-60LQ160 Datasheet(PDF) 8 Page - Lattice Semiconductor

Part # ISPLSI2128V-60LQ160
Description  3.3V High Density Programmable Logic
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2128V-60LQ160 Datasheet(HTML) 8 Page - Lattice Semiconductor

Back Button ISPLSI2128V-60LQ160 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2128V-60LQ160 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2128V-60LQ160 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2128V-60LQ160 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2128V-60LQ160 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2128V-60LQ160 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2128V-60LQ160 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI2128V-60LQ160 Datasheet HTML 11Page - Lattice Semiconductor ISPLSI2128V-60LQ160 Datasheet HTML 12Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Specifications ispLSI 2128V
8
Power Consumption
Power consumption in the ispLSI 2128V device depends
on two primary factors: the speed at which the device is
operating and the number of Product Terms used.
Figure 3 shows the relationship between power and
operating speed.
Figure 3. Typical Device Power Consumption vs fmax
200
175
250
020
40
60
80
fmax (MHz)
Notes: Configuration of eight 16-bit counters
Typical current at 3.3V, 25
° C
ispLSI 2128V
275
225
0127/2128V
ICC can be estimated for the ispLSI 2128V using the following equation:
ICC (mA) = 40 + (# of PTs * 0.6) + (# of nets * Max freq * 0.004)
Where:
# of PTs = Number of Product Terms used in design
# of nets = Number of Signals used in device
Max freq = Highest Clock Frequency to the device (in MHz)
The ICC estimate is based on typical conditions (VCC = 3.3V, room temperature) and an assumption
of two GLB loads on average exists. These values are for estimates only. Since the value of ICC is
sensitive to operating conditions and the program in the device, the actual ICC should be verified.
Power-up Considerations
When Lattice 3.3V 2000V devices are used in mixed 5V/
3.3V applications, some consideration needs to be given
to the power-up sequence. When the I/O pins on the
3.3V ispLSI devices are driven directly by 5V devices, a
low impedance path can exist on the 3.3V device be-
tween its I/O and Vcc pins when the 3.3V supply is not
present. This low impedance path can cause current to
flow from the 5V device into the 3.3V ispLSI device. The
maximum current occurs when the signals on the I/O pins
are driven high by the 5V devices. If a large enough
current flows through the 3.3V I/O pins, latch-up can
occur and permanent device damage may result.
This latch-up condition occurs only during the power-up
sequence when the 5V supply comes up before the 3.3V
supply. The Lattice 3.3V ispLSI devices are guaranteed
to withstand 5V interface signals within the device oper-
ating Vcc range of 3.0V to 3.6V.
The recommended power-up options are as follows:
Option 1: Ensure that the 3.3V supply is powered-up and
stable before the 5V supply is powered up.
Option 2: Ensure that the 5V device outputs are driven to
a high impedance or logic low state during power-up.


Similar Part No. - ISPLSI2128V-60LQ160

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2128VE LATTICE-ISPLSI2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE LATTICE-ISPLSI2128VE Datasheet
200Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LB100 LATTICE-ISPLSI2128VE-100LB100 Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LB100 LATTICE-ISPLSI2128VE-100LB100 Datasheet
206Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LB208 LATTICE-ISPLSI2128VE-100LB208 Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results

Similar Description - ISPLSI2128V-60LQ160

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2064V LATTICE-ISPLSI2064V Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISP1016E LATTICE-ISP1016E Datasheet
198Kb / 15P
   High-Density Programmable Logic
3256 LATTICE-3256 Datasheet
1Mb / 18P
   High Density Programmable Logic
1032E1111 LATTICE-1032E1111 Datasheet
212Kb / 16P
   High-Density Programmable Logic
ISP1048E LATTICE-ISP1048E Datasheet
158Kb / 16P
   High-Density Programmable Logic
10321111 LATTICE-10321111 Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISP1032E LATTICE-ISP1032E Datasheet
301Kb / 17P
   High-Density Programmable Logic
ISPLSI3192 LATTICE-ISPLSI3192 Datasheet
156Kb / 15P
   High Density Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com