Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLT441L08-50FA Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GLT441L08-50FA
Description  512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GLT441L08-50FA Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GLT441L08-50FA Datasheet HTML 1Page - List of Unclassifed Manufacturers GLT441L08-50FA Datasheet HTML 2Page - List of Unclassifed Manufacturers GLT441L08-50FA Datasheet HTML 3Page - List of Unclassifed Manufacturers GLT441L08-50FA Datasheet HTML 4Page - List of Unclassifed Manufacturers GLT441L08-50FA Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT441L08-50FA Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT441L08-50FA Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT441L08-50FA Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT441L08-50FA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
G -LINK
GLT44108
512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE
Preliminary Aug 1999 (Rev.2.1)
G-Link Technology
2701 Northwestern Parkway
Santa Clara, CA 95051, U.S.A.
G-Link Technology Corporation,Taiwan
6F, No.24-2, Industry E. RD. IV, Science Based
Industrial Park, Hsin Chu, Taiwan.
- 5 -
AC Characteristics (0
°°C≤≤T
A
≤≤70°°C,See note 1,2)
Test condition:VCC=5.0V
±10%, V
IH/VIL=2.4V/0.8V,VOH/VOL=2.0V/0.8V
Parameter
40 ns
50 ns
60 ns
Symbol
MIN.
MAX.
MIN.
MAX.
MIN.
MAX. Unit
Notes
Read/Write Cycle Time
tRC
75
-
90
-
110
-
ns
Read Midify Write Cycle Time
tRWC
120
-
140
-
160
-
ns
Access Time from RAS
tRAC
-
40
-
50
-
60
ns
3,4
Access Time from CAS
tCAC
-
12
-
13
-
15
ns
3,4
Access Time from Column Address
tAA
-
20
-
25
-
30
ns
3,4
CAS to Output in Low-Z
tCLZ
0
-
0
-
0
-
ns
3
Output Buffer Turn-off Delay from CAS
tOFF
0
8
0
10
0
13
ns
7
Transition Time(Rise and Fall)
tT
3
50
3
50
3
50
ns
2
RAS Precharge Time
tRP
25
-
30
-
40
-
ns
RAS Pulse Width
tRAS
40
10000
50
10000
60
10000
ns
RAS Hold Time
tRSH
12
-
13
-
15
-
ns
CAS Hold Time
tCSH
40
-
50
-
60
-
ns
CAS Pulse Width
tCAS
12
10000
13
10000
15
10000
ns
RAS to CAS Delay Time
tRCD
16
30
18
37
20
45
ns
4
RAS to Column Address Delay Time
tRAD
11
22
13
25
15
30
ns
4
CAS to RAS Precharge Time
tCRP
5
-
5
-
5
-
ns
8
Row Address Setup Time
tASR
0
-
0
-
0
-
ns
Row Address Hold Time
tRAH
6
-
8
-
10
-
ns
Column Address Setup Time
tASC
0
-
0
-
0
-
ns
Column Address Hold Time
tCAH
6
-
8
-
10
-
ns
Column Address Hold Time Referenced
to RAS
tAR
30
-
40
-
45
-
ns
Column Address Lead Time Referenced
to RAS
tRAL
20
-
25
-
30
-
ns
Read Command Setup Time
tRCS
0
-
0
-
0
-
ns
Read Command Hold Time Referenced
to RAS
tRRH
0
-
0
-
0
-
ns
9
Read Command Hold Time Referenced
to CAS
tRCH
0
-
0
-
0
-
ns
9
WE Hold Time Referenced to CAS
tWCH
6
-
7
-
10
-
ns
10
Write Command Hold Time Referenced
to RAS
tWCR
30
-
40
-
45
-
ns
5


Similar Part No. - GLT441L08-50FA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT44016 ETC-GLT44016 Datasheet
748Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT44016-25J4 ETC-GLT44016-25J4 Datasheet
748Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT44016-25TC ETC-GLT44016-25TC Datasheet
748Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT44016-28J4 ETC-GLT44016-28J4 Datasheet
748Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT44016-28TC ETC-GLT44016-28TC Datasheet
748Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
More results

Similar Description - GLT441L08-50FA

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C816H MOSEL-V53C816H Datasheet
213Kb / 18P
   512K X 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC41C8513 ICSI-IC41C8513 Datasheet
240Kb / 17P
   512K x 8 bit Dynamic RAM with Fast Page Mode
logo
Integrated Silicon Solu...
IS41C85125 ISSI-IS41C85125 Datasheet
143Kb / 16P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV85125B ISSI-IS41LV85125B Datasheet
113Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IC41C8512 ICSI-IC41C8512 Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
IS41C8512 ICSI-IS41C8512 Datasheet
201Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C85120 ISSI-IS41C85120 Datasheet
145Kb / 19P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV85120B ISSI-IS41LV85120B Datasheet
126Kb / 21P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Samsung semiconductor
KM48C2000B SAMSUNG-KM48C2000B Datasheet
79Kb / 8P
   2M x 8Bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com