Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC78LC50NTR Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC78LC50NTR
Description  MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78LC50NTR Datasheet(HTML) 1 Page - ON Semiconductor

  MC78LC50NTR Datasheet HTML 1Page - ON Semiconductor MC78LC50NTR Datasheet HTML 2Page - ON Semiconductor MC78LC50NTR Datasheet HTML 3Page - ON Semiconductor MC78LC50NTR Datasheet HTML 4Page - ON Semiconductor MC78LC50NTR Datasheet HTML 5Page - ON Semiconductor MC78LC50NTR Datasheet HTML 6Page - ON Semiconductor MC78LC50NTR Datasheet HTML 7Page - ON Semiconductor MC78LC50NTR Datasheet HTML 8Page - ON Semiconductor MC78LC50NTR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2005
March, 2005 − Rev. 8
1
Publication Order Number:
MC78LC00/D
MC78LC00 Series
Micropower Voltage
Regulator
The MC78LC00 series of fixed output low dropout linear regulators
are designed for handheld communication equipment and portable
battery powered applications which require low quiescent current. The
MC78LC00 series features an ultra−low quiescent current of 1.1
mA.
Each device contains a voltage reference unit, an error amplifier, a
PMOS power transistor, and resistors for setting output voltage.
The MC78LC00 has been designed to be used with low cost ceramic
capacitors and requires a minimum output capacitor of 0.1
mF. The
device is housed in the micro−miniature Thin SOT23−5 surface mount
package and SOT−89, 3 pin. Standard voltage versions are 1.5, 1.8,
2.5, 2.7, 2.8, 3.0, 3.3, 4.0, and 5.0 V. Other voltages are available in
100 mV steps.
Features
Low Quiescent Current of 1.1 mA Typical
Excellent Line and Load Regulation
Maximum Operating Voltage of 12 V
Low Output Voltage Option
High Accuracy Output Voltage of 2.5%
Industrial Temperature Range of −40°C to 85°C
Two Surface Mount Packages (SOT−89, 3 Pin, or SOT−23, 5 Pin)
Pb−Free Packages are Available
Typical Applications
Battery Powered Instruments
Hand−Held Instruments
Camcorders and Cameras
Figure 1. Representative Block Diagram
23
1
This device contains 8 active transistors.
Vin
Gnd
VO
Vref
SOT−89
H SUFFIX
CASE 1213
1
TAB
(Tab is connected to Pin 2)
1
2
3
Gnd
Vin
Vout
Tab
(Top View)
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
THIN SOT23−5
NTR SUFFIX
CASE 483
1
5
MARKING DIAGRAMS AND
PIN CONNECTIONS
1
3
N/C
Gnd
2
Vin
Vout
4
N/C
5
xxx = Version
Y
= Year
W = Work Week
(Top View)
http://onsemi.com


Similar Part No. - MC78LC50NTR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78LC50NTR MOTOROLA-MC78LC50NTR Datasheet
117Kb / 8P
   MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
logo
ON Semiconductor
MC78LC50NTR ONSEMI-MC78LC50NTR Datasheet
100Kb / 12P
   Micropower Voltage Regulator
January, 2006 ??Rev. 9
MC78LC50NTR ONSEMI-MC78LC50NTR Datasheet
148Kb / 12P
   Micropower Voltage Regulator
January, 2009 ??Rev. 10
MC78LC50NTRG ONSEMI-MC78LC50NTRG Datasheet
100Kb / 12P
   Micropower Voltage Regulator
January, 2006 ??Rev. 9
MC78LC50NTRG ONSEMI-MC78LC50NTRG Datasheet
148Kb / 12P
   Micropower Voltage Regulator
January, 2009 ??Rev. 10
More results

Similar Description - MC78LC50NTR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78LC00 MOTOROLA-MC78LC00 Datasheet
117Kb / 8P
   MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
MC78FC00 MOTOROLA-MC78FC00 Datasheet
90Kb / 4P
   MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
logo
ON Semiconductor
MC78FC00 ONSEMI-MC78FC00 Datasheet
84Kb / 4P
   MICROPOWER ULTRA.LOW QUIESCENT CURRENT VOLTAGE REGULATORS
April, 2001 ??Rev. 2
logo
Texas Instruments
TPS76615 TI-TPS76615 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
logo
Linear Technology
LT1521-3 LINER-LT1521-3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Dimensions Semic...
LT1521CS8-3-PBF LINEAR_DIMENSIONS-LT1521CS8-3-PBF Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
logo
Linear Technology
LT1529-3.3 LINER-LT1529-3.3_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1529-5 LINER-LT1529-5_15 Datasheet
155Kb / 12P
   3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521 LINER-LT1521_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
LT1521-3.3 LINER-LT1521-3.3_15 Datasheet
210Kb / 16P
   300mA Low Dropout Regulators with Micropower Quiescent Current and Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com