Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC78L05AB Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC78L05AB
Description  Three-Terminal Low Current Positive Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78L05AB Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC78L05AB Datasheet HTML 2Page - ON Semiconductor MC78L05AB Datasheet HTML 3Page - ON Semiconductor MC78L05AB Datasheet HTML 4Page - ON Semiconductor MC78L05AB Datasheet HTML 5Page - ON Semiconductor MC78L05AB Datasheet HTML 6Page - ON Semiconductor MC78L05AB Datasheet HTML 7Page - ON Semiconductor MC78L05AB Datasheet HTML 8Page - ON Semiconductor MC78L05AB Datasheet HTML 9Page - ON Semiconductor MC78L05AB Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MC78L00A Series, NCV78L00A
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (VI = 33 V, IO = 40 mA, CI = 0.33 mF, CO = 0.1 mF, 0°C < TJ < +125°C, unless otherwise noted.)
MC78L24AC
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
23
24
25
Vdc
Line Regulation
(TJ = +25°C, IO = 40 mA)
27.5 Vdc
≤ VI ≤ 38 Vdc
28 Vdc
≤ VI ≤ 80 Vdc
27 Vdc
≤ VI ≤ 38 Vdc
Regline
50
60
300
350
mV
Load Regulation
(TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA)
(TJ = +25°C, 1.0 mA ≤ IO ≤ 40 mA)
Regload
40
20
200
100
mV
Output Voltage
(28 Vdc
≤ VI ≤ 38 Vdc, 1.0 mA ≤ IO ≤ 40 mA)
(27 Vdc
≤ VI ≤ 38 Vdc, 1.0 mA ≤ IO ≤ 40 mA)
(28 Vdc
≤ VI = 33 Vdc, 1.0 mA ≤ IO ≤ 70 mA)
(27 Vdc
≤ VI ≤ 33 Vdc, 1.0 mA ≤ IO ≤ 70 mA)
VO
22.8
22.8
25.2
25.2
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
3.1
6.5
6.0
mA
Input Bias Current Change
(28 Vdc
≤ VI ≤ 38 Vdc)
(1.0 mA
≤ IO ≤ 40 mA)
DIIB
1.5
0.1
mA
Output Noise Voltage
(TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
200
mV
Ripple Rejection (IO = 40 mA,
f = 120 Hz, 29 V
≤ VI ≤ 35 V, TJ = +25°C)
RR
31
45
dB
Dropout Voltage
(TJ = +25°C)
VI − VO
1.7
Vdc


Similar Part No. - MC78L05AB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC78L05AB FAIRCHILD-MC78L05AB Datasheet
38Kb / 6P
   3-Terminal 0.1A 5V Positive Voltage Regulator
logo
Motorola, Inc
MC78L05ABD MOTOROLA-MC78L05ABD Datasheet
157Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
ON Semiconductor
MC78L05ABD ONSEMI-MC78L05ABD Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
logo
Fairchild Semiconductor
MC78L05ABD FAIRCHILD-MC78L05ABD Datasheet
38Kb / 6P
   3-Terminal 0.1A 5V Positive Voltage Regulator
logo
ON Semiconductor
MC78L05ABD ONSEMI-MC78L05ABD Datasheet
194Kb / 18P
   100 mA Positive Voltage Regulators
January, 2010 ??Rev. 15
More results

Similar Description - MC78L05AB

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
List of Unclassifed Man...
78L00A ETC-78L00A Datasheet
81Kb / 7P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL78L INTEGRAL-IL78L Datasheet
133Kb / 5P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Galaxy Semi-Conductor H...
BL78LXX BILIN-BL78LXX Datasheet
169Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Cystech Electonics Corp...
PL78L12XA3 CYSTEKEC-PL78L12XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
logo
Galaxy Semi-Conductor H...
BL78XX BILIN-BL78XX Datasheet
206Kb / 11P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Motorola, Inc
MC78L00 MOTOROLA-MC78L00 Datasheet
157Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL79L INTEGRAL-IL79L Datasheet
122Kb / 4P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL78L08XA3 CYSTEKEC-PL78L08XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
PL78L09XA3 CYSTEKEC-PL78L09XA3 Datasheet
151Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com