Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AES1J Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # AES1J
Description  175mA. Super Fast Surface Mount Rectifiers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

AES1J Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  AES1J Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
- 212 -
AES1A THRU AES1J
175mA. Super Fast Surface Mount Rectifiers
Voltage Range
50 to 600 Volts
Current
175 mAmpere
Features
Glass passivated junction chip
For surface mounted application
Low profile package
Built-in strain relief,
Ideal for automated placement
Easy pick and place
Superfast recovery time for high efficiency
Glass passivated chip junction
High temperature soldering:
260
OC/10 seconds at terminals
Plastic material used carries Underwriters
Laboratory Classification 94V-O
Mechanical Data
Cases: Molded plastic
Terminals: Solder plated
Polarity: Indicated by cathode band
Packing: tape per E1A STD RS-481
Weight: 0.01 gram
SOD-323F
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol AES
1A
AES
1B
AES
1C
AES
1D
AES
1F
AES
1G
AES
1H
AES
1J
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
500
600
V
Marking Code
EA
EB
EC
ED
EF
EG
EH
EJ
Maximum Average Forward Rectified Current
@ 85
@ 25
I(AV)
I(PEAK)
175
625
mA
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
20
A
Maximum Instantaneous Forward Voltage
IF=175mA
@ 85
@ 25
VF
1.25
1.45
V
Maximum DC Reverse Current @ TA =25
at Rated DC Blocking Voltage
IR
0.1
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
50
nS
Typical Junction Capacitance ( Note 2 )
Cj
5
pF
Maximum Thermal Resistance (Note 3)
R
θJA
R
θJL
85
35
℃/W
Operating Temperature Range
TJ
-40 to +85
Storage Temperature Range
TSTG
-40 to +85
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied VR=4.0 Volts
3. P.C.B. Mounted on 0.2 x 0.2”(5.0 x 5.0mm) Copper Pad Area.
0.016(0.4)
0.008(0.2)
0.051(1.3)
0.047(1.2)
0.006(0.15)
0.002(0.05)
0.035(0.9)
0.031(0.8)


Similar Part No. - AES1J

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AES-6100B AAEON-AES-6100B Datasheet
2Mb / 2P
   VIA Eden??667MHz processor, VIA VT8606 chipset with integrated AGP 4X graphic accelerator
AES-6100B-001 AAEON-AES-6100B-001 Datasheet
2Mb / 2P
   VIA Eden??667MHz processor, VIA VT8606 chipset with integrated AGP 4X graphic accelerator
AES-6100B-002 AAEON-AES-6100B-002 Datasheet
2Mb / 2P
   VIA Eden??667MHz processor, VIA VT8606 chipset with integrated AGP 4X graphic accelerator
AES-6100B-003 AAEON-AES-6100B-003 Datasheet
2Mb / 2P
   VIA Eden??667MHz processor, VIA VT8606 chipset with integrated AGP 4X graphic accelerator
AES-6100B-004 AAEON-AES-6100B-004 Datasheet
2Mb / 2P
   VIA Eden??667MHz processor, VIA VT8606 chipset with integrated AGP 4X graphic accelerator
More results

Similar Description - AES1J

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
ES3AB WEITRON-ES3AB_11 Datasheet
191Kb / 3P
   Surface Mount Super Fast Rectifiers
logo
EIC discrete Semiconduc...
SS3A EIC-SS3A_05 Datasheet
43Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
SS5A EIC-SS5A Datasheet
41Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SynSemi, Inc.
MURA130 SYNSEMI-MURA130 Datasheet
44Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Weitron Technology
ES2A WEITRON-ES2A Datasheet
45Kb / 2P
   Surface Mount Super Fast Rectifiers
logo
EIC discrete Semiconduc...
SS2A EIC-SS2A_05 Datasheet
40Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SFAS801G TSC-SFAS801G_14 Datasheet
385Kb / 4P
   Surface Mount Super Fast Rectifiers
logo
SynSemi, Inc.
SSOA SYNSEMI-SSOA Datasheet
35Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
ES3A SEMTECH_ELEC-ES3A Datasheet
236Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Anova Technologies CO.,...
ES3B ANOVA-ES3B Datasheet
296Kb / 2P
   Surface Mount Super Fast Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com