Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M393T6553CZA-CCC Datasheet(PDF) 6 Page - Samsung semiconductor

Part # M393T6553CZA-CCC
Description  DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb C-die 72-bit ECC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M393T6553CZA-CCC Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button M393T6553CZA-CCC Datasheet HTML 2Page - Samsung semiconductor M393T6553CZA-CCC Datasheet HTML 3Page - Samsung semiconductor M393T6553CZA-CCC Datasheet HTML 4Page - Samsung semiconductor M393T6553CZA-CCC Datasheet HTML 5Page - Samsung semiconductor M393T6553CZA-CCC Datasheet HTML 6Page - Samsung semiconductor M393T6553CZA-CCC Datasheet HTML 7Page - Samsung semiconductor M393T6553CZA-CCC Datasheet HTML 8Page - Samsung semiconductor M393T6553CZA-CCC Datasheet HTML 9Page - Samsung semiconductor M393T6553CZA-CCC Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Rev. 1.2 Aug. 2005
512MB, 1GB, 2GB Registered DIMMs
DDR2 SDRAM
RS0
DQS0
DQS0
DM0/DQS9
NC/DQS9
DM/
RDQS
NU/
RDQS
CS DQS DQS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D0
DQS1
DQS1
DM1/DQS10
NC/DQS10
DM/
RDQS
NU/
RDQS
CS DQS DQS
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D1
DQS2
DQS2
DM2/DQS11
NC/DQS11
DM/
RDQS
NU/
RDQS
CS DQS DQS
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D2
DQS3
DQS3
DM3/DQS12
NC/DQS12
DM/
RDQS
NU/
RDQS
CS DQS DQS
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D3
DQS8
DQS8
DM8/DQS17
NC/DQS17
DM/
RDQS
NU/
RDQS
CS DQS DQS
CB0
CB1
CB2
CB3
CB4
CB5
CB6
CB7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D8
DQS4
DQS4
DM4/DQS13
NC/DQS13
DM/
RDQS
NU/
RDQS
CS DQS DQS
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D4
DQS5
DQS5
DM5/DQS14
NC/DQS14
DM/
RDQS
NU/
RDQS
CS DQS DQS
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D5
DQS6
DQS6
DM6/DQS15
NC/DQS15
DM/
RDQS
NU/
RDQS
CS DQS DQS
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D6
DQS7
DQS7
DM7/DQS16
NC/DQS16
DM/
RDQS
NU/
RDQS
CS DQS DQS
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D7
DM/
RDQS
NU/
RDQS
CS DQS DQS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D9
DM/
RDQS
NU/
RDQS
CS DQS DQS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D10
DM/
RDQS
NU/
RDQS
CS DQS DQS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D11
DM/
RDQS
NU/
RDQS
CS DQS DQS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D12
DM/
RDQS
NU/
RDQS
CS DQS DQS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D17
DM/
RDQS
NU/
RDQS
CS DQS DQS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D13
DM/
RDQS
NU/
RDQS
CS DQS DQS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D14
DM/
RDQS
NU/
RDQS
CS DQS DQS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D15
DM/
RDQS
NU/
RDQS
CS DQS DQS
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D16
RS1
A0
Serial PD
A1 A2
SA0 SA1 SA2
SCL
SDA
VSS
D0 - D17
VDD/VDDQ
D0 - D17
D0 - D17
VREF
VDDSPD
Serial PD
WP
Notes :
1. DQ-to-I/O wiring may be changed per nibble.
2. Unless otherwise noted, resister values are 22 Ohms
3. RS0 and RS1 alternate between the back and front sides of the DIMM
1:2
R
E
G
I
S
T
E
R
RST
S1*
BA0-BA1
A0-A13
RAS
CAS
WE
CKE0
CKE1
RESET**
PCK7**
PCK7**
RS1-> CS : DDR2 SDRAMs D9-D17
RBA0-RBA1 -> BA0-BA1 : DDR2 SDRAMs D0-D17
RA0-RA13 -> A0-A13 : DDR2 SDRAMs D0-D17
RRAS -> RAS : DDR2 SDRAMs D0-D17
RCAS -> CAS : DDR2 SDRAMs D0-D17
RWE -> WE : DDR2 SDRAMs D0-D17
RCKE0 -> CKE : DDR2 SDRAMs D0-D8
RCKE1 -> CKE : DDR2 SDRAMs D9-D17
P
L
L
OE
CK0
CK0
RESET
PCK0-PCK6, PCK8, PCK9 -> CK : DDR2 SDRAMs D0-D17
PCK0-PCK6, PCK8, PCK9 -> CK : DDR2 SDRAMs D0-D17
PCK7 -> CK : Register
PCK7 -> CK : Register
ODT0
ODT1
RODT0 -> ODT0 : DDR2 SDRAMs D0-D8
RODT1 -> ODT1 : DDR2 SDRAMs D9-D17
S0*
RSO-> CS : DDR2 SDRAMs D0-D8
Functional Block Diagram: 1GB, 128Mx72 Module(populated as 2 rank of x8 DDR2 SDRAMs)
M393T2953CZ3 / M393T2953CZA
* S0 connects to DCS and S0 connects to CSR on a Register,
S1 connects to DCS and S0 connects to CSR on another Register.
** RESET, PCK7 and PCK7 connects to both Registers.
Other signals connect to one of two Registers.
Signals for Address and Command Parity Function (M393T2953CZA)
VSS
VDD
PAR_IN
C0
C1
PPO
QERR
Register A
PAR_IN
100K ohms
The resistors on Par_In, A13, A14, A15, BA2 and the
signal line of Err_Out refer to the section: "Register
Options for Unused Address inputs"
VDD
VDD
C0
C1
PPO
QERR
Err_Out
Register B
PAR_IN


Similar Part No. - M393T6553CZA-CCC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393T6553BG SAMSUNG-M393T6553BG Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M393T6553BG0-CD5/CC SAMSUNG-M393T6553BG0-CD5/CC Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M393T6553BG3-CD5/CC SAMSUNG-M393T6553BG3-CD5/CC Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M393T6553BZ0-CD5/CC SAMSUNG-M393T6553BZ0-CD5/CC Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M393T6553BZ3-CD5/CC SAMSUNG-M393T6553BZ3-CD5/CC Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
More results

Similar Description - M393T6553CZA-CCC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M393T6553BG SAMSUNG-M393T6553BG Datasheet
467Kb / 21P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
M393T3253FG SAMSUNG-M393T3253FG Datasheet
387Kb / 18P
   DDR2 Registered SDRAM MODULE 240pin Registered Module based on 256Mb F-die 72-bit ECC
M378T3354CZ3 SAMSUNG-M378T3354CZ3 Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
M378T3354BG3-CD5 SAMSUNG-M378T3354BG3-CD5 Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M390S2858ETU SAMSUNG-M390S2858ETU Datasheet
662Kb / 26P
   168pin Registered Module based on 256Mb E-die with 72-bit ECC
M312L5128MT0 SAMSUNG-M312L5128MT0 Datasheet
178Kb / 14P
   DDR SDRAM Registered Module ( TSOP-II ) 184pin Registered Module based on 1Gb M-die with 1,200mil Height & 72-bit ECC
logo
Hynix Semiconductor
HYMP564R72CP8-E3 HYNIX-HYMP564R72CP8-E3 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
logo
Samsung semiconductor
M366S3354BTS SAMSUNG-M366S3354BTS Datasheet
379Kb / 22P
   SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
M393B1K70CH0 SAMSUNG-M393B1K70CH0 Datasheet
1Mb / 53P
   240pin Registered DIMM based on 2Gb C-die
M393B2G70CB0 SAMSUNG-M393B2G70CB0 Datasheet
1Mb / 37P
   240pin Registered DIMM based on 4Gb C-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com