Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74FCT162Q245T Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI74FCT162Q245T
Description  Fast, Low Noise CMOS 16-Bit Bidirectional Transceivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT162Q245T Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74FCT162Q245T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT162Q245T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT162Q245T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT162Q245T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT162Q245T Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT162Q245T Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PI74FCT162Q245T
LOW NOISE 16-BIT BIDIRECTIONAL TRANSCEIVERS
292
PS2050A 04/12/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5.0V ± 10%)
Parameters Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
0.8
V
IIH
Input HIGH Current
Standard Input, VCC = Max.
VIN = VCC
1µA
IIH
Input HIGH Current
Bus Hold Input(4), VCC = Max.
VIN = VCC
±100
µA
IIL
Input LOW Current
Standard Input, VCC = Min.
VIN = GND
–1
µA
IIL
Input LOW Current
Bus Hold Input(4), VCC = Min.
VIN = GND
±100
µA
IBHH
Bus Hold
Bus Hold Input(4), VCC = Min.
VIN = 2.0V
–50
µA
IBHL
Sustain Current
VIN = 0.8V
+50
IOZH
High Impedance
VCC = Max.
VOUT = VCC
1µA
IOZL
Output Current
VCC = Max.
VOUT = GND
–1
µA
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18 mA
–0.7
–1.2
V
IO
Output Drive Current
VCC = Max.(3), VOUT = 2.5V
–50
–180
mA
VH
Input Hysteresis
100
mV
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Storage Temperature ................................................................. –65°C to +150°C
Ambient Temperature with Power Applied ................................. –40°C to +85°C
Supply Voltage to Ground Potential (Inputs & Vcc Only) .......... –0.5V to +7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) ....... –0.5V to +7.0V
DC Input Voltage ......................................................................... –0.5V to +7.0V
DC Output Current ................................................................................... 120 mA
Power Dissipation ......................................................................................... 1.0W
Note:
Stresses greater than those listed under
MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating
only and functional operation of the device at
these or any other conditions above those
indicated in the operational sections of this
specification is not implied. Exposure to
absolute maximum rating conditions for
extended periods may affect reliability.
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Pins with Bus Hold are identified in the pin description.
5. This specification does not apply to bi-directional functionalities with Bus Hold.


Similar Part No. - PI74FCT162Q245T

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT162Q244T PERICOM-PI74FCT162Q244T Datasheet
54Kb / 6P
   Fast, Low Noise CMOS 16-Bit Buffer/Line Driver
More results

Similar Description - PI74FCT162Q245T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16245T IDT-IDT74FCT16245T Datasheet
185Kb / 10P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT162245 PERICOM-PI74FCT162245 Datasheet
209Kb / 6P
   Fast CMOS 16-Bit Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT163245 IDT-IDT74FCT163245 Datasheet
123Kb / 7P
   3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74LPT16543 PERICOM-PI74LPT16543 Datasheet
57Kb / 5P
   Fast CMOS 16-Bit Latched Transceivers
PI74FCT16543T PERICOM-PI74FCT16543T Datasheet
74Kb / 7P
   Fast CMOS 16-Bit Latched Transceivers
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
logo
Renesas Technology Corp
IDT74FCT162H245AT RENESAS-IDT74FCT162H245AT Datasheet
269Kb / 7P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
74FCT16245TPV IDT-74FCT16245TPV Datasheet
90Kb / 7P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com