Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1571DR2 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1571DR2
Description  Low Voltage Synchronous Buck Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1571DR2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1571DR2 Datasheet HTML 5Page - ON Semiconductor NCP1571DR2 Datasheet HTML 6Page - ON Semiconductor NCP1571DR2 Datasheet HTML 7Page - ON Semiconductor NCP1571DR2 Datasheet HTML 8Page - ON Semiconductor NCP1571DR2 Datasheet HTML 9Page - ON Semiconductor NCP1571DR2 Datasheet HTML 10Page - ON Semiconductor NCP1571DR2 Datasheet HTML 11Page - ON Semiconductor NCP1571DR2 Datasheet HTML 12Page - ON Semiconductor NCP1571DR2 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
NCP1571
http://onsemi.com
9
APPLICATION INFORMATION
THEORY OF OPERATION
The NCP1571 is a simple, synchronous, fixed−frequency,
low−voltage buck controller using the V2 control method. It
provides a programmable−delay Power Good function to
indicate when the output voltage is out of regulation.
V2 Control Method
The V2 control method uses a ramp signal generated by
the ESR of the output capacitors. This ramp is proportional
to the AC current through the main inductor and is offset by
the DC output voltage. This control scheme inherently
compensates for variation in either line or load conditions,
since the ramp signal is generated from the output voltage
itself. The V2 method differs from traditional techniques
such as voltage mode control, which generates an artificial
ramp, and current mode control, which generates a ramp
using the inductor current.
Figure 21. V2 Control with Slope Compensation
COMP
Reference
Voltage
+
+
PWM
RAMP
Error
Amplifier
Error
Signal
Output
Voltage
VFB
GATE(H)
GATE(L)
Slope
Compensation
The V2 control method is illustrated in Figure 21. The
output voltage generates both the error signal and the ramp
signal. Since the ramp signal is simply the output voltage, it
is affected by any change in the output, regardless of the
origin of that change. The ramp signal also contains the DC
portion of the output voltage, allowing the control circuit to
drive the main switch from 0% to 100% duty cycle as
required.
A variation in line voltage changes the current ramp in the
inductor, which causes the V2 control scheme to compensate
the duty cycle. Since any variation in inductor current
modifies the ramp signal, as in current mode control, the V2
control scheme offers the same advantages in line transient
response.
A variation in load current will affect the output voltage,
modifying the ramp signal. A load step immediately changes
the state of the comparator output, which controls the main
switch. The comparator response time and the transition
speed of the main switch determine the load transient
response. Unlike traditional control methods, the reaction
time to the output load step is not related to the crossover
frequency of the error signal loop.
The error signal loop can have a low crossover frequency,
since the transient response is handled by the ramp signal
loop. The main purpose of this ‘slow’ feedback loop is to
provide DC accuracy. Noise immunity is significantly
improved, since the error amplifier bandwidth can be rolled
off at a low frequency. Enhanced noise immunity improves
remote sensing of the output voltage, since the noise
associated with long feedback traces can be effectively
filtered.
Line and load regulation are drastically improved because
there are two independent control loops. A voltage mode
controller relies on the change in the error signal to
compensate for a deviation in either line or load voltage.
This change in the error signal causes the output voltage to
change corresponding to the gain of the error amplifier,
which is normally specified as line and load regulation. A
current mode controller maintains a fixed error signal during
line transients, since the slope of the ramp signal changes in
this case. However, regulation of load transients still requires
a change in the error signal. The V2 method of control
maintains a fixed error signal for both line and load variation,
since the ramp signal is affected by both line and load.
The stringent load transient requirements of modern
microprocessors require the output capacitors to have very
low ESR. The resulting shallow slope in the output ripple can
lead to pulse width jitter and variation caused by both random
and synchronous noise. A ramp waveform generated in the
oscillator is added to the ramp signal from the output voltage
to provide the proper voltage ramp at the beginning of each
switching cycle. This slope compensation increases the noise
immunity, particularly at duty cycles above 50%.
Startup
The NCP1571 features a programmable Soft−Start
function, which is implemented through the error amplifier
and the external compensation capacitor. This feature
prevents stress to the power components and limits output
voltage overshoot during startup. As power is applied to the
regulator, the NCP1571 undervoltage lockout circuit (UVL)
monitors the IC’s supply voltage (VCC). The UVL circuit
holds both gate outputs low until VCC exceeds the 8.5 V
threshold. A hysteresis function of 1.0 V improves noise
immunity. The compensation capacitor connected to the
COMP pin is charged by a 30
mA current source. When the
capacitor voltage exceeds the 0.525 V offset of the PWM
comparator, the PWM control loop will allow switching to
occur. The upper gate driver GATE(H) is activated, turning
on the upper MOSFET. The current ramps up through the
main inductor and linearly powers the output capacitors and
load. When the regulator output voltage exceeds the COMP
pin voltage minus the 0.525 V PWM comparator offset
threshold and the artificial ramp, the PWM comparator
terminates the initial pulse.


Similar Part No. - NCP1571DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
NCP1570D ONSEMI-NCP1570D Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
NCP1570DR2 ONSEMI-NCP1570DR2 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
NCP1573 ONSEMI-NCP1573 Datasheet
382Kb / 17P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1573D ONSEMI-NCP1573D Datasheet
382Kb / 17P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
More results

Similar Description - NCP1571DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
NCP1589A ONSEMI-NCP1589A Datasheet
206Kb / 10P
   Low Voltage Synchronous Buck Controller
May, 2009 ??Rev. P4
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
[Old version datasheet]   LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com