Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51120RHBRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS51120RHBRG4
Description  DUAL CURRENT MODE, SYNCHRONOUS STEP-DOWN CONTROLLER WITH 100-mA STANDBY REGULATORS FOR NOTEBOOK SYSTEM POWER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51120RHBRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS51120RHBRG4 Datasheet HTML 1Page - Texas Instruments TPS51120RHBRG4 Datasheet HTML 2Page - Texas Instruments TPS51120RHBRG4 Datasheet HTML 3Page - Texas Instruments TPS51120RHBRG4 Datasheet HTML 4Page - Texas Instruments TPS51120RHBRG4 Datasheet HTML 5Page - Texas Instruments TPS51120RHBRG4 Datasheet HTML 6Page - Texas Instruments TPS51120RHBRG4 Datasheet HTML 7Page - Texas Instruments TPS51120RHBRG4 Datasheet HTML 8Page - Texas Instruments TPS51120RHBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.ti.com
TPS51120
SLUS670A–JULY 2005–REVISED AUGUST 2005
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, VVIN =12V,VVREG5 =VV5FILT = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VREG3 VOLTAGE
VVREG3
VREG3 Output Regulation Voltage IVREG3 =20mA, 6V<VIN <28V,TA=25°C
3.25
3.30
3.35
IVREG3 =1-50mA,6V<VIN <28V,TA=0to 85°C
3.21
3.37
V
VVREG3T
VREG3 Output Voltage Tolerance IVREG3 =1-100 mA ,6V<VIN <28V,TA=-40 to
3.16
3.39
85°C
IVREG3
VREG3 Output Current
TA =25°C, VREG3=3.14V (1)
170
mA
Rising edge of VO2, VREG3 drops to VO2 voltage
2.85
3.10
V
VREG3 Bootstrap Switch
VLDO3SW
Threshold
Hysteresis
120
mV
VREG3 Bootstrap Switch Resist-
RLDO3SW
1.3
3.0
ance
VREG5 VOLTAGE
VVREG5
VREG5 Output Regulation Voltage IVREG5 =20mA, 6V<VIN <28V,TA= 25°C
4.925
5.00
5.075
VVREG5T
VREG5 Output Voltage Tolerance IVREG5 =1-50mA,6V<VIN <28V,TA=0to 85°C
4.89
5.11
V
IVREG5 =1-100 mA ,6V<VIN <28V,TA=-40 to
4.80
5.15
85°C
IVREG5
VREG5 Output Current
TA =25°C, VREG5=4.75 V(1)
200
mA
Rising edge of VO1, VREG5 drops to VO1 voltage
4.30
4.85
V
VREG5 Bootstrap Switch
VLDO5SW
Threshold
Hysteresis
140
mV
VREG5 Bootstrap Switch Resist-
RLDO5SW
1.3
3.0
ance
TRANSCONDUCTANCE AMPLIFIER
Gm
Gain
TA =25°C
280
µS
ICOMPSINK COMP Maximum Sink Current
VFBx=1.05V, COMPx=1.28V
8
12
16
µA
ICOMPSRC
COMP Maximum Source Current
VFBx=0.95V, COMPx=1.28V
-15
-11
-7
VCOMPHI
COMP High Clamp Voltage
CSx=0V, VFBx=0.95V
1.26
1.34
1.42
V
VCOMPLO
COMP Low Clamp Voltage
CSx=0V, VFBx=1.05V
1.08
1.12
1.20
OUTPUT DRIVER
Source, VVBST-DRVH =1V
3.5
7
RDRVH
DRVH resistance
Sink, VDRVH-LL =1V
1.5
3
Source, VVREG5-DRVL =1V
3.5
7
RDRVL
DRVL resistance
Sink, VDRVL-PGND =1V
1.5
3
DRVH-off to DRVL-on, TA=25°C20
TD
Dead time
ns
DRVL-off to DRVH-on, TA=25°C30
60
VDTH
DRVH-off threshold
LL to GND(1)
2
V
VDTL
DRVL-off threshold
DRVL to GND (1)
1.1
INTERNAL BST DIODE
VFBST
Forward Voltage
VVREG5-VBST,IF = 10 mA, TA=25°C
0.7
0.8
0.9
V
IRBST
Reverse Current
VBST = 34 V, VREG5=5V
0.1
1.0
µA
IBST(LEAK)
VBST Leakage current
VBST=34V, LL=28V, EN3=EN5=EN1=EN2=0V
0.1
1.0
(1) Ensured by design. Not production tested.
5


Similar Part No. - TPS51120RHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51120 TI-TPS51120_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS51120 Dual, Synchronous Step-Down Controller With 100-mA Standby Regulators for Notebook System Power
More results

Similar Description - TPS51120RHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51120 TI-TPS51120_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS51120 Dual, Synchronous Step-Down Controller With 100-mA Standby Regulators for Notebook System Power
TPS51020 TI-TPS51020 Datasheet
558Kb / 27P
[Old version datasheet]   DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
TPS51125A TI1-TPS51125A Datasheet
1Mb / 37P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125 TI1-TPS51125_16 Datasheet
1Mb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller With Out-of-Audio Operation and 100-mA LDOS for Notebook System Power
TPS51123 TI-TPS51123_15 Datasheet
1Mb / 37P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125 TI-TPS51125 Datasheet
870Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI1-TPS51125A_17 Datasheet
1Mb / 39P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio Operation and 100-mA LDOs for Notebook System Power
TPS51123 TI-TPS51123 Datasheet
909Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI-TPS51125A_15 Datasheet
1Mb / 39P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123A TI1-TPS51123A Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com