Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TH7834C Datasheet(PDF) 5 Page - ATMEL Corporation

Part # TH7834C
Description  Very Highresolution Linear CCD Image Sensor (12000 Pixels)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TH7834C Datasheet(HTML) 5 Page - ATMEL Corporation

  TH7834C Datasheet HTML 1Page - ATMEL Corporation TH7834C Datasheet HTML 2Page - ATMEL Corporation TH7834C Datasheet HTML 3Page - ATMEL Corporation TH7834C Datasheet HTML 4Page - ATMEL Corporation TH7834C Datasheet HTML 5Page - ATMEL Corporation TH7834C Datasheet HTML 6Page - ATMEL Corporation TH7834C Datasheet HTML 7Page - ATMEL Corporation TH7834C Datasheet HTML 8Page - ATMEL Corporation TH7834C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
TH7834C
1997A–IMAGE–05/02
Readout Shift Register
Clocking
All gates of the 4 CCD shift registers are separated, enabling two or four output readout
modes.
To select 2 or 4 outputs operating mode, register main transport gates must be con-
nected as described here after:
4 outputs mode:
V
OS1: ΦL1 = Φ2A + Φ3A; ΦL2 = Φ1A + Φ4A
V
OS2: ΦL1 = Φ2B + Φ3B; ΦL2 = Φ1B + Φ4B
V
OS3: ΦL1 = Φ2C + Φ3C; ΦL2 = Φ1C + Φ4C
V
OS4: ΦL1 = Φ2D + Φ3D; ΦL2 = Φ1D + Φ4D
2 output mode: V
OS1and VOS2:
V
OS1: ΦL1 = Φ2A + Φ3A + Φ1C + Φ2C
Φ
L2 = Φ1A + Φ4A + Φ3C + Φ4C
V
OS2: ΦL1 = Φ2B + Φ3B + Φ1D + Φ2D
Φ
L2 = Φ1B + Φ4B + Φ3D + Φ4D
2 output mode: V
OS3 and VOS4:
V
OS3: ΦL1 = Φ1A + Φ2A + Φ2C + Φ3C
Φ
L2 = Φ3A + Φ4A + Φ1C + Φ4C
V
OS4: ΦL1 = Φ1B + Φ2B + Φ2D + Φ3D
Φ
L2 = Φ3B + Φ4B + Φ1D + Φ4D
Note:
In 2 output mode, the unused outputs can be connected as following:
Φ
LS = ΦR =VGS =0V
•10V < V
DR <15V
•VDD =15V
•V
S not connected in order to cancel unused output amplifiers power consumption.
Operating Range
Operating range defines the temperature limits between which the functionality is guar-
anteed: 0°C to 70°C.
Absolute Maximum Ratings*
Storage Temperature ................................... -55°C to + 150°C
*NOTICE:
Stresses above those listed under absolute max-
imum ratings may cause permanent device fail-
ure. Functionality at or above these limits is not
implied. Exposure to absolute maximum ratings
for extended periods may affect reliability.
Operating Temperature .................................
0°C to + 70°C
Thermal Cycling.........................................................15°C/mm
Maximum Voltage:
• Pins: 4, 6, 7, 8, 10, 11, 12, 13, 16, 17, 18,
19, 21, 23, 32, 34, 35, 36, 38, 39, 40, 41, 44,
45, 46, 47, 49, 51...............................................-0.3V to + 15V
• Pins: 2, 3, 22, 25, 26, 27, 30,
31, 50, 53, 54, 55............................................-0.3V to + 15.5V
• Pins: 5, 9, 14, 15, 20, 24, 33, 37, 42, 43, 48, 52 .. Ground 0V


Similar Part No. - TH7834C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TH7804A ATMEL-TH7804A Datasheet
172Kb / 11P
   Linear Charged Couple Device (CCD) Image Sensor 1024 Pixels
TH7804ACC ATMEL-TH7804ACC Datasheet
172Kb / 11P
   Linear Charged Couple Device (CCD) Image Sensor 1024 Pixels
TH7813A ATMEL-TH7813A Datasheet
157Kb / 10P
   50 MHz 1024/2048 Linear CCDs
TH7813ACC ATMEL-TH7813ACC Datasheet
157Kb / 10P
   50 MHz 1024/2048 Linear CCDs
TH7814A ATMEL-TH7814A Datasheet
157Kb / 10P
   50 MHz 1024/2048 Linear CCDs
More results

Similar Description - TH7834C

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3734A NEC-UPD3734A Datasheet
137Kb / 20P
   2660 PIXELS CCD LINEAR IMAGE SENSOR
UPD3739 NEC-UPD3739 Datasheet
127Kb / 24P
   5000 PIXELS CCD LINEAR IMAGE SENSOR
logo
ATMEL Corporation
TH7841A ATMEL-TH7841A Datasheet
207Kb / 12P
   Linear CCD Image Sensor (2048 Pixels)
logo
Renesas Technology Corp
S12744EJ4V0DS00 RENESAS-S12744EJ4V0DS00_15 Datasheet
406Kb / 26P
   5000 PIXELS CCD LINEAR IMAGE SENSOR
logo
NEC
UPD8670A NEC-UPD8670A Datasheet
274Kb / 28P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
UPD3747 NEC-UPD3747 Datasheet
122Kb / 5P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
S14892EJ4V0DS00 RENESAS-S14892EJ4V0DS00_15 Datasheet
304Kb / 22P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
S17147EJ2V0DS00 RENESAS-S17147EJ2V0DS00_15 Datasheet
362Kb / 30P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
S11454EJ3V0DS00 RENESAS-S11454EJ3V0DS00_15 Datasheet
335Kb / 22P
   2660 PIXELS CCD LINEAR IMAGE SENSOR
PD8670 RENESAS-PD8670_15 Datasheet
368Kb / 30P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com