Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TH7834C Datasheet(PDF) 9 Page - ATMEL Corporation

Part # TH7834C
Description  Very Highresolution Linear CCD Image Sensor (12000 Pixels)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TH7834C Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button TH7834C Datasheet HTML 5Page - ATMEL Corporation TH7834C Datasheet HTML 6Page - ATMEL Corporation TH7834C Datasheet HTML 7Page - ATMEL Corporation TH7834C Datasheet HTML 8Page - ATMEL Corporation TH7834C Datasheet HTML 9Page - ATMEL Corporation TH7834C Datasheet HTML 10Page - ATMEL Corporation TH7834C Datasheet HTML 11Page - ATMEL Corporation TH7834C Datasheet HTML 12Page - ATMEL Corporation TH7834C Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
TH7834C
1997A–IMAGE–05/02
Note:
1. For ¼ of total CCD register.
Note:
The maximum clock frequency is limited by the dark signal increase. Full performance for 5 MHz.
Table 4. Drive Clock Capacitances Operating Frequencies(1)
Symbol
Function/Clock
Capacitive Network
Total
Max. Frequency
Φ
L1, ΦL2
Register Main Transport Clock
Φ
L1: 570 pF
Φ
L2: 640 pF
for one CCD
(1)
10 MHz
Φ
LS1-2, ΦLS3-4
Register End Transfer Clock
≤ 50 pF per phase
10 MHz
Φ
P1-2, ΦP3-4
Transfer Clock
80 pF per phase
Pulse duration
≥ 2µs
Period:
≥ 608.6 µs
(4 outputs mode)
Φ
A1-2, ΦA3-4
Antiblooming And Exposure
Time Control
100 pF per phase
Φ
R1-2, ΦR3-4
Reset Clock
≤ 50 pF per phase
10 MHz
ΦL1
ΦL2
160pF
250pF
320pF
ΦP
ΦL2
15pF
VSS
VST
15pF
50pF
ΦA
15pF
VSS
VST
60pF
Table 5. Static and Dynamic Electrical Characteristics
Parameter
Symbol
Value
Unit
Remarks
Min.
Typ.
Max.
DC Output Level (Pins: 1, 28, 29, 56)
V
ref
10
V
Output Impedance (Pins: 1, 28, 29,
56)
Z
S
400
600
Maximum Data Output Frequency
Per Channel
FS max
5
10
MHz
(Note:)
Input Current On Active Pins 4, 6, 7,
8, 10, 11, 12, 13, 16, 17, 18, 19, 21,
23, 32, 34, 35, 36, 38, 39, 40, 41, 44,
45, 46, 47, 49, 51
Ie
<< 1
2
µA
V
in =15V
with all other
pins = 0V
Amplifier Drain Supply Current (Per
VDD)
I
DD1-2,IDD3-4
10
16
mA
V
DD =15V
Static Power Dissipation (Per V
DD)PD1-2,PD3-4
165
240
mW


Similar Part No. - TH7834C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TH7804A ATMEL-TH7804A Datasheet
172Kb / 11P
   Linear Charged Couple Device (CCD) Image Sensor 1024 Pixels
TH7804ACC ATMEL-TH7804ACC Datasheet
172Kb / 11P
   Linear Charged Couple Device (CCD) Image Sensor 1024 Pixels
TH7813A ATMEL-TH7813A Datasheet
157Kb / 10P
   50 MHz 1024/2048 Linear CCDs
TH7813ACC ATMEL-TH7813ACC Datasheet
157Kb / 10P
   50 MHz 1024/2048 Linear CCDs
TH7814A ATMEL-TH7814A Datasheet
157Kb / 10P
   50 MHz 1024/2048 Linear CCDs
More results

Similar Description - TH7834C

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3734A NEC-UPD3734A Datasheet
137Kb / 20P
   2660 PIXELS CCD LINEAR IMAGE SENSOR
UPD3739 NEC-UPD3739 Datasheet
127Kb / 24P
   5000 PIXELS CCD LINEAR IMAGE SENSOR
logo
ATMEL Corporation
TH7841A ATMEL-TH7841A Datasheet
207Kb / 12P
   Linear CCD Image Sensor (2048 Pixels)
logo
Renesas Technology Corp
S12744EJ4V0DS00 RENESAS-S12744EJ4V0DS00_15 Datasheet
406Kb / 26P
   5000 PIXELS CCD LINEAR IMAGE SENSOR
logo
NEC
UPD8670A NEC-UPD8670A Datasheet
274Kb / 28P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
UPD3747 NEC-UPD3747 Datasheet
122Kb / 5P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
S14892EJ4V0DS00 RENESAS-S14892EJ4V0DS00_15 Datasheet
304Kb / 22P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
S17147EJ2V0DS00 RENESAS-S17147EJ2V0DS00_15 Datasheet
362Kb / 30P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
S11454EJ3V0DS00 RENESAS-S11454EJ3V0DS00_15 Datasheet
335Kb / 22P
   2660 PIXELS CCD LINEAR IMAGE SENSOR
PD8670 RENESAS-PD8670_15 Datasheet
368Kb / 30P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com