Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89PV490 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB89PV490
Description  8-bit Proprietary Microcontroller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89PV490 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB89PV490 Datasheet HTML 3Page - Fujitsu Component Limited. MB89PV490 Datasheet HTML 4Page - Fujitsu Component Limited. MB89PV490 Datasheet HTML 5Page - Fujitsu Component Limited. MB89PV490 Datasheet HTML 6Page - Fujitsu Component Limited. MB89PV490 Datasheet HTML 7Page - Fujitsu Component Limited. MB89PV490 Datasheet HTML 8Page - Fujitsu Component Limited. MB89PV490 Datasheet HTML 9Page - Fujitsu Component Limited. MB89PV490 Datasheet HTML 10Page - Fujitsu Component Limited. MB89PV490 Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
7
MB89490 Series
■ PIN DESCRIPTION
Pin number
Pin name
I/O circuit
type
Function
MQFP*1/QFP*2
99
X0
A
Connection pins for a crystal or other oscillator.
An external clock can be connected to X0. In this case, leave X1 open.
98
X1
49
X0A
A
Connection pins for a crystal or other oscillator.
An external clock can be connected to X0A. In this case, leave X1A
open.
48
X1A
97
MOD0
B
Input pin for setting the memory access mode.
Connect directly to VSS.
95, 94
P84,P83
J
General-purpose CMOS Input port.
96
RST
C
Reset I/O pin. The pin is an N-ch open-drain type with pull-up resistor
and a hysteresis input. The pin outputs an “L” level when an internal
reset request is present. Inputting an “L” level initializes internal
circuits.
2~9
P00 ~ P07
D
General-purpose CMOS I/O port.
10~17
P10/INT00
~
P17/INT07
E
General-purpose CMOS I/O port.
The pin is shared with external interrupt 0 input.
18
P20/TO0
F
General-purpose CMOS I/O port.
The pin is shared with 8/16-bit timer/counter 00, 01 output.
19
P21/RMC
E
General-purpose CMOS I/O port.
The pin is shared with remote receiver input.
20
P22/EC0
E
General-purpose CMOS I/O port.
The pin is shared with 8/16-bit timer/counter 00, 01 input.
21
P23
F
General-purpose CMOS I/O port.
22
P24/TO1
F
General-purpose CMOS I/O port.
The pin is shared with 8/16-bit timer/counter 10, 11 output.
23
P25/EC1
E
General-purpose CMOS I/O port.
The pin is shared with 8/16-bit timer/counter 10,11 input.
24
P26/PWM0
F
General-purpose CMOS I/O port.
The pin is shared with PWM0 output.
25
P27/PWM1
F
General-purpose CMOS I/O port.
The pin is shared with PWM1 output.
32 ~ 39
P30/AN0/INT10
~
P37/AN7/INT17
G
General-purpose CMOS I/O port.
The pin is shared with external interrupt 1 input and A/D converter
input.
40 ~ 45
P40~P45
H
General-purpose N-ch open-drain I/O port.
46
P46/SCL
H
General-purpose N-ch open-drain I/O port.
The pin is shared with I2C clock I/O.
47
P47/SDA
H
General-purpose N-ch open-drain I/O port.
The pin is shared with I2C data I/O.
26
P50/SI0
E
General-purpose CMOS I/O port.
The pin is shared with SIO data input.
27
P51/SO0
F
General-purpose CMOS I/O port.
The pin is shared with SIO data output.
28
P52/SCK0
E
General-purpose CMOS I/O port.
The pin is shared with SIO clock I/O.


Similar Part No. - MB89PV490

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89PV490 FUJITSU-MB89PV490 Datasheet
564Kb / 57P
   8-bit Proprietary Microcontroller CMOS
MB89PV490CF FUJITSU-MB89PV490CF Datasheet
564Kb / 57P
   8-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB89PV490

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com