Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82DA272M035HA2D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 82DA272M035HA2D
Description  Aluminum Capacitors 85 C, Snap-in, General Purpose
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

82DA272M035HA2D Datasheet(HTML) 3 Page - Vishay Siliconix

  82DA272M035HA2D Datasheet HTML 1Page - Vishay Siliconix 82DA272M035HA2D Datasheet HTML 2Page - Vishay Siliconix 82DA272M035HA2D Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Document Number: 42064
For technical questions contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 23-May-05
229
82DA
Aluminum Capacitors
+ 85 °C, Snap-in, General Purpose
Vishay Sprague
TERMINAL CONFIGURATION [numbers in brackets indicate millimeters]
LEAD
CODE
DESCRIPTION
OUTLINE DRAWINGS
AVAILABLE
DIAMETERS
AVAILABLE
VOLTAGES AND
TYPES
MOUNTING
CONFIGURATION
TERMINAL
CONFIGURATION
D
Standard
2 pin snap in
0.87 [22.0] - H
0.98 [25.0] - J
1.18 [30.0] - K
1.38 [35.0] - M
All voltages
81D, 81DA
82D, 82DA
A
2 straight wire lead
molded cover with
standoffs
0.98 [25.0] - J
1.18 [30.0] - K
1.38 [35.0] - M
All voltages
82D, 82DA
V < = 250 VDC
81D, 81DA
B
3 straight wire lead
molded cover with
standoffs
1.18 [30.0] - K
1.38 [35.0] - M
All voltages
82D, 82DA
V < = 250 VDC
81D, 81DA
+
+
ORDERING EXAMPLE*
Electrolytic capacitor 82DA series
82DA 123 M 6R3 HA 2 D
*Note: For lead (Pb)-free, add suffix E3 to part number.
Example: 82DAM6R3HA2DE3
ELECTRICAL DATA
SYMBOL
DESCRIPTION
µF
rated capacitance
± %
M = ± 20 %
DC
voltage rating at 85° C
HA
see dimensions in millimeters table
2
PVC insulating sleeve
D
2 pin snap-in
Note: Other ratings and voltages available on special order.
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(µF)
PART NUMBER
NOMINAL CASE SIZE
D X L
MAX. ESR at 25 °C (m
Ω)
MAX. RIPPLE at + 85 °C (A)
120 HZ
20 k - 40 kHZ
120 HZ
20 k - 40 kHZ
16 WVDC at + 85 °C, SURGE = 20 V
15000.0
82DA153M016KA2D
1.181 x 0.984 [30.0 x 25.0]
67.7
54.0
3.07
3.47
25 WVDC at + 85 °C, SURGE = 30 V
6800.0
82DA682M025HB2D
0.866 x 1.181 [22.0 x 30.0]
73.5
56.1
2.57
2.94
6800.0
82DA682M025JA2D
0.984 x 0.984 [25.0 x 25.0]
83.8
60.0
2.48
2.93
10000.0
82DA103M025KA2D
1.181 x 0.984 [30.0 x 25.0]
71.0
54.0
3.00
3.47
35 WVDC at + 85 °C, SURGE = 40 V
2700.0
82DA272M035HA2D
0.866 x 0.984 [22.0 x 25.0]
120.0
87.4
1.91
2.24
4700.0
82DA472M035JA2D
0.984 x 0.984 [25.0 x 25.0]
89.0
62.0
2.42
2.86
6800.0
82DA682M035KA2D
1.181 x 0.984 [30.0 x 25.0]
75.0
540.0
2.92
3.42
10000.0
82DA103M035KB2D
1.181 x 1.181 [30.0 x 30.0]
57.0
41.0
3.60
4.20
50 WVDC at + 85 °C, SURGE = 63 V
2200.0
82DA222M050HA2D
0.866 x 0.984 [22.0 x 25.0]
115.0
76.0
1.94
2.39
3300.0
82DA332M050HB2D
0.866 x 1.181 [22.0 x 30.0]
86.0
57.0
2.38
2.92
6800.0
82DA682M050JD2D
0.984 x 1.575 [25.0 x 40.0]
47.0
31.0
3.91
4.96
200 WVDC at + 85 °C, SURGE = 250V
330.0
82DA331M200JB2D
0.984 x 1.181 [25.0 x 30.0]
401.0
191.0
1.28
1.86
820.0
82DA821M200KD2D
1.181 x 1.575 [30.0 x 40.0]
180.0
87.0
2.36
3.41
1000.0
82DA102M200KE2D
1.181 x 1.969 [30.0 x 50.0]
142.0
67.0
2.89
4.22
1200.0
82DA122M200MD2D
1.378 x 1.575 [35.0 x 40.0]
147.0
74.0
2.89
4.06
250 WVDC at + 85 °C, SURGE = 300V
220.0
82DA221M250HD2D
0.866 x 1.575 [22.0 x 40.0]
558.0
166.0
1.12
2.12


Similar Part No. - 82DA272M035HA2D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
82DA272M035HA2D VISHAY-82DA272M035HA2D Datasheet
189Kb / 4P
   Aluminum Capacitors 85 째C, Snap-In, General Purpose
Revision: 29-Aug-08
More results

Similar Description - 82DA272M035HA2D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
82DA VISHAY-82DA_08 Datasheet
189Kb / 4P
   Aluminum Capacitors 85 째C, Snap-In, General Purpose
Revision: 29-Aug-08
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
500D VISHAY-500D Datasheet
89Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, General Purpose
Revision: 16-Apr-13
500D VISHAY-500D_V01 Datasheet
91Kb / 9P
   Aluminum Capacitors 85 °C, Miniature, General Purpose
01-Jan-2022
logo
Cornell Dubilier Electr...
AVS226M04A12T CDE-AVS226M04A12T Datasheet
303Kb / 5P
   SMT Aluminum Electrolytic Capacitors - General Purpose, 85?C
logo
Vishay Siliconix
80D VISHAY-80D Datasheet
340Kb / 5P
   Aluminum Capacitors 85 째C, Snap-In
Revision: 27-Aug-08
53D VISHAY-53D_13 Datasheet
77Kb / 4P
   Aluminum Capacitors 85 °C, Tubular, Axial Lead, General Purpose
Revision: 24-Apr-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com