Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC75174 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC75174
Description  QUAD EIA-485 LINE DRIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC75174 Datasheet(HTML) 2 Page - ON Semiconductor

  MC75174 Datasheet HTML 1Page - ON Semiconductor MC75174 Datasheet HTML 2Page - ON Semiconductor MC75174 Datasheet HTML 3Page - ON Semiconductor MC75174 Datasheet HTML 4Page - ON Semiconductor MC75174 Datasheet HTML 5Page - ON Semiconductor MC75174 Datasheet HTML 6Page - ON Semiconductor MC75174 Datasheet HTML 7Page - ON Semiconductor MC75174 Datasheet HTML 8Page - ON Semiconductor MC75174 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC75172B MC75174B
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
–0.5, +7.0
Vdc
Input Voltage (Data, Enable)
Vin
+7.0
Vdc
Input Current (Data, Enable)
Iin
–24
mA
Applied Output Voltage, when in 3–State Condition
(VCC = 5.0 V)
Vza
–10, +14
Vdc
Applied Output Voltage, when VCC = 0 V
Vzb
±14
Output Current
IO
Self–Limiting
Storage Temperature
Tstg
–65, +150
°C
Devices should not be operated at these limits. The “Recommended Operating Conditions” table provides
for actual device operation.
RECOMMENDED OPERATING CONDITIONS
Characteristic
Symbol
Min
Typ
Max
Unit
Power Supply Voltage
VCC
+4.75
+5.0
+5.25
Vdc
Input Voltage (All Inputs)
Vin
0
VCC
Vdc
Output Voltage in 3–State Condition, or when VCC = 0 V
Vcm
–7.0
+12
Vdc
Output Current (Normal data transmission)
IO
–65
+65
mA
Operating Ambient Temperature (see text)
EIA–485
EIA–422
TA
–40
0
+85
+85
°C
All limits are not necessarily functional concurrently.
ELECTRICAL CHARACTERISTICS (–40
°C p TA p 85°C, 4.75 V p VCC p 5.25 V, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
Single–Ended Voltage
IO = 0
High @ IO = –33 mA
Low @ IO = +33 mA
Differential Voltage
Open Circuit (IO = 0)
RL = 54 Ω (Figure 1)
VO
VOH
VOL
VOD1
VOD2
0
1.5
1.5
4.0
1.6
3.4
2.3
6.0
6.0
5.0
Vdc
Change in Differential*, RL = 54 Ω (Figure 1)
Differential Voltage, RL = 100 Ω (Figure 1)
Change in Differential*, RL = 100 Ω (Figure 1)
Differential Voltage, –7.0 V
p Vcm p 12 V (Figure 2)
Change in Differential*, –7.0 V
p Vcm p 12 V (Figure 2)
Offset Voltage, RL = 54 Ω (Figure 1)
Change in Offset*, RL = 54 Ω (Figure 1)
∆VOD2
VOD2A
∆VOD2A
VOD3
∆VOD3
VOS
∆VOS
1.5
5.0
2.2
5.0
5.0
2.9
5.0
200
200
5.0
200
200
mVdc
Vdc
mVdc
Vdc
mVdc
Vdc
mVdc
Output Current (Each Output)
Power Off Leakage, VCC = 0, –7.0 V p VO p 12 V
Leakage in 3–State Mode, –7.0 V
p VO p 12 V
IO(off)
IOZ
–50
–50
0
0
+50
+50
µA
Short Circuit Current to Ground
Short Circuit Current, –7.0 V
p VO p 12 V
IOSR
IOS
–150
–250
+150
+250
mA
*Vin switched from 0.8 to 2.0 V.
Typical values determined at 25
°C ambient and 5.0 V supply.


Similar Part No. - MC75174

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC75174B ONSEMI-MC75174B Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
MC75174BDW ONSEMI-MC75174BDW Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
MC75174BDW ONSEMI-MC75174BDW Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Motorola, Inc
MC75174BDW MOTOROLA-MC75174BDW Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75174BDWG ONSEMI-MC75174BDWG Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
More results

Similar Description - MC75174

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
ON Semiconductor
MC74172B ONSEMI-MC74172B Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
Sipex Corporation
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
logo
Motorola, Inc
SN75175 MOTOROLA-SN75175 Datasheet
135Kb / 8P
   QUAD EIA-485 LINE RECEIVER WITH THREE-STATE OUTPUTS
logo
Sipex Corporation
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
logo
Exar Corporation
SP486CT-L EXAR-SP486CT-L Datasheet
452Kb / 9P
   Quad RS-485/RS-422 Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com