Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMHC10A07T8 Datasheet(PDF) 9 Page - Zetex Semiconductors

Part # ZXMHC10A07T8
Description  COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMHC10A07T8 Datasheet(HTML) 9 Page - Zetex Semiconductors

Back Button ZXMHC10A07T8 Datasheet HTML 2Page - Zetex Semiconductors ZXMHC10A07T8 Datasheet HTML 3Page - Zetex Semiconductors ZXMHC10A07T8 Datasheet HTML 4Page - Zetex Semiconductors ZXMHC10A07T8 Datasheet HTML 5Page - Zetex Semiconductors ZXMHC10A07T8 Datasheet HTML 6Page - Zetex Semiconductors ZXMHC10A07T8 Datasheet HTML 7Page - Zetex Semiconductors ZXMHC10A07T8 Datasheet HTML 8Page - Zetex Semiconductors ZXMHC10A07T8 Datasheet HTML 9Page - Zetex Semiconductors ZXMHC10A07T8 Datasheet HTML 10Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ZXMHC10A07T8
SEMICO NDUC TORS
ISSUE 2 - JUNE 2005
9
P-CHANNEL TYPICAL CHARACTERISTICS


Similar Part No. - ZXMHC10A07T8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMHC10A07T8 DIODES-ZXMHC10A07T8 Datasheet
293Kb / 10P
   COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC10A07T8 DIODES-ZXMHC10A07T8 Datasheet
723Kb / 10P
   COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC10A07T8TA DIODES-ZXMHC10A07T8TA Datasheet
293Kb / 10P
   COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC10A07T8TA DIODES-ZXMHC10A07T8TA Datasheet
723Kb / 10P
   COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC10A07T8TC DIODES-ZXMHC10A07T8TC Datasheet
293Kb / 10P
   COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
More results

Similar Description - ZXMHC10A07T8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMHC10A07T8 DIODES-ZXMHC10A07T8 Datasheet
293Kb / 10P
   COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
DMHC10H170SFJ DIODES-DMHC10H170SFJ_15 Datasheet
292Kb / 10P
   100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHC10A07T8 DIODES-ZXMHC10A07T8_15 Datasheet
723Kb / 10P
   COMPLEMENTARY 100V ENHANCEMENT MODE MOSFET H-BRIDGE
DMHC10H170SFJ DIODES-DMHC10H170SFJ Datasheet
890Kb / 10P
   100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
May 2022
ZXMHC10A07N8 DIODES-ZXMHC10A07N8 Datasheet
727Kb / 11P
   100V SO8 Complementary enhancement mode MOSFET H-Bridge
logo
Unisonic Technologies
1NNPP10 UTC-1NNPP10 Datasheet
221Kb / 6P
   100V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE (N-CHANNEL/P-CHANNEL)
logo
Diodes Incorporated
ZXMHC3A01T8 DIODES-ZXMHC3A01T8 Datasheet
273Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Zetex Semiconductors
ZXMHC3A01T8 ZETEX-ZXMHC3A01T8 Datasheet
285Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
DMHC4035LSD DIODES-DMHC4035LSD Datasheet
378Kb / 9P
   40V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Zetex Semiconductors
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8 Datasheet
286Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com