Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC75174BP Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC75174BP
Description  QUAD EIA-485 LINE DRIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC75174BP Datasheet(HTML) 5 Page - ON Semiconductor

  MC75174BP Datasheet HTML 1Page - ON Semiconductor MC75174BP Datasheet HTML 2Page - ON Semiconductor MC75174BP Datasheet HTML 3Page - ON Semiconductor MC75174BP Datasheet HTML 4Page - ON Semiconductor MC75174BP Datasheet HTML 5Page - ON Semiconductor MC75174BP Datasheet HTML 6Page - ON Semiconductor MC75174BP Datasheet HTML 7Page - ON Semiconductor MC75174BP Datasheet HTML 8Page - ON Semiconductor MC75174BP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC75172B MC75174B
5
MOTOROLA ANALOG IC DEVICE DATA
tPZL(E)
1.5 V
Vout
2.3 V
1.5 V
VOL
0.5 V
tPLZ(E)
0 V
3.0 V
VCC
Vout
Vin
50 pF
110
Vout
S.G.
Vin
Vout
110
50 pF
VCC
VCC
0.5 V
VOH
0 V
tPHZ(E)
1.5 V
3.0 V
Vin
1.5 V
Vin
S.G.
2.3 V
0 or 3.0 V
3.0 V
3.0 V
0 or 3.0 V
tPZH(E)
tPDZ(E)
1.5 V
0
0 V
3.0 V
1.5 V
Active
tPZD(E)
S.G.
1.5 V
VOD
Disabled
VCC
Vin
0 or 3.0 V
3.0 V
VOD
50 pF
54
1.5 V
0
Vin
Disabled
NOTES: 1. S.G. set to: f
p 1.0 MHz; duty cycle = 50%; tf, tf, p 5.0 ns.
2. Vin is inverted for Enable measurements.
Figure 5. Enable Timing, Single–Ended Outputs
Figure 6. Enable Timing, Differential Outputs


Similar Part No. - MC75174BP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC75174BP ONSEMI-MC75174BP Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
MC75174BP ONSEMI-MC75174BP Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Motorola, Inc
MC75174BP MOTOROLA-MC75174BP Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75174BPG ONSEMI-MC75174BPG Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
More results

Similar Description - MC75174BP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
ON Semiconductor
MC74172B ONSEMI-MC74172B Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
Sipex Corporation
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
logo
Motorola, Inc
SN75175 MOTOROLA-SN75175 Datasheet
135Kb / 8P
   QUAD EIA-485 LINE RECEIVER WITH THREE-STATE OUTPUTS
logo
Sipex Corporation
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
   Quad RS-485/RS-422 Line Drivers
logo
Exar Corporation
SP486CT-L EXAR-SP486CT-L Datasheet
452Kb / 9P
   Quad RS-485/RS-422 Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com