Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M36D0R6040B0ZAIE Datasheet(PDF) 11 Page - STMicroelectronics

Part # M36D0R6040B0ZAIE
Description  64 Mbit (4Mb x16, Multiple Bank, Page) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36D0R6040B0ZAIE Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M36D0R6040B0ZAIE Datasheet HTML 7Page - STMicroelectronics M36D0R6040B0ZAIE Datasheet HTML 8Page - STMicroelectronics M36D0R6040B0ZAIE Datasheet HTML 9Page - STMicroelectronics M36D0R6040B0ZAIE Datasheet HTML 10Page - STMicroelectronics M36D0R6040B0ZAIE Datasheet HTML 11Page - STMicroelectronics M36D0R6040B0ZAIE Datasheet HTML 12Page - STMicroelectronics M36D0R6040B0ZAIE Datasheet HTML 13Page - STMicroelectronics M36D0R6040B0ZAIE Datasheet HTML 14Page - STMicroelectronics M36D0R6040B0ZAIE Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11/18
M36D0R6040T0, M36D0R6040B0
MAXIMUM RATING
Stressing the device above the rating listed in the
Absolute Maximum Ratings table may cause per-
manent damage to the device. These are stress
ratings only and operation of the device at these or
any other conditions above those indicated in the
Operating sections of this specification is not im-
plied. Exposure to Absolute Maximum Rating con-
ditions for extended periods may affect device
reliability. Refer also to the STMicroelectronics
SURE Program and other relevant quality docu-
ments.
Table 3. Absolute Maximum Ratings
Note: 1. VDDF = VDDP = VDD.
2. Compliant with the JEDEC Std J-STD-020B (for small body, Sn-Pb or Pb assembly), the ST ECOPACK® 7191395 specification,
and the European directive on Restrictions on Hazardous Substances (RoHS) 2002/95/EU.
Symbol
Parameter
Value
Unit
Min
Max
TA
Ambient Operating Temperature
–30
85
°C
TBIAS
Temperature Under Bias
–40
125
°C
TSTG
Storage Temperature
–65
155
°C
TLEAD
Lead Temperature during Soldering
(1)
°C
VIO
Input or Output Voltage
–0.5
VDD
(1)+0.6
V
VDDF
Flash Memory Core Supply Voltage
–0.2
2.45
V
VDDP
PSRAM Supply Voltage
–0.2
3.3
V
VPPF
Flash Memory Program Voltage
–0.2
14
V
IO
Output Short Circuit Current
100
mA
tVPPFH
Time for VPPF at VPPFH
100
hours


Similar Part No. - M36D0R6040B0ZAIE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36DR232 STMICROELECTRONICS-M36DR232 Datasheet
329Kb / 46P
   32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product
M36DR232A STMICROELECTRONICS-M36DR232A Datasheet
329Kb / 46P
   32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product
M36DR232AZA STMICROELECTRONICS-M36DR232AZA Datasheet
329Kb / 46P
   32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product
M36DR232B STMICROELECTRONICS-M36DR232B Datasheet
329Kb / 46P
   32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product
M36DR232BZA STMICROELECTRONICS-M36DR232BZA Datasheet
329Kb / 46P
   32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product
More results

Similar Description - M36D0R6040B0ZAIE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36W0R6040T0 STMICROELECTRONICS-M36W0R6040T0 Datasheet
346Kb / 18P
   64 Mbit (4Mb x16, Multiple Bank, Burst) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
M36W0R6030T0 STMICROELECTRONICS-M36W0R6030T0 Datasheet
448Kb / 26P
   64 Mbit (4Mb x16, Multiple Bank, Burst) Flash Memory and 8 Mbit (512Kb x16) SRAM, Multi-Chip Package
M36WT864TF STMICROELECTRONICS-M36WT864TF Datasheet
624Kb / 92P
   64 Mbit 4Mb x16, Multiple Bank, Burst Flash Memory and 8 Mbit 512K x16 SRAM, Multiple Memory Product
logo
Numonyx B.V
M29DW641F NUMONYX-M29DW641F Datasheet
1Mb / 80P
   64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
M36L0T7050T2 NUMONYX-M36L0T7050T2 Datasheet
442Kb / 22P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash memory and 32 Mbit (2Mb x16) PSRAM, Multi-Chip Package
logo
STMicroelectronics
M59DR016C STMICROELECTRONICS-M59DR016C Datasheet
240Kb / 37P
   16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com