Electronic Components Datasheet Search |
|
P6SMBJ30 Datasheet(PDF) 4 Page - Formosa MS |
|
P6SMBJ30 Datasheet(HTML) 4 Page - Formosa MS |
4 / 4 page RATINGS AND CHARACTERISTIC CURVES P6SMBJ5.0 THRU P6SMBJ170A FIG.3 - PULSE WAVEFORM 150 100 50 0 0 1.0 2.0 3.0 4.0 t, TIME, mS PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPP tr =10usec. PEAK VALUE IPPM HALF VALUE Ipp 2 10/1000uSec. WAVEFORM as DEFINED by R.E.A. td FIG. 6 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT UNIDIRECTIONAL 200 100 10 1 10 100 NUMBER OF CYCLES AT 60HZ FIG. 4 - TYPICAL JUNCTION CAPACITANCE UNIDIRECTIONAL 6.000 1.000 100 10 1 10 100 200 V(BR), BREAKDOWN OLTAGE, VOLTS MEASURED at STAND-OFF VOLTAGE, VWM MEASURED at ZERO BIAS TJ=25℃ f=1 MHZ Vsig=50mVp-p FIG. 5 - TYPICAL JUNCTION CAPACITANCE BIDIRECTIONAL 6.000 1.000 100 10 TA=25℃ 1 10 100 200 V(BR), BREAKDOWN OLTAGE, VOLTS MEASURED at STAND-OFF VOLTAGE, VWM MEASURED at ZERO BIAS TJ=25℃ f=1 MHZ Vsig=50mVp-p FIG. 1 - PEAK PULSE POWER RATING CURVE 100 10 1.0 0.1 0.1us 1.0us 10us 100us 1.0ms 10ms td, PULSE WIDTH, sec. NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG. 3 TA=25℃ MOUNTED ON 5mm×5mm COPPER PADS FIG. 2 - PULSE DERATING CURVE 100 75 50 25 0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE, ℃ MOUNTED ON 5mm×5mm COPPER PADS |
Similar Part No. - P6SMBJ30 |
|
Similar Description - P6SMBJ30 |