Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT7843 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APT7843
Description  Touch Screen Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APT7843 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APT7843 Datasheet HTML 1Page - Anpec Electronics Coropration APT7843 Datasheet HTML 2Page - Anpec Electronics Coropration APT7843 Datasheet HTML 3Page - Anpec Electronics Coropration APT7843 Datasheet HTML 4Page - Anpec Electronics Coropration APT7843 Datasheet HTML 5Page - Anpec Electronics Coropration APT7843 Datasheet HTML 6Page - Anpec Electronics Coropration APT7843 Datasheet HTML 7Page - Anpec Electronics Coropration APT7843 Datasheet HTML 8Page - Anpec Electronics Coropration APT7843 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.8 - Apr., 2002
APT7843
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Touch Screen Controller
Description
The APT7843 Touch Screen Controller IC provides all
the screen drive , A/D converter and control circuits
to easily interface to 4 wire resistive touch screen.
The IC continually monitors the screen waiting for a
touch. When the screen touched , the IC performs
A/D converter to determine the location of touch.
Also , this device has 2 auxiliary input to A/D con-
verter , allowing for the measurement of other inputs
such as battery voltage.
Applications
PDAs
Handheldcomputer
Touch-screen kiosks
Features
16 pin SSOP or TSSOP
Operates with four wire touch screen
8-bit or 12 bit A/D converter
Ratiometric Conversion eliminates screen
calibration
2 auxiliary analog inputs
4 wire serial interface
Full power down control
+Vcc
1
14
15
16
8
7
6
5
4
3
2
11
12
13
9
10
IN3
GND
Y-
X-
Y+
X+
DOUT
BUSY
DIN
DCLK
IN4
VREF
+Vcc
CS
PENIRQ
Pin Assignment
Order Information
APT7843
Temp. Range
Package Code
Package Code
N : SSOP
O : TSSOP
Temp. Range
I : - 40 to 85 C
°


Similar Part No. - APT7843

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
APT7846NI-TR ANPEC-APT7846NI-TR Datasheet
583Kb / 15P
   Touch Screen Controller
APT7846NI-TU ANPEC-APT7846NI-TU Datasheet
583Kb / 15P
   Touch Screen Controller
APT7846OI-TR ANPEC-APT7846OI-TR Datasheet
583Kb / 15P
   Touch Screen Controller
APT7846OI-TU ANPEC-APT7846OI-TU Datasheet
583Kb / 15P
   Touch Screen Controller
More results

Similar Description - APT7843

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com