Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA-T Datasheet(PDF) 1 Page - Formosa MS

Part # SMA-T
Description  Case No. SMA Device
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SMA-T Datasheet(HTML) 1 Page - Formosa MS

  SMA-T Datasheet HTML 1Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Case No. SMA Device
Formosa MS
380
380
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
Direction
of Feed
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Material : Corrugated card board
2
330
D
Dimensions
Order
code
2
178
Material : Card board
0.5
2
0.5
2.4
1.0
13
0.23 0.1
2
0.1
2.0
Index hole
0.1
4.0
1.5
0.1
4.0
2
Material : Plastics
Case No.
Order code
Taping
Dimensions
Reel
Standard
Package
Leader
and
Trailer
Quantity
Standard capacity : 80,000pcs / carton
(40 reels / carton)
360
360
Material : Corrugated card board
Standard capacity : 2,000pcs / reel
Standard capacity : 5,000pcs / reel
Standard capacity : 50,000pcs / carton
(10 reels / carton)
Dimensions
Dimensions
SMA
SMA-T
SMA-W
W
T
Quantity


Similar Part No. - SMA-T

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SMA-TH SAMTEC-SMA-TH Datasheet
286Kb / 1P
   SMA TO 18 GHz
More results

Similar Description - SMA-T

ManufacturerPart #DatasheetDescription
logo
Formosa MS
MINI-SMA FORMOSA-MINI-SMA Datasheet
52Kb / 1P
   Case No. MINI-SMA Device
DFS FORMOSA-DFS Datasheet
52Kb / 1P
   Case No. DFS Device
MELF FORMOSA-MELF Datasheet
52Kb / 1P
   Case No. MELF Device
0805 FORMOSA-0805 Datasheet
61Kb / 1P
   Case No. 0805 Device
SMC FORMOSA-SMC Datasheet
52Kb / 1P
   Case No. SMC Device
TO-269AA FORMOSA-TO-269AA Datasheet
52Kb / 1P
   Case No. TO-269AA Device
MINI-MELF FORMOSA-MINI-MELF Datasheet
52Kb / 1P
   Case No. MINI-MELF Device
logo
Central Semiconductor C...
SMAPD CENTRAL-SMAPD Datasheet
502Kb / 3P
   SMA Case
logo
eupec GmbH
DD151N EUPEC-DD151N Datasheet
142Kb / 4P
   No time-limit set for case temperature during operation
logo
PHOENIX CONTACT
0803675 PHOENIX-0803675 Datasheet
51Kb / 2P
   Case - TMP CASE
09/11/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com