Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMBJ13 Datasheet(PDF) 3 Page - Formosa MS

Part # P6SMBJ13
Description  600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

P6SMBJ13 Datasheet(HTML) 3 Page - Formosa MS

  P6SMBJ13 Datasheet HTML 1Page - Formosa MS P6SMBJ13 Datasheet HTML 2Page - Formosa MS P6SMBJ13 Datasheet HTML 3Page - Formosa MS P6SMBJ13 Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DEVICE
MARKING CODE
BREAKDOWN VOLTAGE
V(BR) (VOLTS) at IT
DEVICE
UNI
BI
WORKING
PEAK
REVERSE
VOLTAGE
VRWM(VOLTS
)
@IT (mA)
MIN
MAX
TEST
CURRENT
IT(mA)
MAXIMUM
Clamping
VOLTAGE
AT IPPM
VC(Volts)
(Note 5)
MAX
PEAK PULSE
SURGE CURRENT
IPPM
(NOTE 5)
(Amps)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID(
µA)
P6SMBJ51
P6SMBJ51A
P6SMBJ54
P6SMBJ54A
P6SMBJ58
P6SMBJ58A
P6SMBJ60
P6SMBJ60A
P6SMBJ64
P6SMBJ64A
P6SMBJ70
P6SMBJ70A
P6SMBJ75
P6SMBJ75A
P6SMBJ78
P6SMBJ78A
P6SMBJ85
P6SMBJ85A
P6SMBJ90
P6SMBJ90A
P6SMBJ100
P6SMBJ100A
P6SMBJ110
P6SMBJ110A
P6SMBJ120
P6SMBJ120A
P6SMBJ130
P6SMBJ130A
P6SMBJ150
P6SMBJ150A
P6SMBJ160
P6SMBJ160A
P6SMBJ170
P6SMBJ170A
MY
MZ
ND
NE
NF
NG
NH
NK
NL
NM
NN
NP
NQ
NR
NS
NT
NU
NV
NW
NX
NY
NZ
PD
PE
PF
PG
PH
PK
PL
PM
PN
PP
PQ
PR
CY
CZ
DD
DE
DF
DG
DH
DK
DL
DM
DN
DP
DQ
DR
DS
DT
DU
DV
DW
DX
DY
DZ
ED
EE
EF
EG
EH
EK
EL
EM
EN
EP
EQ
ER
51
51
54
54
58
58
60
60
64
64
70
70
75
75
78
78
85
85
90
90
100
100
110
110
120
120
130
130
150
150
160
160
170
170
56.7
56.7
60.0
60.0
64.4
64.4
66.7
66.7
71.1
71.1
77.8
77.8
83.3
83.3
86.7
86.7
94.4
94.4
100
100
111
111
122
122
133
133
144
144
167
167
178
178
189
189
69.3
62.7
73.3
66.3
78.7
71.2
81.5
73.7
86.9
78.6
95.1
86.0
102.0
92.1
106.0
95.8
115.0
104.0
122.0
111.0
136.0
123.0
149.0
135.0
163.0
147.0
176.0
159.0
204.0
185.0
218.0
197.0
231.0
209.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
91.1
82.4
96.3
87.1
103.0
93.6
107.0
96.8
114.0
103.0
125.0
113.0
134.0
121.0
139.0
126.0
151.0
137.0
160.0
146.0
179.0
162.0
196.0
177.0
214.0
193.0
231.0
209.0
268.0
243.0
287.0
259.0
304.0
275.0
6.6
7.3
6.2
6.9
5.8
6.4
5.6
6.2
5.3
5.8
4.8
5.3
4.5
5.0
4.3
4.8
4.0
4.4
3.8
4.1
3.4
3.7
3.1
3.4
2.8
3.1
2.6
2.9
2.2
2.5
2.1
2.3
2.0
2.2
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
NOTE:
1. VF=3.5V on P6SMBJ5.0 thru 90 devices and VF=5.0V on P6SMBJ100 thru 170 devices at IF=25A on ½ Square
or Equivalent Sine Wave. PW = 8.3ms , Duty Cycle = 4 Pulses per Minute Maximum
2. For Bipolar types with VR of 10 volts and under , the IR limit is doubled
3. Mounted on 5.0mm
2 copper pads to each terminal.
4. For Bidirectional use C suffix for 10﹪ tolerance , CA suffix for 5﹪ tolerance


Similar Part No. - P6SMBJ13

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ13 PANJIT-P6SMBJ13 Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
P6SMBJ13 PANJIT-P6SMBJ13 Datasheet
115Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Surge Components
P6SMBJ13 SURGE-P6SMBJ13 Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
CHENG-YI ELECTRONIC CO....
P6SMBJ13 CHENG-YI-P6SMBJ13 Datasheet
171Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
P6SMBJ13 TRSYS-P6SMBJ13 Datasheet
207Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6SMBJ13

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
P6SMBJ5.0 FRONTIER-P6SMBJ5.0 Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ7.5CA-13 DIODES-SMBJ7.5CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ51CA-13 DIODES-SMBJ51CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ350A-13-F DIODES-SMBJ350A-13-F Datasheet
100Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMAJ58ADFQ-13 DIODES-P6SMAJ58ADFQ-13 Datasheet
375Kb / 6P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2020
SMBJ50CA DIODES-SMBJ50CA Datasheet
81Kb / 3P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
SMBJ15CA-13 DIODES-SMBJ15CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ33CA-13 DIODES-SMBJ33CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50CA DIODES-SMBJ50CA_1 Datasheet
80Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
logo
Frontier Electronics.
P6SMBJ5.0-LFR FRONTIER-P6SMBJ5.0-LFR Datasheet
134Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMBJ100CA LUGUANG-SMBJ100CA Datasheet
402Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com