Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS1T20R1KRN4AF3Y Datasheet(PDF) 2 Page - Littelfuse

Part # LPS1T20R1KRN4AF3Y
Description  LPS Series POWR-SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LPS1T20R1KRN4AF3Y Datasheet(HTML) 2 Page - Littelfuse

  LPS1T20R1KRN4AF3Y Datasheet HTML 1Page - Littelfuse LPS1T20R1KRN4AF3Y Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Catalog
Option
Option
Option
Option
Option
Option
Option
Option
No
Rating
Rating
Code
Rating
Code
Rating
Code
Rating
Code
Rating
Code
Rating
Code
Rating
Code
Rating
Code
LPS3
30A
208V
T20
24 VDC Coil
R2
120V
K
Red
R
30–60A
N6
1 NO & 1 NC
A
Single Pole
F1
NEMA 3R
U
LPS6
60A
240V
T24
120 VAC Coil
R1
Green
G
100A
N1
2 NO & 2 NC
B
Three Pole
F3
NEMA 4
Y
LPS1
100A
480V
T48
White
W
200A
N2
NEMA 12
Z
LPS2
200A
600V
T60
400A
N4
LPS4
400A
Catalog
Amp
NEMA 1
NEMA 3R
NEMA 4, 12
Lug
Series
Rating
Dimensions
Dimensions
Dimensions
Size
LPS3
30
24”H x 20”W x 9”D
24”H* x 20”W x 8”D
24”H x 20”W x 10”D
#14 - #8 AL or CU
LPS6
60
24”H x 20”W x 9”D
24”H* x 20”W x 8”D
24”H x 20”W x 10”D
#14 - #8 AL or CU
LPS1
100
24”H x 20”W x 9”D
24”H* x 20”W x 8”D
24”H x 20”W x 10”D
#8 - 1/0 AL or CU
LPS2
200
30”H x 20”W x 9”D
30”H* x 20”W x 8”D
24”H x 20”W x 10”D
#6 - 250kcmil AL or CU
LPS4
400
48”H x 36”W x 12”D
Contact Factory
Contact Factory
Contact Factory
Amp
Voltage
Max
Max
Momentary
Rating
Rating
Inrush
Ontime
Inrush
30–400
120V, 60Hz
4A
1.5 cycles
140VA
Littelfuse
Switch Catalog
Number
Control Power
Transformer
Std. 100VA with
PRI & SEC
Fuse (120V
Sec.)
Fire Safety
Interface Relay
(3PDT, 10amp,
120V)
Key to Test
Switch
Pilot Light
“ON”
Isolated Neutral
Lug
Mechanical Interlock
Auxilliary Contact
forHydraulic
Elevators w/
Automatic Recall (5
amp 120 VAC rated)
Fire Alarm
Voltage
Monitoring Relay
(Tp Monitor
Shunt Trip
Voltage)
Optional
Enclosures
149
LPS Series POWR-SWITCH
SPECIFICATIONS
Approvals: UL Listed and CSA Certified
Rating: 30A, 60A, 100A, 200A, 400A
Shunt Trip Ratings:
ORDERING INFORMATION
Complete catalog numbers consist of switch catalog numbers and the desired options. See example below.
ENCLOSURE DIMENSIONS
Note: Over-size enclosures used to accomodate control power transformer, interface relay and terminal blocks.
*For NEMA 3R enclosures add 2 inches to height for mounting tabs.
Example Catalog Number:
LPS
T8
R1
K
N1
U
= Littelfuse Catalog Number LPS1T48R1KN1U
Note: Desired options must appear in the order shown above. Typical options include Control Power Transformer, Fire Safety Interface
Relay, Mechanical Interlock Auxiliary Contact and Fire Alarm Voltage Monitoring Relay.


Similar Part No. - LPS1T20R1KRN4AF3Y

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
LPS100 ASTRODYNE-LPS100 Datasheet
323Kb / 4P
   100W Single Output Switching Power Supply
LPS100-12 ASTRODYNE-LPS100-12 Datasheet
323Kb / 4P
   100W Single Output Switching Power Supply
LPS100-13.5 ASTRODYNE-LPS100-13.5 Datasheet
323Kb / 4P
   100W Single Output Switching Power Supply
LPS100-15 ASTRODYNE-LPS100-15 Datasheet
323Kb / 4P
   100W Single Output Switching Power Supply
LPS100-24 ASTRODYNE-LPS100-24 Datasheet
323Kb / 4P
   100W Single Output Switching Power Supply
More results

Similar Description - LPS1T20R1KRN4AF3Y

ManufacturerPart #DatasheetDescription
logo
Littelfuse
03540501Z LITTELFUSE-03540501Z_V01 Datasheet
3Mb / 24P
   POWR-BLOK??Modules
2012
JTD LITTELFUSE-JTD Datasheet
876Kb / 3P
   JTD SERIES INDICATOR POWR-PRO FUSES
GDB LITTELFUSE-GDB_V01 Datasheet
473Kb / 10P
   GDB SERIES TOUCH-SAFE POWR-BLOKS
Rev: 101319
CCMR LITTELFUSE-CCMR Datasheet
111Kb / 2P
   CCMR Series POWR-PRO CC Fuses
JTD-ID LITTELFUSE-JTD-ID Datasheet
876Kb / 3P
   JTD SERIES INDICATOR POWR-PRO FUSES
JTD LITTELFUSE-JTD_V01 Datasheet
441Kb / 3P
   JTD SERIES INDICATOR짰 POWR-PRO짰 FUSES
Rev: 1-B-112320
logo
Toshiba Semiconductor
TIM5964-45SL TOSHIBA-TIM5964-45SL Datasheet
165Kb / 5P
   MICROWAVE POWR GaAs FET
logo
Littelfuse
KLPC LITTELFUSE-KLPC Datasheet
90Kb / 3P
   KLPC Series POWR-PRO Class L Fuses
LLNRK LITTELFUSE-LLNRK Datasheet
189Kb / 3P
   LLNRK/LLSRK Series POWR-PRO Class RK1
LPHV LITTELFUSE-LPHV Datasheet
441Kb / 1P
   LPHV POWR-SAFE FUSE HOLDERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com