Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDMB400C12 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PDMB400C12
Description  PDMB400C12
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDMB400C12 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PDMB400C12 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDMB400C12 Datasheet HTML 2Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
─ 413 ─
項   目
Characteristic
記号
Symbol
条   件
Test Conditions
最小
Min.
単位
Unit
コレクタ遮断電流
Collector-Emitter Cut-Off Current
ICES
VCE=1200V, VGE=0V
8.0
mA
ゲート漏れ電流
Gate-Emitter Leakage Current
IGES
VGE=±20V, VCE=0V
1.0
μA
■電気的特性 Electrical Characteristics(TC=25℃)
コレクタ・エミッタ間飽和電圧
Collector-Emitter Saturation Voltage
VCE
(sat)
IC=400A, VGE=15V
2.6
3.3
V
ゲートしきい値電圧
Gate-Emitter Threshold Voltage
VGE
(th)
VCE=5V, IC=400mA
10.00
V
入力容量
Input Capacitance
Cies
VCE=10V, VGE=0V, f=1MHz
40000
pF
tf
0.25
0.35
toff
0.7
1.00
スイッチング時間
Switching Time
tr
VCC=600V
RL=1.5Ω
RG=1.5Ω
VGE=±15V
0.25
0.45
μs
ton
0.35
0.70
下降時間
Fall Time
ターン・オフ時間
Turn-Off Time
上昇時間
Rise Time
ターン・オン時間
Turn-On Time
順電圧
Peak Forward Voltage
VF
IF=400A, VGE=0V
2.5
3.3
V
逆回復時間
Reverse Recovery Time
trr
IF=400A, VGE=−10V
di/dt=800A/μs
0.2
0.3
μs
■最大定格 Maximum Ratings(TC=25℃)
項   目
Item
記号
Symbol
定 格 値
Rated Value
単位
Unit
コレクタ・エミッタ間電圧
Collector-Emitter Voltage
VCES
1200
V
ゲート・エミッタ間電圧
Gate-Emitter Voltage
VGES
±20
V
順電流
Forward Current
IF
400
A
コレクタ損失
Collector Power Dissipation
PC
2500
W
接合温度
Junction Temperature Range
Tj
−40∼+150
保存温度
Storage Temperature Range
Tstg
−40∼+125
絶縁耐圧
(端子−ベース間,AC1分間)
Isolation Voltage(Terminal to Base, AC1min.)
Viso
2500
V
(RMS)
締付トルク
Mounting Torque
Ftor
3(30.6)
N・m
(kgf・cm)
800
DC
1ms
ベース取付部
Module Base to Heatsink
端子部
Busbar to Terminal
IFM
IGBT
400 A
1200 V
PDMB400C12
■回路図 CIRCUIT
■外形寸法図 OUTLINE DRAWING (単位 Dimension:mm)
C2E1
C1
G2
E2
E2
G1
E1
コレクタ電流
Collector Current
IC
400
A
ICP
800
DC
1ms
最大
Max.
標準
Typ.


Similar Part No. - PDMB400C12

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB400A6 NIEC-PDMB400A6 Datasheet
111Kb / 3P
   IGBT MODULE Dual 400A 600V
PDMB400A6 NIEC-PDMB400A6 Datasheet
147Kb / 4P
   400 A 600 V
PDMB400A6 NIEC-PDMB400A6_1 Datasheet
147Kb / 4P
   400 A 600 V
PDMB400B12 NIEC-PDMB400B12 Datasheet
116Kb / 3P
   IGBT MODULE Dual 400A 1200V
PDMB400B12 NIEC-PDMB400B12 Datasheet
195Kb / 3P
   400 A 1200 V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com