Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK73X1ET1003F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RK73X1ET1003F
Description  FLAT CHIP RESISTORS PRECISION 1% & 0.5% TOLERANCE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RK73X1ET1003F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RK73X1ET1003F Datasheet HTML 1Page - List of Unclassifed Manufacturers RK73X1ET1003F Datasheet HTML 2Page - List of Unclassifed Manufacturers RK73X1ET1003F Datasheet HTML 3Page - List of Unclassifed Manufacturers RK73X1ET1003F Datasheet HTML 4Page - List of Unclassifed Manufacturers RK73X1ET1003F Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEER ELECTRONICS, INC.
TELEPHONE: 814-362-5536
FAX: 814-362-8883
8
- 55
°C
+125
°C
FLAT CHIP RESISTORS
RK73
PRECISION 1% & 0.5% TOLERANCE
RK73
H
2B
T
1003
F
TYPE
TERMINATION
SIZE CODE
PACKAGING
NOMINAL RESISTANCE
TOLERANCE
H: Solderable
(See Page 4)
(See Appendix A)
3 Significant
F:
± 1.0%
X: Epoxy
1E: 0402
T: 7” Punched Paper
Figures & 1
D:
± 0.5%
Bondable
1J: 0603
TE: 7” Embossed Plastic
Multiplier.
Available in
2A: 0805
TP: Punched Paper
R Indicates
0603, 0805
2B: 1206
2mm 0402 (1E) only.
Decimal on
and 1206 sizes
2E: 1210
TDD: 10” Punched Paper
Value < 100
2H: 2010
TED: 10” Embossed Plastic
3A: 2512
ORDERING & SPECIFYING INFORMATION*
FLAT CHIP RESISTOR - PRECISION
- RuO
2 Thick Film Resistor Element
- Anti-Leaching Nickel Barrier Terminations
- 90/10 Solder Plated Terminations, Standard
- Also Available with Epoxy Bondable, (Palladium
Silver) Terminations in 0805 and 1206 sizes.
- Meets or Exceeds EIA 575, EIAJ RC 2690A,
EIA PDP - 100, MIL - R - 55342F
- 4 Digit, Black Marking on Blue Protective Coat.
No Marking on 1E (0402) size.
200V
400V
STANDARD APPLICATIONS
* Parenthesis indicates EIA Package Size Codes.
*** See Appendix A for available decade values.
-55
°C
+150
°C
-55
°C
+175
°C
*Please Note: KSE’s Part Numbers Do Not Contain any Spaces or Hyphens.
PART
POWER
TCR
RESISTANCE
RESISTANCE
ABSOLUTE
ABSOLUTE
OPERATING
DESIGNATION
RATING
(ppm/
°C)
RANGE
RANGE
MAXIMUM
MAXIMUM
TEMPERATURE
*
@70
°C
MAX
(E-96)***
(E-96)***
WORKING
OVERLOAD
RANGE
(D
±0.5%)
(F
± 1%)
VOLTAGE
VOLTAGE
RK73H1E
63 mW
±100
100 ~ 100K
10
Ω - 1MΩ
50V
100V
(0402)
+200
10 ~ 97.6
102 ~ 976K
RK73H1J
100 mW
±100
10
Ω - 976KΩ
10
Ω - 1MΩ
50V
100V
**(0603)
±400
1.0
Ω - 9.76Ω
RK73H2A
±100
10
Ω - 976KΩ
10
Ω - 1MΩ
(0805)
125 mW
±400
1.0
Ω - 9.76Ω
150V
300V
1.02M
Ω - 10MΩ
±100
10
Ω - 976KΩ
10
Ω - 1MΩ
RK73H2B
±200
1.02M
Ω - 5.6MΩ
(1206)
250 mW
±400
1.0
Ω - 9.76Ω
5.62M
Ω - 10MΩ
±100
10
Ω - 976KΩ
10
Ω - 1MΩ
RK73H2E
330 mW
`
±200
1.02M
Ω - 5.6MΩ
(1210)
±400
1.0
Ω - 9.76Ω
5.62M
Ω - 10MΩ
±100
10
Ω - 976KΩ
10
Ω - 1MΩ
RK73H2H
750 mW
±200
1.02M
Ω - 5.6MΩ
(2010)
±400
1.0
Ω - 9.76Ω
5.62M
Ω - 10MΩ
±100
10
Ω - 976KΩ
10
Ω - 1MΩ
RK73H3A
1000mW
±200
1.02M
Ω - 5.6MΩ
(2512)
±400
1.0
Ω - 9.76Ω
5.62 M
Ω- 10MΩ


Similar Part No. - RK73X1ET1003F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73-RT KOA-RK73-RT Datasheet
237Kb / 2P
   flat chip resistors (anti-sulfuration)
logo
List of Unclassifed Man...
RK737 ETC2-RK737 Datasheet
235Kb / 1P
   Nylon-Insulated Ring Terminals
logo
KOA Speer Electronics, ...
RK73A1JLTD102G KOA-RK73A1JLTD102G Datasheet
95Kb / 2P
   audio applications 2%,5%tolerance
RK73A1JLTD102J KOA-RK73A1JLTD102J Datasheet
95Kb / 2P
   audio applications 2%,5%tolerance
RK73A1JLTDD102G KOA-RK73A1JLTDD102G Datasheet
95Kb / 2P
   audio applications 2%,5%tolerance
More results

Similar Description - RK73X1ET1003F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73H KOA-RK73H Datasheet
385Kb / 2P
   precision 0.5%, 1% tolerance
RK73H1ETTP4301F KOA-RK73H1ETTP4301F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1JTTD1272F KOA-RK73H1JTTD1272F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H2ATTD9091F KOA-RK73H2ATTD9091F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1H KOA-RK73H1H Datasheet
92Kb / 2P
   precision 0.5%,1%tolerance thick film chip resistor
RK73H2BTTD1003F KOA-RK73H2BTTD1003F Datasheet
226Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1ETTP1200F KOA-RK73H1ETTP1200F Datasheet
226Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1ETTP1212F KOA-RK73H1ETTP1212F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
logo
List of Unclassifed Man...
RK73H ETC1-RK73H Datasheet
524Kb / 2P
   PRECISION 0.5%, 1% TOLERANCE THICK FILM CHIP RESISTOR
logo
KOA Speer Electronics, ...
RK73H2BTTD3323F KOA-RK73H2BTTD3323F Datasheet
248Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com