Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHCT374ADW Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74VHCT374ADW
Description  Octal D-Type Flip-Flop with 3-State Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT374ADW Datasheet(HTML) 4 Page - ON Semiconductor

  MC74VHCT374ADW Datasheet HTML 1Page - ON Semiconductor MC74VHCT374ADW Datasheet HTML 2Page - ON Semiconductor MC74VHCT374ADW Datasheet HTML 3Page - ON Semiconductor MC74VHCT374ADW Datasheet HTML 4Page - ON Semiconductor MC74VHCT374ADW Datasheet HTML 5Page - ON Semiconductor MC74VHCT374ADW Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74VHCT374A
MOTOROLA
VHC Data – Advanced CMOS Logic
DL203 — Rev 1
4
Figure 1.
3V
1.5V
1.5V
CP
tPLH
tPHL
Q
tW
1/fmax
1.5V
1.5V
1.5V
OE
Q
tPZL
tPLZ
tPZH tPHZ
3V
HIGH
IMPEDANCE
VOL +0.3V
VOH –0.3V
HIGH
IMPEDANCE
1.5V
D
CP
3V
GND
GND
VALID
th
tsu
1.5V
Q
Figure 2.
Figure 3.
SWITCHING WAVEFORMS
Figure 4.
* Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
* Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 k
Figure 5.
TEST CIRCUITS
EXPANDED LOGIC DIAGRAM
D0
3
DQ
C
Q0
2
D1
4
DQ
C
Q1
5
D2
7
DQ
C
Q2
6
D3
8
DQ
C
Q3
9
D4
13
DQ
C
Q4
12
D5
14
DQ
C
Q5
15
D6
17
DQ
C
Q6
16
D7
18
DQ
C
Q7
19
CP
OE
11
1
GND
VOH
VOL
GND
3V


Similar Part No. - MC74VHCT374ADW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT374ADWR2 ONSEMI-MC74VHCT374ADWR2 Datasheet
107Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHCT374ADWRG ONSEMI-MC74VHCT374ADWRG Datasheet
107Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74VHCT374ADWRG ONSEMI-MC74VHCT374ADWRG Datasheet
150Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
MC74VHCT374ADWRG ONSEMI-MC74VHCT374ADWRG Datasheet
103Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
October, 2014 ??Rev. 6
More results

Similar Description - MC74VHCT374ADW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC374 MOTOROLA-MC74VHC374 Datasheet
177Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
1997 REV 0
logo
Toshiba Semiconductor
TC7MH374FK TOSHIBA-TC7MH374FK Datasheet
194Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A_11 Datasheet
137Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC74AC374FT TOSHIBA-TC74AC374FT Datasheet
321Kb / 7P
   OCTAL D - TYPE FLIP -FLOP WITH 3 STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A_11 Datasheet
150Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK Datasheet
222Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
TC74LVX374F TOSHIBA-TC74LVX374F Datasheet
281Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A_14 Datasheet
103Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
October, 2014 ??Rev. 6
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK_07 Datasheet
188Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com