Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV47C39 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BZV47C39
Description  2W silicon Zener diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BZV47C39 Datasheet(HTML) 3 Page - STMicroelectronics

  BZV47C39 Datasheet HTML 1Page - STMicroelectronics BZV47C39 Datasheet HTML 2Page - STMicroelectronics BZV47C39 Datasheet HTML 3Page - STMicroelectronics BZV47C39 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - BZV47C39

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZV47C39 STMICROELECTRONICS-BZV47C39 Datasheet
61Kb / 4P
   2W ZENER DIODES
logo
New Jersey Semi-Conduct...
BZV47C39 NJSEMI-BZV47C39 Datasheet
194Kb / 3P
   2W ZENER DIODES
More results

Similar Description - BZV47C39

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
2EZ LUGUANG-2EZ Datasheet
1Mb / 2P
   2W Silicon Zener Diodes
logo
Jinan Jing Heng Electro...
2EZ200D5 JINGHENG-2EZ200D5 Datasheet
71Kb / 2P
   2W SILICON PLANAR ZENER DIODES
ZY200 JINGHENG-ZY200 Datasheet
72Kb / 2P
   2W SILICON PLANAR ZENER DIODES
logo
STMicroelectronics
BZV47C5V1 STMICROELECTRONICS-BZV47C5V1 Datasheet
61Kb / 4P
   2W ZENER DIODES
logo
New Jersey Semi-Conduct...
BZV47C5V1 NJSEMI-BZV47C5V1 Datasheet
194Kb / 3P
   2W ZENER DIODES
logo
Panasonic Semiconductor
DZ2W03900L PANASONIC-DZ2W03900L Datasheet
609Kb / 2P
   NEW Zener Diodes Series 1W/2W Zener Diodes Series
logo
Diotech Company.
2EZ2.7D5 DIOTECH-2EZ2.7D5 Datasheet
650Kb / 3P
   2W SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
2M6.8Z TSC-2M6.8Z_15 Datasheet
214Kb / 6P
   2W, 6.8V - 200V Glass Passivated Junction Silicon Zener Diodes
logo
Diotech Company.
SZ403G DIOTECH-SZ403G Datasheet
755Kb / 2P
   2W SURFACE MOUNT SILICON ZENER DIODE
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com