Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R8957701-ZXC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 5962R8957701-ZXC
Description  BCRTM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5962R8957701-ZXC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  5962R8957701-ZXC Datasheet HTML 1Page - List of Unclassifed Manufacturers 5962R8957701-ZXC Datasheet HTML 2Page - List of Unclassifed Manufacturers 5962R8957701-ZXC Datasheet HTML 3Page - List of Unclassifed Manufacturers 5962R8957701-ZXC Datasheet HTML 4Page - List of Unclassifed Manufacturers 5962R8957701-ZXC Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962R8957701-ZXC Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962R8957701-ZXC Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962R8957701-ZXC Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962R8957701-ZXC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
BCRTM-1
UT1553 BCRTM
FEATURES
p Comprehensive MIL-STD-1553 dual-redundant Bus
Controller (BC) and Remote Terminal (RT) and
Monitor (M) functions
p MIL-STD-1773 compatible
p Multiple message processing capability in BC
p TimetaggingandmessagelogginginRTandMmodes
p Automatic polling and intermessage delay in
BC mode
p Programmable interrupt scheme and internally
generated interrupt history list
p Register-oriented architecture to enhance
programmability
p DMA memory interface with 64K addressability
p Internal self-test
p Radiation-hardened option available for 84-lead
flatpack package only
p RemoteterminaloperationsinASD/ENASD-certified
(SEAFAC)
p Available in 84-pin pingrid array, 84-lead flatpack, 84-
lead leadless chip-carrier
p Standard Microcircuit Drawing 5962-89577 available
- QML Q and V compliant
16
16
16
CONTROL
DMA/CPU
MESSAGE
RT/MONITOR
MESSAGE
BC PROTOCOL
HANDLER
INTERRUPT
CONVER-
PARALLEL
SERIAL-TO-
CONVER-
TO-SERIAL
PARALLEL-
MODULE
DECODER
ENCODER/
CHANNEL
DUAL
BUS
TRANSFER
LOGIC
ADDRESS
16
TIMEOUT
TIMERON
CLOCK &
RESET
12MHz
MASTER
RESET
GENERATOR
ADDRESS
16
1553
HIGH-PRIORITY
RT ADDRESS
STANDARD INTERRUPT
HIGH-PRIORITY
INTERRUPT LOG
CURRENT COMMAND
BUILT-IN-TEST WORD
POLLING COMPARE
CURRENT BC (or M) BLOCK/
STATUS
CONTROL
REGISTERS
LIST POINTER
DATA
16
BUILT-
IN-
TEST
16
16
MONITOR ADDRESS
INTERRUPT STATUS
INTERRUPT ENABLE
SION
SION
PROTOCOL &
HANDLER
&
HANDLER
DATA
CHANNEL
B
1553
DATA
CHANNEL
A
LOGIC
HIGH-PRIORITY
STD PRIORITY LEVEL
STD PRIORITY PULSE
DMA ARBITRATION
REGISTER CONTROL
DUAL-PORT MEMORY CONTROL
RT DESCRIPTOR SPACE
ENABLE
BUILT-IN-TEST
START COMMAND
RESET COMMAND
CONTROL
MONITOR ADDRESS
SELECT (0-15)
MONITOR ADDRESS
Figure 1. BCRTM Block Diagram
SELECT (16-31)
RT TIMER
RESET COMMAND


Similar Part No. - 5962R8957701-ZXC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962R8958702V9A TI1-5962R8958702V9A Datasheet
390Kb / 17P
[Old version datasheet]   1A Low Dropout Regulator
5962R8958704VXA TI1-5962R8958704VXA Datasheet
390Kb / 17P
[Old version datasheet]   1A Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com